Part Number Hot Search : 
40N60 2SC1324 400JL6 ESD7321 16F16 1N4739AW S1205 MA4AGSW
Product Description
Full Text Search
 

To Download BCX52 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D109
BCX51; BCX52; BCX53 PNP medium power transistors
Product specification Supersedes data of 1999 Apr 19 2001 Oct 10
Philips Semiconductors
Product specification
PNP medium power transistors
FEATURES * High current (max. 1 A) * Low voltage (max. 80 V). APPLICATIONS * Medium power general purposes * Driver stages of audio amplifiers. DESCRIPTION
handbook, halfpage
BCX51; BCX52; BCX53
PINNING PIN 1 2 3 emitter collector base DESCRIPTION
PNP medium power transistor in a SOT89 plastic package. NPN complements: BCX54, BCX55 and BCX56.
3
2
MARKING TYPE NUMBER BCX51 BCX51-10 BCX51-16 BCX52 BCX52-10 MARKING CODE AA AC AD AE AG TYPE NUMBER BCX52-16 BCX53 BCX53-10 BCX53-16 MARKING CODE AM AH AK AL
1 Bottom view 2 3
MAM297
1
Fig.1 Simplified outline (SOT89) and symbol.
2001 Oct 10
2
Philips Semiconductors
Product specification
PNP medium power transistors
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO BCX51 BCX52 BCX53 VCEO collector-emitter voltage BCX51 BCX52 BCX53 VEBO IC ICM IBM Ptot Tstg Tj Tamb Note emitter-base voltage collector current (DC) peak collector current peak base current total power dissipation storage temperature junction temperature operating ambient temperature Tamb 25 C; note 1 open collector open base PARAMETER collector-base voltage CONDITIONS open emitter
BCX51; BCX52; BCX53
MIN. - - - - - - - - - - - -65 - -65
MAX. -45 -60 -100 -45 -60 -80 -5 -1 -1.5 -200 1.3 +150 150 +150 V V V V V V V A A
UNIT
mA W C C C
1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 6 cm2. For other mounting conditions, see "Thermal considerations for SOT89 in the General Part of associated Handbook". THERMAL CHARACTERISTICS SYMBOL Rth j-a Rth j-s Note 1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 6 cm2. For other mounting conditions, see "Thermal considerations for SOT89 in the General Part of associated Handbook". PARAMETER thermal resistance from junction to ambient CONDITIONS note 1 VALUE 94 14 UNIT K/W K/W
thermal resistance from junction to soldering point note 1
2001 Oct 10
3
Philips Semiconductors
Product specification
PNP medium power transistors
CHARACTERISTICS Tamb = 25 C unless otherwise specified. SYMBOL ICBO IEBO hFE PARAMETER collector cut-off current emitter cut-off current DC current gain CONDITIONS IE = 0; VCB = -30 V
BCX51; BCX52; BCX53
MIN. - - - 63 63 40 63 100
TYP. MAX. UNIT - - - - - - - - - - 50 -100 -10 -100 - 250 - 160 250 -500 -1 - mV V MHz nA A nA
IE = 0; VCB = -30 V; Tj = 125 C IC = 0; VEB = -5 V VCE = -2 V; see Fig.2 IC = -5 mA IC = -150 mA IC = -500 mA DC current gain BCX51-10; BCX52-10; BCX53-10 BCX51-16; BCX52-16; BCX53-16 VCEsat VBE fT collector-emitter saturation voltage base-emitter voltage transition frequency IC = -500 mA; IB = -50 mA IC = -500 mA; VCE = -2 V IC = -150 mA; VCE = -2 V; see Fig.2
- -
IC = -10 mA; VCE = -5 V; f = 100 MHz -
handbook, full pagewidth
160
MBH730
hFE 120
VCE = -2 V
80
40
0 -10-1
-1
-10
-102
-103
IC (mA)
-104
Fig.2 DC current gain; typical values.
2001 Oct 10
4
Philips Semiconductors
Product specification
PNP medium power transistors
PACKAGE OUTLINE
BCX51; BCX52; BCX53
Plastic surface mounted package; collector pad for good heat transfer; 3 leads
SOT89
D
B
A
b3
E HE
L
1
2
b2
3
c
wM
b1 e1 e
0
2 scale
4 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.6 1.4 b1 0.48 0.35 b2 0.53 0.40 b3 1.8 1.4 c 0.44 0.37 D 4.6 4.4 E 2.6 2.4 e 3.0 e1 1.5 HE 4.25 3.75 L min. 0.8 w 0.13
OUTLINE VERSION SOT89
REFERENCES IEC JEDEC TO-243 EIAJ SC-62
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 99-09-13
2001 Oct 10
5
Philips Semiconductors
Product specification
PNP medium power transistors
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development
BCX51; BCX52; BCX53
DEFINITIONS This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2001 Oct 10
6
Philips Semiconductors
Product specification
PNP medium power transistors
NOTES
BCX51; BCX52; BCX53
2001 Oct 10
7
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2001
SCA73
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613514/04/pp8
Date of release: 2001
Oct 10
Document order number:
9397 750 08743


▲Up To Search▲   

 
Price & Availability of BCX52

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X