Part Number Hot Search : 
CRA04S MAX168 780208 LB1950 A41181 8108A VAL1Z 3DMXX
Product Description
Full Text Search
 

To Download B0520WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product Announcement
May 2001
0.4 amp Schottky Low Forward Voltage Rectifier: B0520WS -- First SOD-323 Rectifier Product!
D E
SOD-323 Dim
AB G C J
Min 2.30 1.60 1.20
Max 2.70 1.80 1.40
A B C
H
D E G H
1.05 Typical 0.25 0.20 0.10 0.35 0.40 0.15
Key Features
!
J
0.05 Typical
Very low forward voltage drop (VF): -- VF(MAX) @ IF = 0.5A: 400mV -- VF(MAX) @ IF = 0.1A: 300mV
All Dimensions in mm
!
High average rectified current rating for a SOD-323 device (IO): 400mA.
Benefits
1. Low power loss / highly efficient. 2. Can operate at very high frequencies / conducive to switch-mode circuits. 3. Very small package allows for greater circuit density and reduced PCB area consumption.
End Equipment Applications
Computer Motherboard, Portable Applications, and Handheld Devices: PWM Controller circuit in motherboard Low ripple 5V to -3V "Cuk" Converter ! 5V to 3.3VDC, 4 Amp Synchronous Step-Down Power Supply Controller ! Low Voltage Micro to Motor Interface Can be used for clamping, protection, and detection
! !
Availability
! ! !
Samples Now Available Production Quantities stock to 4-6 weeks Data Sheet available NOW at: http://www.diodes.com/datasheets/ds30235.pdf
_____________________________________________________________________________________________ For more information, contact the Sales Department at Diodes Incorporated Tel (805) 446-4800 / Fax (805) 446-4850 www.diodes.com
New Product Announcement - May 2001
Crosses to Other Manufacturers' Parts
!
Near equivalent to: o o o Rohm RB551V-30 Central Semi CMDSH2-3 Infineon BAT60B
Ways B0520WS Surpasses Its Competition
!
Rohm RB551V-30 o o Our B0520WS offers lower forward voltage drop for more efficient forward operation. On battery-powered devices, such as PDAs, cell phones, and notebook computers, this could equate to longer battery life.
!
Central Semi CMDSH2-3 o o o Our B0520WS offers lower forward voltage drop for more efficient forward operation. On battery-powered devices, such as PDAs, cell phones, and notebook computers, this could equate to longer battery life. Our B0520WS offers a higher forward surge current rating. This could result in our part reliably withstanding strong over-current transient conditions which can occur during unexpected short-duration short-circuit conditions.
!
Infineon BAT60B o o Higher BVR may allow customer to use our B0520WS in some higher voltage applications, where they cannot use Infineon. Lower IR may equate to less power consumption and/or longer battery life in some applications.
_____________________________________________________________________________________________ For more information, contact the Sales Department at Diodes Incorporated Tel (805) 446-4800 / Fax (805) 446-4850 www.diodes.com


▲Up To Search▲   

 
Price & Availability of B0520WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X