Part Number Hot Search : 
GM5401 40MHZ MA142 SC202 HA114Y SMF200A LLZ51V GM5401
Product Description
Full Text Search
 

To Download ATA5283 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * *
Wake-up Function for a Microcontroller with Preamble Detection 1 mVrms Sensitivity 1 A Standby Current Power Supply: 2 V to 4.2 V Baud Rate: up to 4 kbps (ASK Manchester Modulation) Operation Temperature: up to 125C Withstands +175C Few External Components
Application
* Tire Pressure Monitoring (TPM)
Description
The ATA5283 is a 125 kHz ultra-low power receiver used for the wake-up function of Tire Pressure Monitoring (TPM) application. The sensitive input stage of the IC amplifies and demodulates the carrier signal from the antenna coil to a digital output signal for a microcontroller. During the standby mode the preamble detection unit monitors the incoming signal and activates the wake-up output and the data output, if the IC receives a proper 125 kHz carrier signal. By combining the IC with an antenna coil, a microcontroller, an RF transmitter/transceiver, a battery, temperature- and pressure sensor, it is possible to design a complete Tire Pressure Monitoring system (TPM). Figure 1. Block Diagram
Interface IC for 125 kHz Wake-up Function ATA5283 Preliminary
Battery
VDD
ATA5283
Lx COIL
Amplifier with AGC
RESET
Vref
Conditioner Preamble check
N_WAKEUP
N_DATA TST1 TST2 GND
Rev. 4598A-AUTO-04/03
1
Pin Configuration
Figure 2. Pinning TSSOP8L
COIL_X TST1 TST2 VSS
1 2 3 4
8 7 6 5
VDD N_WAKEUP N_DATA RESET
Pin Description
Pin 1 2 3 4 5 6 7 8 Symbol COIL TST1 TST2 VSS RESET N_DATA N_WAKEUP VDD Function Antenna coil input Test pin (reserved) Test pin (reserved) Signal ground External reset input Data signal Low active wake-up signal for microcontroller Battery voltage
2
ATA5283
4598A-AUTO-04/03
ATA5283
Functional Description
The ATA5283 is an ultra-low power ASK receiver. Without a carrier signal it operates in the standby listen mode. In this mode it monitors the coil input with a very low current consumption. To activate the IC and the connected control unit, the transmitting stage must send the preamble carrier burst. After a preamble is detected the IC is activated. It adapts the gain of the input stage and enables the wake-up and the data output. The first gap at the end of the preamble generates a wake-up signal for the microcontroller. After that the receiver outputs the data signal at N_DATA. To return the IC into the standby listen mode it must be reset via the RESET input. The input stage contains an Automatic Gain Control (AGC) amplifier to amplify the input signal from the coil. The gain is adjusted by the automatic gain control circuit if a preamble signal is detected. The high dynamic range of the AGC enables the IC to operate with input signals from 1 mVrms to 1.1 Vrms. After the AGC settling time the amplifier output delivers a 125 kHz signal with an amplitude adjusted for the following evaluation circuits' preamble detection, signal conditioner, wake-up. Before data transmission the IC stays in standby listen mode. To prevent the circuit from unintended operations in a noisy environment the preamble detection circuit checks the input signal. A valid signal is detected by a counter after 192 carrier periods without interrupts. Short interrupts which are suppressed by the signal conditioner are tolerated. When a valid carrier (preamble) is found the circuit starts the automatic gain control. It requires up to 512 carrier periods to settling. The complete preamble should have 704 carrier periods minimum. The preamble is terminated and the data transfer is started with the first gap (Start Gap) in the carrier (see Figure 3).
AGC Amplifier
Preamble Detection
Figure 3. Communication Protocol
Procedure
192 Periods of LF
Preamble >5.64 ms >512 Periods of LF
Start gap
Data
Signal
N_DATA N_WAKEUP RESET Gain control Current profile
No gain control AGC adjustment Gain control active No Gain Control
1 A
2 A
0.5 A
3
4598A-AUTO-04/03
Automatic Gain Control
For a correct demodulation the signal conditioner needs appropriate internal signal amplitude. To control the input signal the ATA5283 has a build in digital AGC. The gain control circuit regulates the internal signal amplitude to the reference value (Ref2, Figure 4). It decreases the gain by one step if the internal signal exceeds the reference level for two periods and it increases the gain by one step if eight periods do not achieve the reference level. In the standby listen mode the gain is reset to the maximum value. If a valid preamble signal (192 valid carrier clocks) is detected the automatic gain control is activated.
Note: With the variation of the gain the coil input impedance changes from high impedance to minimal 143 kW because of the internal regulator circuit (see Figure 10).
Figure 4. Automatic Gain Control
Transmitted signal
Coil input
Gain control reference
Ref.2
100%
Gap detection Ref.1 reference
50%
Gain controlled signal
Internal comparator singal
N_DATA
4
ATA5283
4598A-AUTO-04/03
ATA5283
Signal Conditioner The signal conditioner demodulates the amplifier output signal and converts it to a binary signal. It compares the carrier signal with the 50% reference level (see Ref1 in Figure 5) and delivers a logical 1, if the carrier signal stays below the reference and a logical 0, if it exceeds the reference level. A smoothing filter suppress the space between the half-waves as well as a few missing periods in the carrier and glitches during the gaps. The output signal of the signal conditioner is used as the internal data signal for the data output, the wake-up logic and the preamble detection. The timing of the demodulated data signal is delayed related to the signal at the transmitting end. This delay is a function of the carrier frequency, the behavior of the smoothing filter and the antenna Q-factor. The smoothing filter causes a delay of 3 to 6 periods (see tb and td in Figure 5). The rest of the delay is caused by the build-up time of the antenna signal and is conditioned on the Q-factor (see ta and tc in Figure 5). Figure 5. Output Timing
Ref.2 Ref.1 Coil input 100% 50%
Comparator output N_DATA ta tb tON tc td tOFF
5
4598A-AUTO-04/03
The following diagrams show the delay of the data signal as a function of the antenna Q-factor. Figure 6. Turn On Delay Time (tON ) versus Antenna Q-Factor
250 ffield = 125 kHz 200 Max. ton (s) 150 100 Min. 50 0 0 10 20 30 Q-factor 40 50 Typ.
Figure 7. Turn Off Delay Time (toff) versus Antenna Q-Factor
200 180 160 140 toff (s) 120 100 80 60 40 20 0 0 10 20 Q-factor 30 40 50
Min. Max. Typ. ffield = 125 kHz
Data Output
The data output N_DATA outputs the demodulated and digitized LF signal according to the envelope of the antenna input signal. In the standby mode the N_DATA output is disabled and set to level 1. It is enabled by the wake-up signal and it outputs 1 level if the IC detects the carrier signal and a 0 level during the gaps (see Figure 3). As the circuit does not check the received data (except the preamble), it is up to the user to choose the kind of encoding (pulse distance, Manchester, bi-phase...) wanted.
Wake-up Signal
The wake-up signal (N_WAKEUP) indicates that the ATA5283 has detected the end of a preamble signal and has left the standby mode. It can be used as a wake-up or a chip select signal for an external device (see Figure 3). After a preamble is detected the first valid gap (Start Gap) sets the N_WAKEUP output to low and enables the data output N_DATA. The N_WAKEUP holds the low level until the IC is reset to the standby mode by a reset signal.
6
ATA5283
4598A-AUTO-04/03
ATA5283
Reset The IC is reset either by the internal POR circuit during a power on sequence or by a high pulse at the RESET pin. After the reset all internal counters are in the initial state and the IC is in the standby listen mode. The POR circuit generates a reset while the supply voltage VDD is below the power on reset threshold VPOR and release the function of the IC if VDD exceeds this threshold. A high signal at the RESET pin resets the complete circuit. If the IC is activated a reset signal is necessary to activate the standby listen mode. The RESET pin can also be used to hold the IC in a power down state. In this state the the IC is out of operation and the current consumption is below the standby current.
Note: The RESET pin is high impedance CMOS input. To avoid floating effects like undefined input states and malfunctions it should not be open.
Standby Listen Mode
In the standby listen mode the IC monitors the coil input with a very low current consumption. The automatic gain control is switched off and the gain is set to the maximum value. The N_DATA and the N_WAKEUP output are set to a high level. Before the controller enters its standby mode after the communication, it should activate the standby listen mode of the ATA5283 with a reset signal. This measure ensures that the IC enters the power saving standby mode and that the IC wakes the controller correctly with the next preamble signal.
Applications
Figure 8 shows a typical TPM application of the ATA5283. Combined with the antenna resonant circuit the ATA5283 is used as wake-up receiver for the microcontroller and the connected temperature- and pressure-sensor.
Note: To avoid supply voltage ripples to affect the microcontroller, an RC filter (R1 = 100 W, C1 = 10 nF) is recommended.
Figure 8. Application
R1
125 kHz
VDD Amplifier with AGC
C1
ATA5283
RESET RESET N_WAKEUP N_DATA
Temp. Sensor
Micro controller MARC4
Central Board Controller
Antenna Driver ATA5275
LA CA
o
Vref
Pressure Sensor
GND
UHF Receiver T5760
433 MHz
UHF Modul T5750
7
4598A-AUTO-04/03
Figure 9. Pin Connection and Pin Protection
ATA5283
COIL_X
1 Divider impedance 143 kOhm ... 5 MOhm
8
VDD
VDD TST1 2
VDD 7 2k N_WAKEUP
VDD TST2 3
VDD 6 2k N_DATA
VDD VSS RESET
4 1k
5
Figure 10. Coil Input Impedance
10000 max. typ. min.
Z (k W )
1000
100 1 10 100 1000 10000
Coil Input Signal (mV PP )
8
ATA5283
4598A-AUTO-04/03
ATA5283
Absolute Maximum Ratings
Parameters Power supply Input voltage (except coil inputs) Input current coil Input voltage coil ESD protection (human body) Operating temperature range Withstanding 175C Storage temperature range Soldering temperature Symbol VDD VIN ICI VCI VESD Tamb tTEMP Tstg Tsld Value -0.3 to +6.5 VSS-0.3 < VIN < VDD + 0.3 10 VDD-3.5 < VCI < VDD + 3.5 4 -40 to +125 30 -40 to +150 260 Unit V V mA V kV C min. C C
Thermal Resistance
Parameters Thermal resistance junction ambient Symbol RthJA Value 210 Unit K/W
Operating Range
Parameters Power supply range Operating temperature range Symbol VDD TOP Value 2 to 4.2 -40 to -125 Unit V C
Electrical Characteristics
VSS = 0 V, VDD = 2 V to 4.2 V, Tamb = -40C to +105C, characterized up to 125C, unless other specified
No. 1 1.1 Parameters Power supply Reset supply current -40 Reset supply current +25 1.2 Reset supply current +85 Reset supply current +105 Reset supply current +125 Supply current (standby listen mode) -40 Supply current (standby listen mode) +25 1.3 Supply current (standby listen mode) +85 Supply current (standby listen mode) +105 Supply current (standby listen mode) +125 1, 2, 3, 8 IDDL 1 1, 2, 3, 8 IDDR 0.5 Test Conditions Pin 8 Symbol VDD Min. 2 Typ. 3.2 Max. 4.2 TBD TBD TBD TBD TBD 1.4 1.5 1.6 1.6 1.6 Unit V A A A A A A A A A A Type* A A A C A C A A C A C Power Supply and Coil Limiter
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
9
4598A-AUTO-04/03
Electrical Characteristics (Continued)
VSS = 0 V, VDD = 2 V to 4.2 V, Tamb = -40C to +105C, characterized up to 125C, unless other specified
No. Parameters Supply current (AGC active) -40 Supply current (AGC active) +25 1.4 Supply current (AGC active) +85 Supply current (AGC active) +105 Supply current (AGC active) +125 ICI = 1 mA VDD = 2 V ICI = 1 mA VDD = 3.2 V ICI = 1 mA VDD = 2 V 2 2.1 2.2 2.3 2.4 2.5 3 3.1 Amplifiers Wake-up sensitivity Bandwidth Upper corner frequency Lower corner frequency Input impedance Automatic Gain Control Preamble detection time VIN 3 mVPP at 125 kHz f = 125 kHz VIN = 3 mVPP VIN = 3 mVPP VIN = 3 mVPP VIN = 3 mVPP VIN = 3 mVPP 1 Coil input signal: 50 to 100% changing Coil input signal: 100 to 50% changing 125 kHz ASK 125 kHz ASK 125 kHz ASK 1 1 tAGC tAGC tAGC tAGC tAGC tEOS tCORR tCORR DR tON tOFF 4 40 40 0 96 220 292 450 tDAGC 192 Periods B 125 kHz input signal Without coil Without coil Without coil f = 125 kHz 7 6 6 6 1-3 VSENS BW fu fo RIN 143 1 230 200 30 2 mVrms kHz kHz kHz kW A C C C A 1-3 VC 1.4 1.6 1.8 1,2, 3, 8 IDD 2 Test Conditions Pin Symbol Min. Typ. Max. 4.0 4.1 4.2 4.2 4.2 Unit A A A A A Vp Vp Vp Type* A A C A C A A A
1.5
Coil input voltage referred to VDD (Input coil limiter for channels X, Y, Z)
3.2
AGC adjustment time
Periods
C
512 24 52 208 Periods Periods Periods kbits/s s s C C C A A A
3.3
Signal change rate (gap detection) AGC correction time (no gap detection) Data rate (Q < 20) Delay time RF signal to data Delay time RF signal to data
3.4
3.5 3.6 3.7
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
10
ATA5283
4598A-AUTO-04/03
ATA5283
Electrical Characteristics (Continued)
VSS = 0 V, VDD = 2 V to 4.2 V, Tamb = -40C to +105C, characterized up to 125C, unless other specified
No. 4 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 5 5.1 5.2 5.3 Parameters Interface Reset input level high Reset input level low Reset input leakage current low Reset input leakage current high N_WAKEUP output level high N_WAKEUP output level low N_DATA output level high N_DATA output level low Power Supply and Reset VDD power on reset threshold Power-up time RESET reactivation caused by negative spikes on VDD Switch on VDD to circuit active tBDN = 500 ns 7 VPOR VPON tRST 10 1 1.5 1.9 100 100 V ms s A C C VRESET = VSS VRESET = VDD INWAKEUP = -100 A INWAKEUP = 100 A IN_DATA = -100 A IN_DATA = 100 A 5 5 5 5 7 7 6 6 VHRESET VLRESET IIL IIH VHNWAKE VLNWAKE VHNDATA VLNDATA 0.8 VDD 0 -0.2 0 0.8 VDD 0 0.8 VDD 0 VDD 0.2 VDD 0 0.2 VDD 0.2 VDD VDD 0.2 VDD V V A A V V V V A C A A A A A A Test Conditions Pin Symbol Min. Typ. Max. Unit Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
11
4598A-AUTO-04/03
Ordering Information
Extended Type Number ATA5283 Package TSSOP8L Remarks -
Package Information
12
ATA5283
4598A-AUTO-04/03
Atmel Headquarters
Corporate Headquarters
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany TEL (49) 71-31-67-0 FAX (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland TEL (41) 26-426-5555 FAX (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France TEL (33) 2-40-18-18-18 FAX (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France TEL (33) 4-76-58-30-00 FAX (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimhatsui East Kowloon Hong Kong TEL (852) 2721-9778 FAX (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France TEL (33) 4-42-53-60-00 FAX (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland TEL (44) 1355-803-000 FAX (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan TEL (81) 3-3523-3551 FAX (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
(c) Atmel Corporation 2003. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
Atmel (R) is the registered trademark of Atmel. Other terms and product names may be the trademarks of others. Printed on recycled paper.
4598A-AUTO-04/03 xM


▲Up To Search▲   

 
Price & Availability of ATA5283

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X