Part Number Hot Search : 
G80386DX G5803 Q7008RH4 H11D23S OY153K BCPZRL UF5407 T4110
Product Description
Full Text Search
 

To Download AT12020-21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AT12020-21
SILICON ABRUPT VARACTOR DIODE
DESCRIPTION:
The AT12020-21 is Designed for High Performance RF and Microwave Applications Requiring an Abrupt Variable Capacitance Characteristic.
FEATURES INCLUDE:
* High Tuning Ratio, CT = 10 MIN. * High Quality Factor, Q = 300 MIN. * Hermetic Package, CP = .20 pF LS = .42 nH
PACKAGE STYLE 21
MAXIMUM RATINGS
IF VR PDISS TJ TSTG JC
O O
200 mA 120 V 1.75W @ TC 25 C -55 C to +150 C -55 C to +150 C 70 C/W
O O O O
NONE
CHARACTERISTICS
SYMBOL
VR VF IR CT CT Q RS IR = 10 A IF = 1 mA VR = 100 V VR = 4 V CT0/ CT120 VR = 4 V IF = 10 mA
TC = 25 C
O
TEST CONDITIONS
MINIMUM TYPICAL
120
MAXIM
1.0 100
UNITS
V V A pF -----
f = 1.0 MHz f = 1.0 MHz f = 50 MHz f = 2400 MHz
36 10.0 300
38
40
0.9
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of AT12020-21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X