Part Number Hot Search : 
MC13190D H100J P80N0 003930 LBT08014 P6KE51 C09AN 24004
Product Description
Full Text Search
 

To Download ASB0520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASB0520
SMD Schottky Barrier Diode Features
IO = 500mA
VR = 20V
- Low forward voltage - Designed for mounting on small surface. - Extremely thin package. - Majority carrier conduction. - Lead-free device
0.015(0.40)Typ. 0.033(0.85) 0.027(0.70)
General Description
SOD-523F(1608)
0.071(1.80) 0.063(1.60) 0.039(1.00) 0.031(0.80)
0.012(0.30)Typ.
0.027(0.70)Typ. Dimensions in inches and (millimeter)
P+
SOD-323F(2512)
0.102(2.60) 0.095(2.40)
Mechanical Data
- Case : SOD-523F(1608) SOD-323F(2512) standard package, molded plastic. - Terminals : Gold plated, solderable per MIL-STD-750, method 2026. - Polarity : Indicated by cathode band. - Mounting position : Any.
- Weight : BD:0.003gram (approximately)
0.039(1.00)Typ. 0.021(0.55)Typ.
0.051(1.30) 0.043(1.10)
0.035(0.90) 0.027(0.70)
0.012(0.30)Typ.
Dimensions in inches and (millimeter)
BF:0.006gram (approximately)
Ordering information
A XX XX XX XX
Feature SB : Schottky Barrier
lo
Vo
Package type BD-SOD-523F BF-SOD-323F
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Aug 2, 2004 1/3
ASB0520
SMD Schottky Barrier Diode Maximum Rating (at TA=25C unless otherwise noted)
Symbol Parameter Conditions Min Typ Max Unit
VRRM VR IO IFSM TSTG Tj
Repetitive peak reverse voltage Reverse voltage Average forward rectified current Forward current, surge peak Storage temperature Junction temperature 8.3ms single half sine-wave superimposed on rate load (JEDEC method)
-40 -40
-
30 20 500 2 +125 +125
V V mA A C C
Electrical Characteristics (at TA=25C unless otherwise noted)
Symbol Parameter Conditions Min. Typ. Max. Unit
VF IR CT
Forward voltage Reverse current Capacitance between terminals
IF=100mA IF=500mA VR=20V f=1MHz, and 0 VDC reverse voltage
-
100
0.36 0.47 100 -
V uA pF
Anachip Corp. www.anachip.com.tw 2/3
Rev. 1.0 Aug 2, 2004
ASB0520
SMD Schottky Barrier Diode Rating And Characteristic Curves
Fig. 1 - Forward characteristics Fig. 2 - Reverse characteristics
Fig. 3 - Capacitance between terminals characteristics
Fig. 4 - Current derating curve
Marking Information
BL
ASB0520
Anachip Corp. www.anachip.com.tw 3/3
Rev. 1.0 Aug 2, 2004


▲Up To Search▲   

 
Price & Availability of ASB0520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X