Part Number Hot Search : 
APL2065 NSVA397 TS4972 ISL80102 DE7806A SB101 VNV49N04 L331C
Product Description
Full Text Search
 

To Download AP2306AGN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP2306AGN
Pb Free Plating Product
Advanced Power Electronics Corp.
Capable of 2.5V gate drive Lower on-resistance Surface mount package
S D
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
30V 35m 5A
Description
SOT-23
G
Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and cost-effectiveness device. The SOT-23 package is universally used for all commercial-industrial applications.
D
G S
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current , VGS @ 4.5V Continuous Drain Current , VGS @ 4.5V Pulsed Drain Current
1 3 3
Rating 30 12 5 4 20 1.38 0.01 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 90
Unit /W
Data and specifications subject to change without notice
200105041
AP2306AGN
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=250uA
Min. 30 0.5 -
Typ. 0.1 13 8.5 1.5 3.2 6 20 20 3 660 90 70
Max. Units 30 35 50 90 1.2 1 25 100 15 1050 V V/ m m m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=5A VGS=4.5V, ID=5A VGS=2.5V, ID=2.6A VGS=1.8V, ID=1.0A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=VGS, ID=250uA VDS=5V, ID=5A VDS=30V, VGS=0V VDS=24V ,VGS=0V VGS= 12V ID=5A VDS=16V VGS=4.5V VDS=15V ID=5A RG=3.3,VGS=10V RD=3 VGS=0V VDS=25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=1.2A, VGS=0V IS=5A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 14 7
Max. Units 1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 270/W when mounted on min. copper pad.
AP2306AGN
80
50
T A =25 o C
60
5.0V 4.5V 4.0V ID , Drain Current (A) T A =150 C
40
o
5.0V 4.5V
30
ID , Drain Current (A)
40
V G =2.5V
4.0V
20
20
V G =2.5V
10
0 0 1 2 3 4 5 6 7
0 0 1 2 3 4 5 6 7 8
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
80
1.8
I D =5.3A T A =25 o C Normalized R DS(ON)
60 1.6
I D =5.3A V G =4.5V
1.4
RDS(ON) (m )
1.2
40
1.0
0.8
20 1 3 5 7 9 11
0.6 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.6
10
1.4
1.2 1
IS (A)
VGS(th)(V)
T j =150 o C
T j =25 o C
1
0.8
0.1 0.6
0.4
0.01 0 0.2 0.4 0.6 0.8 1 1.2 1.4
0.2 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C )
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP2306AGN
f=1.0MHz
14
10000
12
VGS , Gate to Source Voltage (V)
I D =5A V DS =16V
1000
10
8
Ciss C (pF)
6
100
4
Coss Crss
2
0
10
0 5 10 15 20 25 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Duty factor=0.5
Normalized Thermal Response (Rthja)
0.2
10
0.1
0.1
1ms ID (A)
1
0.05
PDM
0.01
t T
10ms
0.1
0.01
Single Pulse
100ms T A =25 o C Single Pulse 1s DC
1 10 100
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja = 270/W
0.01 0.1
0.001
0.0001
0.001
0.01
0.1
1
10
100
1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP2306AGN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X