|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer AD5165 FEATURES Ultralow standby power IDD = 50 nA typical 256-position End-to-end resistance 100 k Logic high voltage 1.8 V Power supply 2.7 V to 5.5 V Low temperature coefficient 35 ppm/C Compact thin 8-lead TSOT-8 (2.9 mm x 2.8 mm) package Simple 3-wire digital interface Wide operating temperature -40C to +125C Pin-to-pin compatible to AD5160 with CS inverted FUNCTIONAL BLOCK DIAGRAM VDD A CS SDI CLK 3-WIRE INTERFACE W WIPER REGISTER B 04749-0-001 GND APPLICATIONS Battery-operated electronics adjustment Remote utilities meter adjustment Mechanical potentiometer replacement Transducer circuit adjustment Automotive electronics adjustment Gain control and offset adjustment System calibration VCXO adjustment Figure 1. PIN CONFIGURATION W1 VDD 2 8 A 04749-0-002 B TOP VIEW GND 3 (Not to Scale) 6 CS 5 SDI CLK 4 7 AD5165 GENERAL OVERVIEW The AD5165 provides a compact 2.9 mm x 2.8 mm packaged solution for 256-position adjustment applications. These devices perform the same electronic adjustment function as mechanical potentiometers or variable resistors, with enhanced resolution, solid-state reliability, and superior low temperature coefficient performance. The AD5165's supply voltage requirement is 2.7 V to 5.5 V, but its logic voltage requirement is 1.8 V to VDD. The AD5165 consumes very low quiescent power during standby mode and is ideal for battery-operated applications. Wiper settings are controlled through a simple 3-wire interface. The interface is similar to the SPI(R) digital interface except for the inverted chip-select function that minimizes logic power consumption in the idling state. The resistance between the wiper and either endpoint of the fixed resistor varies linearly with respect to the digital code transferred into the wiper register. Operating from a 2.7 V to 5.5 V power supply and consuming less than 50 nA typical standby power allows use in batteryoperated portable or remote utility device applications. Figure 2. TYPICAL APPLICATION 5V VOH = 1.8V MIN VDD 3.3V AD5165 CS CLK SDI GND VA VW WIDE TERMINAL VOLTAGE RANGE: 0V < VA,VB,VW < 5V 04749-0-003 DIGITAL CONTROL LOGIC OR MICRO VB Figure 3. Note: The terms digital potentiometer, RDAC, and VR are used interchangeably. Rev. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved. AD5165 TABLE OF CONTENTS Electrical Characteristics--100 k Version .................................. 3 Absolute Maximum Ratings............................................................ 5 Pin Configuration and Functional Descriptions.......................... 6 Typical Performance Characteristics ............................................. 7 Test Circuits..................................................................................... 11 3-Wire Digital Interface................................................................. 12 Theory of Operation ...................................................................... 13 Programming the Variable Resistor ......................................... 13 Programming the Potentiometer Divider ............................... 14 3-Wire Serial Bus Digital Interface .......................................... 14 ESD Protection ........................................................................... 14 Terminal Voltage Operating Range.......................................... 14 Power-Up Sequence ................................................................... 14 Layout and Power Supply Bypassing ....................................... 15 Evaluation Board ........................................................................ 15 Outline Dimensions ....................................................................... 16 Ordering Guide .......................................................................... 16 REVISION HISTORY 4/04--Revision 0: Initial Version Rev. 0 | Page 2 of 16 AD5165 ELECTRICAL CHARACTERISTICS--100 k VERSION VDD = 5 V 10%, or 3 V 10%; VA = VDD; VB = 0 V; -40C < TA < +125C; unless otherwise noted. Table 1. Parameter Symbol DC CHARACTERISTICS--RHEOSTAT MODE Resistor Differential Nonlinearity2 R-DNL Resistor Integral Nonlinearity2 R-INL Nominal Resistor Tolerance3 RAB/RAB Resistance Temperature Coefficient (RAB/RAB)/Tx106 Wiper Resistance RW DC CHARACTERISTICS--POTENTIOMETER DIVIDER MODE Resolution N Differential Nonlinearity4 DNL Integral Nonlinearity4 INL (VW/VW )/Tx106 Voltage Divider Temperature Coefficient Full-Scale Error VWFSE Zero-Scale Error VWZSE RESISTOR TERMINALS Voltage Range5 VA,B,W Capacitance6 A, B CA,B Capacitance6 W Common-Mode Leakage DIGITAL INPUTS AND OUTPUTS Input Logic High Input Logic Low Input Capacitance6 POWER SUPPLIES Power Supply Range Supply Current CW ICM VIH VIL CIL VDD RANGE IDD Conditions RWB, VA = no connect RWB, VA = no connect TA = 25C VAB = VDD, wiper = no connect VDD = 2.7 V/5.5 V Min -1 -2 -20 Typ1 0.1 0.25 35 85/50 Max +1 +2 +20 150/120 8 +1 +1 Unit LSB LSB % ppm/C Bits LSB LSB ppm/C LSB LSB V pF pF nA V V pF V A A A W %/% -1 -1 Code = 0x80 Code = 0xFF Code = 0x00 -0.5 0 GND f = 1 MHz, measured to GND, Code = 0x80 f = 1 MHz, measured to GND, Code = 0x80 VA = VB = VDD/2 VDD = 2.7 V to 5.5 V VDD = 2.7 V to 5.5 V 1.8 0.1 0.3 15 -0.3 0.1 0 0.5 VDD 90 95 1 0.6 5 2.7 5.5 1 Power Dissipation7 Power Supply Sensitivity DYNAMIC CHARACTERISTICS6, 8 Bandwidth -3 dB Total Harmonic Distortion VW Settling Time Resistor Noise Voltage Density PDISS PSS Digital inputs = 0 V or VDD VDD = 2.7 V, digital inputs = 1.8 V VDD = 5 V, digital inputs = 1.8 V Digital inputs = 0 V or VDD VDD = +5 V 10%, Code = Midscale Code = 0x80 VA =1 V rms, VB = 0 V, f = 1 kHz, VA = 5 V, VB = 0 V, 1 LSB error band RWB = 50 k 0.05 10 500 0.001 5.5 0.005 BW THDW tS eN_WB 55 0.05 2 28 kHz % s nV/Hz 1 2 Typical specifications represent average readings at +25C and VDD = 5 V. Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic. 3 VAB = VDD, wiper (VW) = no connect. 4 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD and VB = 0 V. 5 Resistor terminals A, B, and W have no limitations on polarity with respect to each other. 6 Guaranteed by design and not subject to production test. 7 PDISS is calculated from (IDD x VDD). CMOS logic level inputs result in minimum power dissipation. 8 All dynamic characteristics use VDD = 5 V. Rev. 0 | Page 3 of 16 AD5165 TIMING CHARACTERISTICS--100 k VERSION VDD = +5 V 10%, or +3 V 10%; VA = VDD; VB = 0 V; -40C < TA < +125C; unless otherwise noted. Table 2. Parameter Symbol Conditions 3-WIRE INTERFACE TIMING CHARACTERISTICS2, 3, 4 (specifications apply to all parts) Clock Frequency fCLK= 1/( tCH+ tCL) Input Clock Pulse Width tCH, tCL Clock level high or low Data Setup Time tDS Data Hold Time tDH CS Setup Time tCSS CS Low Pulse Width tCSW CLK Fall to CS Rise Hold Time tCSH0 CLK Fall to CS Fall Hold Time tCSH1 CS Fall to Clock Rise Setup tCS1 Min Typ1 Max 25 20 5 5 15 40 0 0 10 Unit MHz ns ns ns ns ns ns ns ns 1 2 Typical specifications represent average readings at +25C and VDD = 5 V. Guaranteed by design and not subject to production test. 3 All dynamic characteristics use VDD = 5 V. 4 See Figure 34 and Figure 35 for location of measured values. All input control voltages are specified with tR = tF = 2 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V. Rev. 0 | Page 4 of 16 AD5165 ABSOLUTE MAXIMUM RATINGS TA = +25C, unless otherwise noted.1, 2 Table 3. Parameter VDD to GND VA, VB, VW to GND Maximum Current IWB, IWA Pulsed IWB Continuous (RWB 1 k, A open)2 IWA Continuous (RWA 1 k, B open)2 Digital Inputs and Output Voltage to GND Operating Temperature Range Maximum Junction Temperature (TJMAX) Storage Temperature Lead Temperature (Soldering, 10 - 30 sec) Thermal Resistance2 JA: TSOT-8 Value -0.3 V to +7 V VDD 20 mA 5 mA 5 mA 0 V to +7 V -40C to +125C 150C -65C to +150C 245C 200C/W Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 1 Maximum terminal current is bounded by the maximum current handling of the switches, maximum power dissipation of the package, and maximum applied voltage across any two of the A, B, and W terminals at a given resistance. 2 Package power dissipation = (TJMAX - TA)/JA. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. Rev. 0 | Page 5 of 16 AD5165 PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS W1 VDD 2 8 A 04749-0-002 B TOP VIEW GND 3 (Not to Scale) 6 CS 5 SDI CLK 4 7 AD5165 Figure 4. Table 4. Pin 1 2 3 4 5 6 7 8 Name W VDD GND CLK SDI CS B A Description Wiper terminal. GND VA VDD. Positive Power Supply. Digital Ground. Serial Clock Input. Positive-edge triggered. Serial Data Input (data loads MSB first). Chip Select Input, active high. When CS returns low, data is loaded into the wiper register. B terminal. GND VA VDD. A terminal. GND VA VDD. Rev. 0 | Page 6 of 16 AD5165 TYPICAL PERFORMANCE CHARACTERISTICS 0.5 0.4 RHEOSTAT MODE INL (LSB) 0.5 5.5V 2.7V 0.4 POTENTIOMETER MODE DNL (LSB) 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 04749-0-011 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -40C +25C +85C +125C 0 32 64 96 128 160 192 224 256 0 32 64 96 128 160 192 224 256 CODE (Decimal) CODE (Decimal) Figure 5. R-INL vs. Code vs. Supply Voltages 0.5 0.4 REHOSTAT MODE DNL (LSB) Figure 8. DNL vs. Code vs. Temperature, VDD = 5 V 0.5 5.5V 2.7V POTENTIOMETER MODE INL (LSB) 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 04749-0-013 04749-0-007 04749-0-009 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 0 32 64 96 128 160 192 224 256 CODE (Decimal) 5.5V 2.7V -0.5 0 32 64 96 128 160 192 224 256 CODE (Decimal) Figure 6. R-DNL vs. Code vs. Supply Voltages 0.5 0.4 POTENTIOMETER MODE INL (LSB) Figure 9. INL vs. Code vs. Supply Voltages 0.5 5.5V 2.7V 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 POTENTIOMETER MODE DNL (LSB) -40C +25C +85C +125C 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 04749-0-006 -0.5 0 32 64 96 128 160 192 224 256 CODE (Decimal) -0.5 0 32 64 96 128 160 192 224 256 CODE (Decimal) Figure 7. INL vs. Code vs. Temperature , VDD = 5 V Figure 10. DNL vs. Code vs. Supply Voltages Rev. 0 | Page 7 of 16 04749-0-008 -0.5 -0.5 AD5165 0.5 0.4 RHEOSTAT MODE INL (LSB) 0.5 -40C +25C +85C +125C 0.4 0.3 0.2 ZSE (LSB) 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 ZSE @ VDD = 5.5V 0.1 0 -0.1 -0.2 -0.3 -0.4 -20 0 20 40 60 80 100 120 04749-0-022 ZSE @ VDD = 2.7V 0 32 64 96 128 160 192 224 256 04749-0-010 -0.5 CODE (Decimal) -0.5 -40 TEMPERATURE (C) Figure 11. R-INL vs. Code vs. Temperature, VDD = 5 V 0.5 0.4 RHEOSTAT MODE DNL (LSB) Figure 14. Zero-Scale Error vs. Temperature 0.5 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -40C +25C +85C +125C SUPPLY CURRENT (A) 0.4 0.3 0.2 0.1 0 -0.1 IDD @ VDD = 2.7V -0.2 -0.3 -0.4 04749-0-012 IDD @ VDD = 5.5V 0 32 64 96 128 160 192 224 256 -20 0 20 40 60 80 100 120 CODE (Decimal) TEMPERATURE (C) Figure 12. R-DNL vs. Code vs. Temperature, VDD = 5 V 0.5 0.4 0.3 0.2 FSE @ VDD = 5.5V Figure 15. Supply Current vs. Temperature 10000 1000 100 VDD = VA = 5V IDD (A) FSE (LSB) 0.1 0 -0.1 -0.2 -0.3 -0.4 04749-0-023 10 VDD = VA = 2.7V 1 FSE @ VDD = 2.7V 0.1 -20 0 20 40 60 80 100 120 0 1 2 VIH (0) (V) 3 4 5 TEMPERATURE (C) Figure 13. Full-Scale Error vs. Temperature Figure 16. Supply Current vs. Digital Input Voltage Rev. 0 | Page 8 of 16 04749-0-025 -0.5 -40 0.01 04749-0-020 -0.5 -0.5 -40 AD5165 1000 REF LEVEL 0.000dB 0 VDD = VA = 5V VDD = VA = 2.7V /DIV 6.000dB 0x80 0x40 0x20 0x10 0x08 0x04 0x02 0x01 MARKER 54 089.173Hz MAG (A/R) -9.052dB 100 -6 -12 IDD (A) 10 -18 -24 1 -30 -36 0.1 -42 -48 04749-0-026 0.01 0 1 2 3 4 5 VIH (1MHz) (V) -54 -60 1k START 1 000.000Hz 10k 100k 1M STOP 1 000 000.000Hz 04749-0-048 04749-0-047 04749-0-019 Figure 17. Supply Current vs. Digital Input Voltage 20 15 RHEOSTAT MODE TEMCO (ppm/C) Figure 20. Gain vs. Frequency vs. Code, RAB = 100 k REF LEVEL -5.000dB -5.5 -6.0 -6.5 100k - 54kHz /DIV 0.500dB 10 5 0 -5 -10 -15 04749-0-015 -7.0 -7.5 -8.0 -8.5 -9.0 R = 100k -9.5 -20 0 32 64 96 128 160 192 224 256 CODE (Decimal) -10.0 -10.5 10k START 1 000.000Hz 10M STOP 1 000 000.000Hz Figure 18. Rheostat Mode Tempco RWB/T vs. Code 80 Figure 21. -3 dB Bandwidth @ Code = 0x80 8 POTENTIOMETER MODE TEMPCO (ppm/C) CODE = 80H, VA = VDD, VB = 0V 6 60 4 PSRR (-dB) PSRR @ VDD = 5V DC 10% p-p AC PSRR @ VDD = 3V DC 10% p-p AC 40 2 0 -2 20 -4 -6 04749-0-014 -8 0 32 64 96 128 160 192 224 256 CODE (Decimal) 0 100 1k 10k FREQUENCY (Hz) 100k 1M Figure 19. Potentiometer Mode Tempco VWB/T vs. Code Figure 22. PSRR vs. Frequency Rev. 0 | Page 9 of 16 AD5165 800 VDD = 5V 700 600 500 400 2 1 VW VA = 5V VB = 0V IDD (A) 300 CS 200 100 0 10k CODE 55H CODE FFH Ch 1 100mV BW Ch 2 5.00 V BW M 200ns A CH1 152mV Figure 26. Midscale Glitch, Code 0x80-0x7F 100k FREQUENCY (Hz) 1M 10M 04749-0-018 Figure 23. IDD vs. Frequency 1 VW 2 CS 04749-0-030 Ch 1 200mV BW Ch 2 5.00 V BW M 100ns A CH2 3.00 V Figure 24. Large Signal Settling Time, Code 0xFF-0x00 1 VW CLK 04749-0-030 2 Ch 1 200mV BW Ch 2 5.00 V BW M 100ns A CH2 3.00 V Figure 25. Digital Feedthrough Rev. 0 | Page 10 of 16 04749-0-028 AD5165 TEST CIRCUITS Figure 27 to Figure 33 illustrate the test circuits that define the test conditions used in the product specification tables. DUT A V+ B W V+ = VDD 1LSB = V+/2N VIN DUT A B 04749-0-031 +15V W AD8610 VOUT 04749-0-035 04749-0-036 04749-0-037 VMS OFFSET GND 2.5V -15V Figure 27. Test Circuit for Potentiometer Divider Nonlinearity Error (INL, DNL) Figure 31. Test Circuit for Gain vs. Frequency NO CONNECT DUT AW B VMS 04749-0-032 DUT RSW = 0.1V ISW IW B CODE = 0x00 W ISW 0.1V GND TO VDD Figure 28. Test Circuit for Resistor Position Nonlinearity Error (Rheostat Operation; R-INL, R-DNL) Figure 32. Test Circuit for Incremental ON Resistance DUT A VMS2 B W VW NC IW = VDD/RNOMINAL DUT VDD 04749-0-033 A W GND B ICM RW = [VMS1 - VMS2]/IW VMS1 VCM NC = NO CONNECT NC Figure 29. Test Circuit for Wiper Resistance Figure 33. Test Circuit for Common-Mode Leakage Current VA V+ = VDD 10% VDD V+ B PSRR (dB) = 20 LOG A W PSS (%/%) = VMS VMS% VDD % 04749-0-034 (V MS ) DD V Figure 30. Test Circuit for Power Supply Sensitivity (PSS, PSSR) Rev. 0 | Page 11 of 16 AD5165 3-WIRE DIGITAL INTERFACE Note that in the AD5165 data is loaded MSB first. Table 5. AD5165 Serial Data-Word Format B7 D7 MSB 27 B6 D6 B5 D5 B4 D4 B3 D3 B2 D2 B1 D1 B0 D0 LSB 20 1 SDI CLK CS VOUT 0 1 0 1 D7 D6 D5 D4 D3 D2 D1 D0 0 Figure 34. 3-Wire Digital Interface Timing Diagram (VA = 5 V, VB = 0 V, VW = VOUT) 1 SDI (DATA IN) Dx 0 1 CLK 0 Dx tCH tDS tDH tCS1 tCSHO tCSS 1 CS 0 tCL tCSH1 tCSW tS VOUT 0 1LSB Figure 35. 3-Wire Digital Interface Detailed Timing Diagram (VA = 5 V, VB = 0 V, VW = VOUT) Rev. 0 | Page 12 of 16 04749-0-005 VDD 04749-0-004 0 1 RDAC REGISTER LOAD AD5165 THEORY OF OPERATION The AD5165 is a 256-position digitally controlled variable resistor (VR) device. where: D is the decimal equivalent of the binary code loaded in the 8-bit RDAC register. RAB is the end-to-end resistance. RW is the wiper resistance contributed by the on resistance of the internal switch. In summary, if RAB = 100 k and the A terminal is open circuited, the following output resistance RWB is set for the indicated RDAC latch codes. Table 6. Codes and Corresponding RWB Resistance A W A W A W 04749-0-038 PROGRAMMING THE VARIABLE RESISTOR Rheostat Operation The nominal resistance of the RDAC between terminals A and B is available in 100 k. The nominal resistance (RAB) of the VR has 256 contact points accessed by the wiper terminal, plus the B terminal contact. The 8-bit data in the RDAC latch is decoded to select one of the 256 possible settings. B B B Figure 36. Rheostat Mode Configuration D (Dec.) 255 128 1 0 RWB () 99,710 50,100 490 100 Output State Full scale (RAB - 1 LSB + RW) Midscale 1 LSB Zero scale (wiper contact resistance) Assuming that a 100 k part is used, the wiper's first connection starts at the B terminal for data 0x00. Because there is a 50 wiper contact resistance, such a connection yields a minimum of 100 (2 x 50 ) resistance between terminals W and B. The second connection is the first tap point, which corresponds to 490 (RWB = RAB/256 + 2 x RW = 390 + 2 x 50 ) for data 0x01. The third connection is the next tap point, representing 880 (2 x 390 + 2 x 50 ) for data 0x02, and so on. Each LSB data value increase moves the wiper up the resistor ladder until the last tap point is reached at 100,100 (RAB + 2 x RW). A RS Note that, in the zero-scale condition, a finite wiper resistance of 100 is present. Care should be taken to limit the current flow between W and B in this state to a maximum pulse current of no more than 20 mA. Otherwise, degradation or possible destruction of the internal switch contact can occur. Similar to the mechanical potentiometer, the resistance of the RDAC between the wiper W and terminal A also produces a digitally controlled complementary resistance, RWA. When these terminals are used, the B terminal can be opened. Setting the resistance value for RWA starts at a maximum value of resistance and decreases as the data loaded in the latch increases in value. The general equation for this operation is RWA (D ) = 256 - D x RAB + 2 x RW 256 (2) D7 D6 D5 D4 D3 D2 D1 D0 RS RS W For RAB = 100 k with the B terminal open circuited, the following output resistance RWA is set for the indicated RDAC latch codes. Table 7. Codes and Corresponding RWA Resistance D (Dec.) 255 128 1 0 RWA () 490 50,100 99, 710 100,100 Output State Full scale Midscale 1 LSB Zero scale RDAC LATCH AND DECODER RS B 04749-0-039 Figure 37. AD5165 Equivalent RDAC Circuit The general equation determining the digitally programmed output resistance between W and B is RWB (D ) = D x RAB + 2 x RW 256 Typical device-to-device matching is process-lot dependent and may vary by up to 20%. Because the resistance element is processed in thin film technology, the change in RAB with temperature has a very low 35 ppm/C temperature coefficient. (1) Rev. 0 | Page 13 of 16 AD5165 PROGRAMMING THE POTENTIOMETER DIVIDER Voltage Output Operation The digital potentiometer easily generates a voltage divider at wiper-to-B and wiper-to-A proportional to the input voltage at A to B. Unlike the polarity of VDD to GND, which must be positive, voltage across A to B, W to A, and W to B can be at either polarity. VI A W VO 04749-0-040 The data setup and data hold times in the specifications table determine the valid timing requirements. The AD5165 uses an 8-bit serial input data register word that is transferred to the internal RDAC register when the CS line returns to logic low. Extra MSB bits are ignored. ESD PROTECTION All digital inputs are protected with a series of input resistors and parallel Zener ESD structures, shown in Figure 39 and Figure 40. This applies to the digital input pins SDI, CLK, and CS. 340 LOGIC 04749-0-041 B Figure 38. Potentiometer Mode Configuration GND If ignoring the effect of the wiper resistance for approximation, connecting the A terminal to 5 V and the B terminal to ground produces an output voltage at the wiper-to-B starting at 0 V up to 1 LSB less than 5 V. Each LSB of voltage is equal to the voltage applied across terminals A and B divided by the 256 positions of the potentiometer divider. The general equation defining the output voltage at VW with respect to ground for any valid input voltage applied to terminals A and B is VW (D ) = 256 - D D VA + VB 256 256 Figure 39. ESD Protection of Digital Pins A, B, W 04749-0-042 GND Figure 40. ESD Protection of Resistor Terminals (3) TERMINAL VOLTAGE OPERATING RANGE The AD5165 VDD and GND power supply defines the boundary conditions for proper 3-terminal digital potentiometer operation. Supply signals present on terminals A, B, and W that exceed VDD or GND are clamped by the internal forward-biased diodes, as shown in Figure 41. VDD A more accurate calculation, which includes the effect of wiper resistance, VW, is VW (D ) = R (D ) RWB (D ) VA + WA VB RAB RAB (4) 3-WIRE SERIAL BUS DIGITAL INTERFACE The AD5165 contains a 3-wire digital interface (SDI, CS, and CLK). The 8-bit serial word must be loaded MSB first. The format of the word is shown in Table 5. The positive-edge sensitive CLK input requires clean transitions to avoid clocking incorrect data into the serial input register. Standard logic families work well. If mechanical switches are used for product evaluation, they should be debounced by a flip-flop or other suitable means. When CS is high, the clock loads data into the serial register on each positive clock edge, as shown in Figure 34. GND Figure 41. Maximum Terminal Voltages Set by VDD and GND POWER-UP SEQUENCE Because the ESD protection diodes limit the voltage compliance at terminals A, B, and W (see Figure 41), it is important to power VDD/GND before applying any voltage to terminals A, B, and W; otherwise, the diode is forward biased such that VDD is powered unintentionally and may affect the rest of the user's circuit. The ideal power-up sequence is in the following order: GND, VDD, digital inputs, and then VA, VB, and VW. The relative order of powering VA, VB, VW, and the digital inputs is not important as long as they are powered after VDD/GND. Rev. 0 | Page 14 of 16 04749-0-043 Operation of the digital potentiometer in the divider mode results in a more accurate operation over temperature. Unlike the rheostat mode, the output voltage is dependent mainly on the ratio of the internal resistors RWA and RWB and not the absolute values. Therefore, the temperature drift reduces to 15 ppm/C. A W B AD5165 LAYOUT AND POWER SUPPLY BYPASSING It is good practice to employ compact, minimum lead length layout design. The leads to the inputs should be as direct as possible with a minimum conductor length. Ground paths should have low resistance and low inductance. Similarly, it is also good practice to bypass the power supplies with quality capacitors for optimum stability. Supply leads to the device should be bypassed with disk or chip ceramic capacitors of 0.01 F to 0.1 F. Low ESR 1 F to 10 F tantalum or electrolytic capacitors should also be applied at the supplies to minimize any transient disturbance and low frequency ripple (see Figure 42). Note that the digital ground should also be joined remotely to the analog ground at one point to minimize the ground bounce. EVALUATION BOARD An evaluation board, along with all necessary software, is available to program the AD5165 from any PC running Windows(R) 98/2000/XP. The graphical user interface, as shown in Figure 43, is straightforward and easy to use. More detailed information is available in the user manual, which comes with the board. VDD C3 10F + VDD C1 0.1F AD5165 Figure 43. AD5165 Evaluation Board Software GND 04749-0-044 The AD5165 starts at midscale upon power-up. To increment or decrement the resistance, the user may move the scroll bars on the left. To write any specific value, the user should use the bit pattern in the upper screen and click the Run button. The format of writing data to the device is shown in Figure 32. Figure 42. Power Supply Bypassing Rev. 0 | Page 15 of 16 04749-0-046 AD5165 OUTLINE DIMENSIONS 2.90 BSC 8 7 6 5 1.60 BSC 1 2 3 4 2.80 BSC PIN 1 INDICATOR 0.65 BSC 0.90 0.87 0.84 1.95 BSC 1.00 MAX 0.38 0.22 0.20 0.08 8 4 0 0.10 MAX SEATING PLANE 0.60 0.45 0.30 COMPLIANT TO JEDEC STANDARDS MO-193BA Figure 44. 8-Lead Thin Small Outline Transistor Package [Thin SOT-23] (UJ-8) Dimensions shown in millimeters ORDERING GUIDE Model AD5165BUJZ100-R21 AD5165BUJZ100-R71 AD5165EVAL RAB () 100 k 100 k Temperature -40C to +125C -40C to +125C Package Description Thin SOT-23 Thin SOT-23 Evaluation Board Package Option UJ-8 UJ-8 Quantity on Reel 250 3,000 Branding D3N D3N 1 Z = Pb-free part. (c) 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D04749-0-4/04(0) Rev. 0 | Page 16 of 16 |
Price & Availability of AD5165 |