Part Number Hot Search : 
P5630 P5630 P4KE220 0BGXC FFIV1 AD5222 NCP1423 YRT187M
Product Description
Full Text Search
 

To Download AC4880X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AudioCodes Enabling Technology Products
AC4880X
Voice over Packet Processor for Client Applications
The AC4880X is an ideal low cost voice processing engine for a variety of Voice over IP, Voice over DSL and other voice over packet client applications. The AC4880X VoP processor is a one or two port voice over packet processor that combines toll quality low bit rate voice compression, T.38 compliant fax relay and other voice band processing functions. Field-proven, feature-rich software enables the rapid development and fast time-to-market of the complete solution. The 4880x is based on VoIPerfect architecture, AudioCodes underlying, best-of-breed, core media gateway technology for all of its products.
Deliver Feature-Rich Solutions

Low per-channel cost and power Independent channel operation Toll quality voice compression Robust bandwidth-saving fax relay
The AC4880X voice over packet processor combines one or two channels of toll quality low bit rate voice compression, with an adaptive G.168-2002 compliant echo canceller, and complete voice band processing functions in a single device. Field-proven G3 Fax Relay, compliant with the T.38 ASN.1 standard, is a major enhancement to the AC4880X offering. Other advanced features include dynamic packet size programming, high quality DTMF/MF R1/MF R2/Call Progress Tones, detection and generation of user defined tones and Caller ID, silence suppression, and automatic voice/fax/data discriminator. The AC4880X is supported by the VoicePacketizer TM software stack which enables the processor to create a VoIP-compliant media stream as part of a client entity. The VoicePacketizer TM is an ANSI-C software stack that supports the RTP/RTCP protocol. The software stack also provides a simple API for initialization and configuration of the AC4880X and for run-time call control.
Fast Integration with Software Stacks
Small footprint Proprietary evaluation & development tools Lead free available
Software Upgrades
The complete functionality of the AC4880X is implemented in the internal DSP software. The software image is downloaded into the AC4880X by the host processor prior to start of operation. This allows the addition of new features in future product releases without any system hardware modifications.
Benefit from Extensive Experience
AudioCodes is one of the worlds leading providers of DSP solutions since 1996. During this period, the company successfully passed numerous interoperability tests while maintaining high levels of performance. AudioCodes' commitment to innovation yields consistently high-quality voice processing products that are feature-rich and field-proven. AudioCodes has deployed over 12 million VoP ports to date.
AC4880X Features

Direct replacement for AC48301/2 Low bit rate Vocoders Low power consumption & small footprint G.168-2002 compliant Echo Canceller T.38 compliant Fax Relay In Band Signaling detection & generation Caller ID detection & generation
AudioCodes Enabling Technology Products
AC4880X
Specifications
Software Specifications
Applications
One or two low bit rate G.729 AB CS-ACELP at 8 kbps G.723.1 MP-MLQ at 6.3 kbps, ACELP at 5.3 kbps G.727 E-ADPCM at 16-40 kbps G.726 ADPCM at 16-40 kbps G.711 PCM (-Law/A-Law) at 64 kbps GSM 6.10 FR at 13 kbps NetCoder (R) at 6.4-9.6 kbps, 800 bps steps Optional: G.728 LD-CELP at 16 kbps Automatic switching G3 2.4 - 14.4 kbps, T.38 compliant fax relay or automatic switch to PCM Up to V.92 rates, automatic switch to PCM G.168-2002 compliant 25 msec tail length Telcordia (Bellcore) Type 1 & 2, ETSI Type 1 & 2 NTT Number Display Conferencing of two IP participants with one PSTN participant DTMF (TIA 464B), MFR1, MFR2, AC15, SS4, SS5, User Defined and Call Progress tones CAS ABCD (when connected to Standard Framers) 1 msec -31dB +31dB, 1.0 dB steps 2.048, 4.096 or 8.192 Mbps, -Law/A-Law (selectable) 8 bit Bidirectional +1.8V (core), +3.3V (I/O) 3.3V logic compatible 180 mW (typ) 144 pin TQFP
Channel Density Voice Coders

IP-Phone and Key-Phone SOHO Voice/data/fax Access Devices DSL Access Devices Cable Telephony Access Devices Voice-enabled Set-top Boxes
About AudioCodes
Voice/Fax/Data Fax Support Modem Support Echo Canceller Caller ID Detection and Generation Three-Way Conferencing In-band Signaling Detection and Generation Out-of-band Signaling E&M Sampling Resolution Input/Output Gain Control
Hardware Specifications
PCM Interface Host Port Interface Power Supply Digital Interface Levels Power Consumption Package
AudioCodes Ltd. (NASDAQ: AUDC) enables the new voice infrastructure by providing innovative, reliable and cost-effective Voice over Packet technology and Voice Network products to OEMs, network equipment providers and system integrators. AudioCodes provides its customers and partners with a diverse range of flexible, comprehensive media gateway and media processing technologies, based on VoIPerfect AudioCodes underlying, best-of-breed, core media gateway architecture. The company is a market leader in voice compression technology and is a key originator of the ITU G.723.1 standard for the emerging Voice over IP market. AudioCodes voice network products feature media gateway and media server platforms for packet-based applications in the converged, wireline, wireless, broadband access, and enhanced voice services markets. AudioCodes enabling technology products include VoIP and CTI communication boards, VoIP media gateway processors and modules, and CPE devices. AudioCodes headquarters and R&D facilities are located in Israel with an R&D extension in the U.S. Other AudioCodes offices are located in Europe, the Far East, and Latin America. International Headquarters 1 Hayarden Street, Airport City Lod, Israel 70151 Tel: +972-3-976-4000 Fax: +972-3-976-4040 US Headquarters 2099 Gateway Place, Suite 500 San Jose, CA 95110 Tel: +1-408-441-1175 Fax: +1-408-451-9520 info@audiocodes.com www.audiocodes.com
(c) 2005 AudioCodes Ltd. All rights reserved. AC, Ardito, AudioCodes, AudioCodes logo, AudioCoded, IPmedia, Mediant, MediaPack, MP-MLQ, NetCoder, Stretto, TrunkPack, VoicePacketizer and VoIPerfect are trademarks or registered trademarks of AudioCodes Ltd. All other marks are the property of their respective owners. The information and specifications in this document and the product(s) are subject to change without notice. Ref # LTRT-36801 08/05 V.5


▲Up To Search▲   

 
Price & Availability of AC4880X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X