Part Number Hot Search : 
48M05F TDA21310 1655I BCX38A 250BZX LM346 TOP268 895025
Product Description
Full Text Search
 

To Download 74LVX373 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
74LVX373
LOW VOLTAGE OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
s s s s
s
s
s
s
s
s
s
HIGH SPEED: tPD = 5.8 ns (TYP.) at VCC = 3.3V 5V TOLERANT INPUTS POWER-DOWN PROTECTION ON INPUTS INPUT VOLTAGE LEVEL: VIL = 0.8V, VIH = 2V at VCC = 3V LOW POWER DISSIPATION: ICC = 4 A (MAX.) at TA = 25 oC LOW NOISE: VOLP = 0.3 V (TYP.) at VCC = 3.3V SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4 mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 3.6V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 373 IMPROVED LATCH-UP IMMUNITY
M (Micro Package)
T (TSSOP Package)
ORDER CODES : 74LVX373M 74LVX373T While the LE input is held at a high level, the Q outputs will follow the data input precisely. When the LE is taken low, the Q outputs will be latched precisely at the logic level of D input data. While the (OE) input is low, the 8 outputs will be in a normal logic state (high or low logic level) and while high level the outputs will be in a high impedance state. It has better speed performance at 3.3V than 5V LS-TTL family combined with the true CMOS low power consuption. Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
DESCRIPTION The LVX373 is a low voltage CMOS OCTAL D-TYPE LATCH with 3 STATE OUTPUT NON INVERTING fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and low noise 3.3V applications. This 8 bit D-Type latch is controlled by a latch enable input (LE) and an output enable input (OE). PIN CONNECTION AND IEC LOGIC SYMBOLS
May 1999
1/10
74LVX373
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1 2, 5, 6, 9, 12, 15, 17, 18 3, 4, 7, 8, 13, 14, 17, 18 11 10 20 SYMBOL OE Q0 to Q7 NAME AND FUNCT ION 3 State Output Enable Input (Active LOW) 3 State Outputs
D0 to D7
Data Inputs
LE GND VCC
Latch Enable Input Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUT S OE H L L L LE X L H H D X X L H OUTPUTS Q Z NO CHANGE * L H
X: Don't care Z: High impedance * Q outputs are latched at the time when the LE input is taken low.
LOGICS DIAGRAM
2/10
74LVX373
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 - 20 20 25 50 -65 to +150 300 Unit V V V mA mA mA mA
o o
ICC or IGND DC VCC or Ground Current
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top dt/dv Input Voltage Output Voltage Operating Temperature: Input Rise and Fall Time (VCC = 3V) (note 2) Parameter Supply Voltage (note 1) Valu e 2 to 3.6 0 to 5.5 0 to VCC -40 to +85 0 to 100 Unit V V V
o
C
ns/V
1) Truth Table guaranteed: 1.2V to 3.6V 2) VIN from 0.8V to 2V
3/10
74LVX373
DC SPECIFICATIONS
Symb ol Parameter V CC (V) VIH High Level Input Voltage 2.0 3.0 3.6 VIL Low Level Input Voltage 2.0 3.0 3.6 VOH High Level Output Voltage Low Level Output Voltage Input Leakage Current 3 State Output Leakage Current Quiescent Supply Current 2.0 3.0 3.0 VOL 2.0 3.0 3.0 II IOZ ICC 3.6 3.6 3.6 VI = V IH or V IL VI(*) = VIH or VIL
(* )
Test Co nditions Min. 1.5 2.0 2.4 T yp.
Valu e T A = 25 oC Max. -40 to 85 o C Min. 1.5 2.0 2.4 0.5 0.8 0.8 0.5 0.8 0.8 1.9 2.9 2.48 0.0 0.0 0.1 0.1 0.36 0.1 0.25 2 0.1 0.1 0.44 1 2.5 20 Max.
Un it
V
V
I O =-50 A IO=-50 A IO=-4 mA IO=50 A IO=50 A IO=4 mA
1.9 2.9 2.58
2.0 3.0
V
V A A A
VI = 5V or GND VI = VIH or VIL VO = VCC or GND VI = VCC or GND
(*) All outputs loaded.
DYNAMIC SWITCHING CHARACTERISTICS
Symb ol Parameter V CC (V) VOLP VOLV VIHD VILD Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3) 3.3 -0.8 3.3 3.3 C L = 50 pF 0.8 Test Co nditions Min. T yp. 0.3 -0.3 2 V Valu e T A = 25 oC Max. 0.8 -40 to 85 o C Min. Max. Un it
1) Worst case package 2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n -1) outputs switching and one output at GND 3) max number of data inputs (n) switching. (n-1) switching 0V to3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold (VIHD). f=1MHz
4/10
74LVX373
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf =3 ns)
Symb ol Parameter V CC (V) tPLH tPHL Propagation Delay Time LE to Q 2.7 2.7 3.3(*) 3.3(*) 2.7 2.7 3.3(*) 3.3(*) 2.7 2.7 3.3(*) Output Disable Time LE pulse Width, HIGH Setup Time D to LE HIGH or LOW Hold Time D to LE HIGH or LOW Output to Output Skew Time (note 1, 2) 3.3(*) 2.7 3.3(*) 2.7 3.3(*) 2.7 3.3(*) 2.7 3.3(*) 2.7 3.3
(*)
T est Con ditio n CL (p F) 15 50 15 50 15 50 15 50 15 50 15 50 50 50 50 50 50 50 50 50 50 50 R L = 1 k
Valu e T A = 25 oC -40 to Min. T yp. Max. Min. 7.5 14.5 1.0 10.0 18.0 1.0 6.8 9.3 7.7 10.2 6.0 8.5 7.7 10.2 6.0 8.5 9.8 8.2 6.5 5.0 6.0 4.0 1.0 1.0 0.5 0.5 1.0 1.0 10.3 13.8 15.0 18.5 9.7 13.2 15.0 18.5 9.7 13.2 18.0 12.8 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Un it 85 o C Max. 17.5 21.0 12.0 15.5 18.5 22.0 11.5 15.0 18.5 22.0 11.5 15.0 21.0 14.5 7.5 5.0 6.0 4.0 1.0 1.0 1.5 1.5
ns
tPLH tPHL
Propagation Delay Time D to Q
ns
tPZL tPZH
Output Enable Time
ns
tPLZ tPHZ tw ts th tOSLH tOSHL
R L = 1 k
ns ns ns ns ns
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any twooutputs of the same device switching in the same direction, either HIGH or LOW 2) Parameter guaranteed by design (*) Voltage range is 3.3V 0.3V
CAPACITIVE CHARACTERISTICS
Symb ol Parameter V CC (V) C IN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1) 3.3 3.3 3.3 fIN = 10 MHz Test Co nditions
o
Valu e -40 to 85 C T A = 25 C Min. T yp. Max. Min. Max. 5 10 10
o
Un it
pF pF pF
1) CPD isdefined as the value of the IC'sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto Test Circuit).Average operting current can be obtained by the following equation. ICC(opr) = CPD * VCC * fIN + ICC/8(per circuit)
5/10
74LVX373
TEST CIRCUIT
T EST tPLH , tPHL tPZL , tPLZ tPZH , tPHZ
CL = 15/50 pF or equivalent (includes jig and probe capacitance) RL = R1 = 1K orequivalent RT = ZOUT of pulse generator (typically 50)
SW IT CH Open VCC GND
WAVEFORM 1: LE TO Qn PROPAGATION DELAYS, LE MINIMUM PULSE WIDTH, Dn TO LE SETUP AND HOLD TIMES (f=1MHz; 50% duty cycle)
6/10
74LVX373
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIMES (f=1MHz; 50% duty cycle)
WAVEFORM 3: PROPAGATION DELAY TIME (f=1MHz; 50% duty cycle)
7/10
74LVX373
SO-20 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.40 0.50 12.60 10.00 1.27 11.43 7.60 1.27 0.75 8 (max.) 0.291 0.19 13.00 10.65 0.35 0.23 0.50 45 (typ.) 0.496 0.393 0.050 0.450 0.299 0.050 0.029 0.512 0.419 0.10 mm TYP. MAX. 2.65 0.20 2.45 0.49 0.32 0.013 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.007 0.096 0.019 0.012
P013L
8/10
74LVX373
TSSOP20 MECHANICAL DATA
mm MIN. A A1 A2 b c D E E1 e K L 0o 0.50 0.05 0.85 0.19 0.09 6.4 6.25 4.3 6.5 6.4 4.4 0.65 BSC 4o 0.60 8o 0.70 0o 0.020 0.10 0.9 TYP. MAX. 1.1 0.15 0.95 0.30 0.2 6.6 6.5 4.48 0.002 0.335 0.0075 0.0035 0.252 0.246 0.169 0.256 0.252 0.173 0.0256 BSC 4o 0.024 8o 0.028 0.004 0.354 MIN. inch TYP. MAX. 0.433 0.006 0.374 0.0118 0.0079 0.260 0.256 0.176
DIM.
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
9/10
74LVX373
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
10/10


▲Up To Search▲   

 
Price & Availability of 74LVX373

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X