Part Number Hot Search : 
37B778 TRONIC LA38B SOP22 T311000 LT1057MJ RXUM01 PXS20RM
Product Description
Full Text Search
 

To Download 4114R-1-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
s s s
Compatible with automatic insertion equipment Superior package integrity Marking on contrasting background for permanent identification
For information on specific applications, download Bourns' application notes: DRAM Applications Dual Terminator Resistor Networks R/2R Ladder Networks SCSI Applications
4100R Series - Thick Film Molded DIPs
Product Characteristics Resistance Range ......................10 ohms to 10 megohms Maximum Operating Voltage...........100V Temperature Coefficient of Resistance 50 to 2.2 M..................100ppm/C below 50 ........................250ppm/C above 2.2 M...................250ppm/C TCR Tracking ..........................50ppm/C maximum; equal values Resistor Tolerance ................See circuits Operating Temperature ...................................-55C to +125C Insulation Resistance ..................10,000 megohms minimum Dielectric Withstanding Voltage .............................................200 VRMS Lead Solderability .....Meet requirements of MIL-STD-202 Method 208 Environmental Characteristics TESTS PER MIL-STD-202.........R MAX. Short Time Overload...................0.25% Load Life .....................................1.00% Moisture Resistance ...................0.50% Resistance to Soldering Heat .................................................0.25% Terminal Strength........................0.25% Thermal Shock............................0.25% Physical Characteristics Flammability .........Conforms to UL94V-0 Lead Frame Material ..........................Copper, solder coated Body Material ..................Novolac epoxy Package Power Temp. Derating Curve Product Dimensions
4.00
PIN #1 REF.
3.50 3.00 2.50 2.00 1.50 1.00 .50
4120R 4118R 4116R 4114R 4108R
11.81 MAX. (.465)
27.05 MAX. (1.065) 24.51 MAX. (.965) 21.97 MAX. (.865) 19.43 MAX. (.765)
WATTS
4.57 + .12/ - .28 (.180 + .005/ - .007)
.89 .25 (.035 .010) TYP. 2.54 .25 (.100 .010*) TYP. NON-ACCUM.
2.03 .12 (.080 .005)
8.40 MAX. (.331) 3.43 + .38/ - .25. (135 + .015/ - .010)
0
25
70 125 AMBIENT TEMPERATURE ( C )
1.65 + .12/ - .07 (.065 + .005/ - .003) .438 .050 TYP. (.019 .002)
Package Power Rating at 70C 4108R......................................1.69 watts 4114R......................................2.00 watts 4116R......................................2.25 watts 4118R......................................2.50 watts 4120R......................................2.80 watts Typical Part Marking
Represents total content. Layout may vary.
PART NUMBER
4114R-1152 YYWW
7.87 .25 (.310 .010) TO OUTSIDE WHEN PINS ARE PARALLEL .254 .050 (.010 .002) 8.64 .50 (.340 .020)
6.71 .10 (.260 + .005) (.260 - .000)
Governing dimensions are in metric. Dimensions in parentheses are inches and are approximate. *Terminal centerline to centerline measurements made at point of emergence of the lead from the body.
CIRCUIT RESISTANCE CODE
DATE CODE
PIN ONE INDICATOR
MANUFACTURER'S TRADEMARK
How To Order
41 14 R - 1 - 152
Model (41 = Molded DIP) Number of Pins Physical Configuration (R = Thick Film Low Profile) Electrical Configuration * 1 = Isolated * 2 = Bussed * 3 = Dual Terminator Resistance Code * First 2 digits are significant * Third digit represents the number of zeros to follow. Consult factory for other available options.
Specifications are subject to change without notice.
4100R Series - Thick Film Molded DIPs
Isolated Resistors (1 Circuit) Model 4108R-1-RC (4 Isolated Resistors) Model 4114R-1-RC (7 Isolated Resistors) Model 4116R-1-RC (8 Isolated Resistors) Model 4118R-1-RC (9 Isolated Resistors) Model 4120R-1-RC (10 Isolated Resistors) Bussed Resistors (2 Circuit) Model 4108R-2-RC (7 Resistors, Pin 8 Common) Model 4114R-2-RC (13 Resistors, Pin 14 Common) Model 4116R-2-RC (15 Resistors, Pin 16 Common) Model 4118R-2-RC (17 Resistors, Pin 18 Common) Model 4120R-2-RC (19 Resistors, Pin 20 Common)
R1 R2 R1 R2 R2
Dual Terminator (3 Circuit) Model 4108R-3-R1/R2 Model 4114R-3-R1/R2 Model 4116R-3-R1/R2 (shown) Model 4118R-3-R1/R2 Model 4120R-3-R1/R2
16 R1 R2 R1 R2 R1 R2 R1 R2 R1 R2 R1 R2 R1 R2 R1 R2 R1 R2 R1 R2 8 R1 R2 R1 9
16 14 8 R R R R R R R R R 1 7 1 R R R R R R R R R R R
9
R
1
R
8
Resistance Tolerance 10 ohms to 49 ohms ...................1 ohm 50 ohms to 5 megohms .................2%* Above 5 megohms ..........................5% Power Rating per Resistor At 70C ..................................0.250 watt Power Temperature Derating Curve
Resistance Tolerance 10 ohms to 49 ohms ...................1 ohm 50 ohms to 5 megohms..................2%* Above 5 megohms...........................5% Power Rating per Resistor At 70C ..................................0.125 watt Power Temperature Derating Curve
Resistance Tolerance Below 100 ohms........................2 ohms 100 ohms to 5 megohms................2%* Above 5 megohms...........................5% Power Rating per Resistor At 70C ..................................0.125 watt Power Temperature Derating Curve
.350
WATTS WATTS
.350
WATTS
.350 .250 .150 .050 70 125 25 AMBIENT TEMPERATURE ( C ) 0 70 125 25 AMBIENT TEMPERATURE ( C )
.250 .150 .050 0 70 125 25 AMBIENT TEMPERATURE ( C )
.250 .150 .050 0
Popular Resistance Values (1, 2 Circuits)**
Ohms 10 22 27 33 39 47 56 68 82 100 120 150 Code 100 220 270 330 390 470 560 680 820 101 121 151 Ohms 180 220 270 330 390 470 560 680 820 1,000 1,200 1,500 Code 181 221 271 331 391 471 561 681 821 102 122 152 Ohms 1,800 2,000 2,200 2,700 3,300 3,900 4,700 5,600 6,800 8,200 10,000 12,000 Code 182 202 222 272 332 392 472 562 682 822 103 123 Ohms 15,000 18,000 20,000 22,000 27,000 33,000 39,000 47,000 56,000 68,000 82,000 100,000 Code 153 183 203 223 273 333 393 473 563 683 823 104 Ohms 120,000 150,000 180,000 220,000 270,000 330,000 390,000 470,000 560,000 680,000 820,000 1,000,000 Code 124 154 184 224 274 334 394 474 564 684 824 105
Popular Resistance Values (3 Circuit)**
Resistance (Ohms) R1 160 180 220 220 330 330 3,000 R2 240 390 270 330 390 470 6,200 R1 161 181 221 221 331 331 302 Code R2 241 391 271 331 391 471 622
* 1% TOLERANCE IS AVAILABLE BY ADDING SUFFIX CODE "F" AFTER THE RESISTANCE CODE. **NON-STANDARD VALUES AVAILABLE, WITHIN RESISTANCE RANGE. REV. 09/02 Specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of 4114R-1-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X