Part Number Hot Search : 
G310VS DE1747 2SC5337 EM73PE00 M7S26FAJ 736MH IRG4B ML4669
Product Description
Full Text Search
 

To Download 2W10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2W005G THRU 2W10G
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Case Style WOG
0.388 (9.86) 0.348 (8.84) 0.220 (5.6) 0.160 (4.1)
Forward Current - 2.0 Amperes
FEATURES
1.0 (25.4) MIN.
0.032 (0.81) 0.028 (0.71)
0.060 (1.52) 0.020 (0.51)
Plastic package has Underwriters Laboratory Flammability Recognition 94V-0 This series is UL listed under the Recognized Component Index, file number E54214 Glass passivated chip junctions High case dielectric strength Typical IR less than 0.5A High surge current capability Ideal for printed circuit boards High temperature soldering guaranteed: 260C for 10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3kg) tension
0.220 (5.6) 0.348 (8.84) 0.308 (7.82) 0.180 (4.6)
MECHANICAL DATA
0.220 (5.6) 0.180 (4.6)
Dimensions in inches and (millimeters)
Case: Molded plastic body over passivated junctions Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Mounting Position: Any Weight: 0.04 ounce, 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
2W 005G
2W 01G
2W 02G
2W 04G
2W 06G
2W 08G
2W 10G
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length (SEE FIG. 1) Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) Rating for fusing (t<8.3ms) Maximum instantaneous forward voltage drop per leg at 2.0 Amperes Maximum DC reverse current at rated DC blocking voltage per leg Typical junction capacitance per leg (NOTE 1) Typical thermal resistance per leg (NOTE 2) Operating junction temperature range Storage temperature range TA=25C TA=125C
VRRM VRMS VDC I(AV) IFSM I2t VF IR CJ RJA RJL TJ TSTG
50 35 50
100 70 100
200 140 200
400 280 400 2.0 60.0 15.0 1.1 5.0 500.0
600 420 600
800 560 800
1000 Volts 700 Volts 1000 Volts Amps Amps A2sec Volts A
40.0 40.0 15.0 -55 to + 150 -55 to +150
20.0
pF C/W C C
NOTES: (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (2) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length for P.C.B. mounting
4/98
RATINGS AND CHARACTERISTICS CURVES 2W005G THRU 2W10G
FIG. 1 - DERATING CURVE OUTPUT RECTIFIED CURRENT FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG PEAK FORWARD SURGE CURRENT, AMPERES
2.4
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
2.0 1.6 1.2 0.8 0.4 0 0
60 HZ RESISTIVE OR INDUCTIVE LOAD P.C.B. COPPER PADS 0.22 x 0.22" (5.5 x 5.5mm) 0.375" (9.5mm) CAPACITIVE LOADS 5.0 Ipk/I(AV) 10 (PER LEG) 20
60 50 40 30 20 10 0
1.0 CYCLE TA=25C SINGLE SINE-WAVE (JEDEC Method)
25
50
75
100 125 150
AMBIENT TEMPERATURE, C
1
10
NUMBER OF CYCLES AT 60 Hz
100
FIG. 3 - TYPICAL FORWARD CHARACTERISTICS PER LEG
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS PER LEG
20
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
100
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE TJ = 125C
10
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
TJ = 100C
1
1
0.1
0.1
TA = 25C
0.01 0 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE PER LEG TRANSIENT THERMAL IMPEDANCE, C/W
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
100
10
10
1
1 0.1
1
10
100
0.1 0.01
0.1
1
t, HEATING TIME, sec.
10
100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of 2W10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X