|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SK3148 Silicon N Channel MOS FET High Speed Power Switching ADE-208-748A (Z) 2nd. Edition February 1999 Features * Low on-resistance R DS = 45 m typ. * High speed switching * 4 V gate drive device can be driven from 5 V source Outline TO-220FM D G 12 S 1. Gate 2. Drain 3. Source 3 2SK3148 Absolute Maximum Ratings (Ta = 25C) Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Avalanche current Avalanche energy Channel dissipation Channel temperature Storage temperature Note: Symbol VDSS VGSS ID I D(pulse) I DR I AP Note3 Note3 Note2 Note1 Ratings 100 20 20 60 20 20 40 30 150 -55 to +150 Unit V V A A A A mJ W C C EAR Pch Tch Tstg 1. PW 10 s, duty cycle 1% 2. Value at Tc = 25C 3. Value at Tch = 25C, Rg 50 Electrical Characteristics (Ta = 25C) Item Symbol Min 100 20 -- -- 1.0 -- -- 9 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 45 65 15 840 350 180 15 120 200 150 0.9 90 Max -- -- 10 10 2.5 60 85 -- -- -- -- -- -- -- -- -- -- Unit V V A A V m m S pF pF pF ns ns ns ns V ns I F = 20 A, VGS = 0 I F = 20 A, VGS = 0 diF/ dt = 50 A/ s Test Conditions I D = 10 mA, VGS = 0 I G = 100 A, VDS = 0 VGS = 16 V, VDS = 0 VDS = 100 V, VGS = 0 I D = 1 mA, VDS = 10 V I D = 10 A, VGS = 10 VNote4 I D = 10 A, VGS = 4 V Note4 I D = 10 A, VDS = 10 V Note4 VDS = 10 V VGS = 0 f = 1 MHz I D = 10 A, VGS = 10 V RL = 3 Drain to source breakdown voltage V(BR)DSS Gate to source breakdown voltage V(BR)GSS Gate to source leak current Zero gate voltege drain current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time Note: 4. Pulse test I GSS I DSS VGS(off) RDS(on) RDS(on) |yfs| Ciss Coss Crss t d(on) tr t d(off) tf VDF t rr 2 2SK3148 Main Characteristics Power vs. Temperature Derating 40 500 Maximum Safe Operation Area Pch (W) I D (A) 100 30 10 3 1 0.3 DC 30 PW Op er Channel Dissipation Drain Current =1 0 m (T 20 at s( 10 s 0 1 s m s 10 1s ho t) ion c= 10 Operation in C ) this area is limited by R DS(on) 25 0 50 100 150 Tc (C) 200 0.1 Ta = 25 C 0.05 0.5 1 2 5 10 20 50 100 200 500 V DS (V) Case Temperature Drain to Source Voltage Typical Output Characteristics 20 4V 3.5 V Pulse Test 20 Typical Transfer Characteristics V DS = 10 V Pulse Test I D (A) 12 3V 8 ID Drain Current (A) 16 10 V 6V 16 12 Drain Current 8 Tc = 75C 4 -25C 25C 4 VGS =2.5 V 0 2 4 6 Drain to Source Voltage 8 10 V DS (V) 0 1 2 3 Gate to Source Voltage 4 5 V GS (V) 3 2SK3148 Drain to Source Saturation Voltage vs. Gate to Source Voltage 2.5 Static Drain to Source on State Resistance vs. Drain Current 500 Pulse Test 200 100 50 Drain to Source Saturation Voltage V DS(on) (V) Pulse Test 2.0 1.5 Drain to Source On State Resistance R DS(on) ( m ) VGS = 4 V 10 V 1.0 I D = 15 A 0.5 10 A 5A 0 12 4 8 Gate to Source Voltage 16 20 V GS (V) 20 10 1 2 5 10 Drain Current 20 50 I D (A) 100 Static Drain to Source on State Resistance R DS(on) ( m) Forward Transfer Admittance |y fs | (S) Static Drain to Source on State Resistance vs. Temperature 250 Pulse Test 200 Forward Transfer Admittance vs. Drain Current 50 20 Tc = -25 C 10 75 C 5 2 1 0.5 0.1 V DS = 10 V Pulse Test 0.3 1 3 10 30 Drain Current I D (A) 100 25 C 150 15 A 100 V GS = 4 V 50 10 V 0 -40 5,10 A 15 A 5,10 A 0 40 80 120 160 Case Temperature Tc (C) 4 2SK3148 Body-Drain Diode Reverse Recovery Time 500 10000 di / dt = 50 A / s V GS = 0, Ta = 25C 5000 Typical Capacitance vs. Drain to Source Voltage Reverse Recovery Time trr (ns) 200 100 50 20 10 5 2 1 0.1 Capacitance C (pF) 2000 1000 500 200 100 50 20 10 VGS = 0 f = 1 MHz 0 10 20 30 40 50 Crss Coss Ciss 1 3 0.3 Reverse Drain Current 10 30 50 I DR (A) Drain to Source Voltage V DS (V) Dynamic Input Characteristics V DS (V) I D = 15 A V DD = 100 V 50 V 25 V V DS V GS V GS (V) 200 20 1000 500 Switching Characteristics V GS = 10 V, V DD = 30 V PW = 5 s, duty < 1% t d(off) Switching Time t (ns) 160 16 Drain to Source Voltage 120 12 Gate to Source Voltage 200 tf 100 50 tr 20 10 0.1 0.2 t d(on) 2 0.5 1 50 10 Drain Current I D (A) 20 80 8 40 V DD = 100 V 50 V 25 V 20 40 60 80 Gate Charge Qg (nc) 4 0 100 0 5 2SK3148 Reverse Drain Current vs. Source to Drain Voltage Pulse Test Repetive Avalanche Energy E AR (mJ) Maximun Avalanche Energy vs. Channel Temperature Derating 50 I AP = 20 A V DD = 50 V duty < 0.1 % Rg > 50 20 Reverse Drain Current I DR (A) 16 40 12 10 V 5V 30 8 20 4 V GS = 0, -5 V 0.2 0.4 0.6 0.8 1.0 10 0 25 0 50 75 100 125 150 Source to Drain Voltage V SD (V) Channel Temperature Tch (C) Avalanche Test Circuit Avalanche Waveform VDSS VDSS - V DD V DS Monitor L I AP Monitor EAR = 1 2 * L * I AP * 2 V (BR)DSS I AP VDD ID V DS Rg Vin 15 V D. U. T 50 0 VDD 6 2SK3148 Normalized Transient Thermal Impedance vs. Pulse Width 3 Normalized Transient Thermal Impedance s (t) Tc = 25C 1 D=1 0.5 0.3 0.2 0.1 0.1 0.05 0.02 1 lse 0.0 pu ot h 1s ch - c(t) = s (t) * ch - c ch - c = 4.17 C/W, Tc = 25C PDM PW T D= 0.03 PW T 0.01 10 100 1m 10 m 100 m Pulse Width PW (S) 1 10 Switching Time Test Circuit Vin Monitor D.U.T. RL Vin Vin 10 V 50 V DD = 30 V Vout 10% 10% Vout Monitor Waveform 90% 10% 90% td(off) tf 90% td(on) tr 7 2SK3148 Package Dimensions Unit: mm 10.0 0.3 7.0 0.3 3.2 0.2 2.8 0.2 2.5 0.2 2.0 0.3 5.0 0.3 2.7 0.7 0.1 2.54 0.5 2.54 0.5 0.5 0.1 Hitachi Code TO-220FM SC-67 EIAJ -- JEDEC 8 14.0 1.0 1.2 0.2 1.4 0.2 12.0 0.3 4.45 0.3 17.0 0.3 0.6 Cautions 1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products. Hitachi, Ltd. Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109 URL NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to: Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan. |
Price & Availability of 2SK3148 |