Part Number Hot Search : 
STM32F PU160 AAT3783 ES3BB IRF9Z30 CXD2443Q SBMJ160 P504A
Product Description
Full Text Search
 

To Download 2SD2528 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD2528
Silicon NPN epitaxial planar type
Unit: mm
For power amplification with high forward current transfer ratio I Features
* High forward current transfer ratio hFE * Satisfactory linearity of forward current transfer ratio hFE * Full-pack package which can be installed to the heat sink with one screw
9.90.3
3.00.5
4.60.2 2.90.2
13.70.2 4.20.2 Solder Dip
15.00.5
3.20.1
1.40.2 1.60.2 0.80.1
2.60.1
I Absolute Maximum Ratings TC = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power dissipation TC = 25C Ta = 25C Tj Tstg Symbol VCBO VCEO VEBO ICP IC IB PC Rating 80 60 6 10 5 1 40 2.0 150 -55 to +150 C C Unit V V V A A A W
0.550.15
2.540.30 5.080.50 1 2 3
1: Base 2: Collector 3: Emitter TO-220D Package
Junction temperature Storage temperature
I Electrical Characteristics TC = 25C
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio
*
Symbol ICBO IEBO VCEO hFE VCE(sat) fT ton tstg tf
Conditions VCB = 80 V, IE = 0 VEB = 6 V, IC = 0 IC = 25 mA, IB = 0 VCE = 4 V, IC = 1 A IC = 4 A, IB = 0.1 A VCE = 12 V, IC = 0.4 A, f = 10 MHz IC = 4 A, IB1 = 0.08 A, IB2 = - 0.08 A, VCC = 50 V
Min
Typ
Max 100 100
Unit A A V
60 500 2 000 0.3 30 0.4 2.0 0.6
Collector to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time Note) *: Rank classification Rank hFE P
V MHz s s s
Q
800 to 2 000 500 to 1 200
1
2SD2528
PC T a
50
Power Transistors
IC VCE
TC=25C 7
VCE(sat) IC
Collector to emitter saturation voltage VCE(sat) (V)
10
Collector power dissipation PC (W)
Collector current IC (A)
40
(1)
(1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) With a 50 x 50 x 2mm Al heat sink (4) Without heat sink
8
6 5 4 3 2 1mA 1 0 IB=10mA 9mA 8mA 7mA 6mA 5mA 4mA 3mA 2mA
1
30
10-1
20
10
(2) (3) (4)
10-2
0 0 20 40 60 80 100 120 140 160
0
2
4
6
8
10
12
10-3 10-1
1
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) IC
102 104 IC/IB=50
hFE IC
300
fT I C
VCE=12V f=10MHz TC=25C 100
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
10
103
Transition frequency fT (MHz)
10-1 1 10
1
30
102
10-1
10
10-2 10-1
1
10
10 10-2
3 0.003 0.01 0.03
0.1
0.3
1
3
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
ton, tstg, tf IC
100 30 Pulsed tw=1ms Duty cycle=1% IC/IB=50 (IB1=-IB2) VCC=50V TC=25C tstg 3 1 0.3 0.1 0.03 0.01 0 1 2 3 4 5 6 7 8 tf ton 30
Area of safe operation (ASO)
Switching time ton,tstg,tf (s)
10
Collector current IC (A)
10
ICP t=1ms IC 10ms
3 1s 1
0.3
0.1 Non repetitive pulse TC=25C 1 3 10 30 100
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SD2528

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X