Part Number Hot Search : 
ON2770 TLP67 RF2460 70475 SI4888 LUY333 16N50 STD5KA36
Product Description
Full Text Search
 

To Download 2SB1645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB1645
Silicon PNP triple diffusion planar type Darlington
Unit: mm
For power amplification
(10.0)
15.50.5
3.20.1 5
3.00.3 5
26.50.5
(23.4)
5 5 5 0.70.1
I Features
* Satisfactory forward current transfer ratio hFE characteristics * Wide area of safe operation (ASO) * Optimum for the output stage of a HiFi audio amplifier
(4.5)
(2.0)
I Absolute Maximum Ratings TC = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation TC = 25C Ta = 25C Tj Tstg Symbol VCBO VCEO VEBO ICP IC PC Rating -160 -160 -5 -15 -8 100 3 150 -55 to +150 C C Unit V V V A A W
18.60.5 (2.0) Solder Dip
(4.0) 2.00.2 1.10.1
5.450.3 10.90.5
3.30.3
5
1
2
3
5.50.3
1: Base 2: Collector 3: Emitter TOP-3E Package
Internal Connection
C B
Junction temperature Storage temperature
(2.0)
E
I Electrical Characteristics TC = 25C
Parameter Collector cutoff current Symbol ICBO ICEO Emitter cutoff current Collector to emitter voltage Forward current transfer ratio IEBO VCEO hFE1 hFE2 Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time Note) *: Rank classification Rank hFE2 P Q
*
Conditions VCB = -160 V, IE = 0 VCB = -160 V, IE = 0 VEB = -5 V, IC = 0 IC = -10 mA, IB = 0 VCE = -5 V, IC = -1 A VCE = -5 V, IC = -7 A IC = -7 A, IB = -7 mA IC = -7 A, IB = -7 mA VCE = -10 V, IC = - 0.5 A, f = 1 MHz IC = 7 A, IB1 = -7 mA, IB2 = 7 mA VCC = -50 V
Min
Typ
Max -100 -100 -100
Unit A A A V
-160 500 3 500 15 000 -3 -3 20 1.0 1.5 1.2
VCE(sat) VBE(sat) fT ton tstg tf
V V MHz s s s
5 000 to 15 000 3 500 to 10 000
22.00.5
(1.2)
1
2SB1645
PC Ta
120 (1) (1) TC = Ta (2) With a 100 x 100 x 2 mm3 Al heat sink (3) Without heat sink
Power Transistors
Area of safe operation (ASO)
-100 ICP Non repetitive pulse TC = 25C t = 1 ms t = 10 ms t=1s
Collector power dissipation PC (W)
100
Collector current IC (A)
-10 IC -1
80
60
40
20
- 0.01
(2) (3)
0
0
20
40
60
80 100 120 140 160
- 0.001 -1
-10
-100
VCEO max.
-1 000
- 0.1
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
2


▲Up To Search▲   

 
Price & Availability of 2SB1645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X