Part Number Hot Search : 
NTE5267A 20M10 SMA64 SMBJ90A RT2512 MAX274 2SA16 ADG5412
Product Description
Full Text Search
 

To Download 2SB1440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SB1440
Silicon PNP epitaxial planar type
Unit: mm
For low-frequency output amplification Complementary to 2SD2185 Features
* Low collector to emitter saturation voltage VCE(sat) . * Mini Power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
4.50.1 1.60.2 1.50.1
4.0+0.25 -0.20
2.50.1 3
0.40.04
0.40.08 1.50.1 3
1.0+0.1 -0.2
1
3 2 0.50.08
Absolute Maximum Ratings Ta = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation * Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Rating -50 -50 -5 -3 -2 1 150 -55 to +150 cm2 Unit V V V A A W C C
1: Base 2: Collector 3: Emitter
3.00.15
45
MiniP3-F1 Package
Marking Symbol: 1I
Note) *: Printed circuit board: Copper foil area of 1 or more, and the board thickness of 1.7 mm for the collector portion.
Electrical Characteristics Ta = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector cutoff current Forward current transfer ratio *1 Collector to emitter saturation voltage *1 Base to emitter saturation voltage Transition frequency Collector output capacitance Note) *1: Pulse measurement *2: hFE1 Rank classification Rank hFE1 R 120 to 240 S 170 to 340
*1
Symbol VCBO VCEO VEBO ICBO hFE1 *2 hFE2 VCE(sat) VBE(sat) fT Cob
Conditions IC = -10 A, IE = 0 IC = -1 mA, IB = 0 IE = -10 A, IC = 0 VCB = -20 V, IE = 0 VCE = -2 V, IC = -200 mA VCE = -2 V, IC = -1 A IC = -1 A, IB = -50 mA IC = -1 A, IB = -50 mA VCB = -10 V, IE = 50 mA, f = 200 MHz VCB = -10 V, IE = 0, f = 1 MHz
Min -50 -50 -5
Typ
Max
Unit V V V
- 0.1 120 60 - 0.2 - 0.85 150 45 60 - 0.3 -1.2 340
A
V V MHz pF
0.4 max.
2.60.1
Publication date: August 2002
SJC00085BED
1
2SB1440
PC -- Ta
1.4
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-120 Ta=25C -100 IB=700A 600A -80 500A -60 400A 300A 200A -20 100A -100 -30 -10 -3 -1
VCE(sat) -- IC
IC/IB=20
Collector power dissipation PC (W)
1.2
1.0
0.8
0.6
Collector current IC (mA)
Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion.
-40
- 0.3 - 0.1
Ta=75C 25C -25C
0.4
0.2
- 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
0 0 20 40 60 80 100 120 140 160
0 0 -2 -4 -6 -8 -10 -12
-1
-3
-10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
-100
hFE -- IC
IC/IB=20 10000 VCE=-2V 240
fT -- I E
VCB=-10V f=200MHz Ta=25C
Base to emitter saturation voltage VBE(sat) (V)
Transition frequency fT (MHz)
-3 -10
-30 -10 -3 25C -1 Ta=-25C 75C
Forward current transfer ratio hFE
3000 1000 300 Ta=75C 100 -25C 30 10 3 1 - 0.01 - 0.03 - 0.1 - 0.3 25C
200
160
120
- 0.3 - 0.1
80
40
- 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
0 -1 1 3 10 30 100
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
120
Collector output capacitance Cob (pF)
100
IE=0 f=1MHz Ta=25C
80
60
40
20
0 -1
-3
-10
-30
-100
Collector to base voltage VCB (V)
2
SJC00085BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of 2SB1440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X