Part Number Hot Search : 
30021 15R06 FM104 1980589 PM574 N74AC C380B NE5534A
Product Description
Full Text Search
 

To Download 2SA1194K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1194(K)
Silicon PNP Epitaxial
Application
High gain amplifier
Outline
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector peak current Collector power dissipation Symbol VCBO VCEO VEBO IC I C(peak) PC PC * Junction temperature Storage temperature Note: 1. Value at TC = 25C Tj Tstg
1
Rating -60 -60 -7 -1 -2 1 8 150 -55 to +150
Unit V V V A A W W C C
2SA1194(K)
Electrical Characteristics (Ta = 25C)
Item Symbol Min -60 -- -- 1000 -- -- -- -- Typ -- -- -- -- -- -- 0.7 0.8 Max -- -1.0 -1.0 -- -2.0 -2.0 -- -- V V s s I C = -500 mA I B1 = -IB2 = -1 mA Unit V A A Test conditions I C = -1 mA, RBE = VCB = -60 V, IE = 0 VEB = -7 V, IC = 0 VCE = -3 V, IC = -500 mA*1 I C = -500 mA, IB = -1 mA*1 Collector to emitter breakdown V(BR)CEO voltage Collector cutoff current Emitter cutoff current DC current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Turn on time Turn off time Note: 1. Pulse test I CBO I EBO hFE VCE(sat) VBE(sat) t on t off
2
2SA1194(K)
3
2SA1194(K)
4
2SA1194(K)
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
5


▲Up To Search▲   

 
Price & Availability of 2SA1194K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X