Part Number Hot Search : 
P6SMB39A KS8995M CC1120 SIHFI MBR0520 NJM555V SCD1307 RD18UM
Product Description
Full Text Search
 

To Download 2N6676 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/538 Devices 2N6676 2N6678 2N6691 2N6693 Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS
Ratings Collector-Emitter Voltage Collector-Base Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Symbol VCEO VCBO VCEX VEBO IB IC 2N6676 2N6678 2N6691 2N6693 300 400 450 650 450 650 8.0 5.0 15 2N6676 2N6691 2N6678 2N6693 6.0(2) 3.0(3) 175 175 -65 to +200 Max. 1.0 Unit Vdc Vdc Vdc Vdc Adc Adc
2N6676, 2N6678 TO-3 (TO-204AA)*
@ TA = 250C @ TC = 250C(1) Operating & Storage Junction Temperature Range Total Power Dissipation
PT Top; Tstg Symbol RJC
W W 0 C Unit C/W
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case 1) Derate linearly 1.0 W/0C for TC > 250C 2) Derate linearly 34.2 mW/0C for TA > 250C 3) Derate linearly 17.1 mW/0C for TA > 250C
0
2N6691, 2N6693 TO-61*
* See Appendix A for Package Outline
ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 200 mAdc Collector-Emitter Cutoff Current VCE = 450 Vdc, VBE = 1.5 Vdc VCE = 650 Vdc, VBE = 1.5 Vdc 2N6676, 2N6691 2N6678, 2N6693 2N6676, 2N6691 2N6678, 2N6693 V(BR)CEO 300 400 0.1 0.1 Vdc
ICEX
mAdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N6676, 2N6678, 2N6691, 2N6693 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Emitter-Base Cutoff Current VEB = 8.0 Vdc Collector-Base Cutoff Current VCB = 450 Vdc VCB = 650 Vdc Symbol IEBO 2N6676, 2N6691 2N6678, 2N6693 ICBO Min. Max. 2.0 1.0 1.0 Unit mAdc mAdc
ON CHARACTERISTICS (4)
Forward-Current Transfer Ratio IC = 1.0 Adc; VCE = 3.0 Vdc IC = 15 Adc; VCE = 3.0 Vdc Collector-Emitter Saturation Voltage IC = 15 Adc; IB = 3.0 Adc Base-Emitter Saturation Voltage IC = 15 Adc; IB = 3.0 Adc hFE VCE(sat) VBE(sat) 15 8.0 40 20 1.0 1.5 Vdc Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 1.0 Adc; VCE = 10 Vdc, f = 5 MHz Output Capacitance VCB = 10 Vdc; IE = 0, 100 kHz f 1.0 MHz hfe Cobo
t
3.0 150
10 500 0.1 0.6 2.5 0.5 0.5 pF s s s s s
SWITCHING CHARACTERISTICS
Delay Time Rise Time Storage Time Fall Time Cross-Over Time d r t s t f t c
t
See Figure 3 of MIL-PRF-19500/538
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t = 1.0 s Test 1 VCE = 11.7 Vdc, IC = 15 Adc All Types Test 2 VCE = 30 Vdc, IC = 5.9 Adc 2N6676, 2N6678 Test 3 VCE = 100 Vdc, IC = 0.25 Adc All Types Test 4 VCE = 25 Vdc, IC = 7.0 Adc 2N6691, 2N6693 Test 5 VCE = 300 Vdc, IC = 20 mAdc 2N6676, 2N6691 VCE = 400 Vdc, IC = 10 mAdc 2N6678, 2N6693 Clamped Switching TA = 250C; VCC = 15 Vdc IC = 15 Adc; Clamped Voltage = 350 Vdc 2N6676, 2N6691 IC = 15 Adc; Clamped Voltage = 450 Vdc 2N6678, 2N6693 (4) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N6676

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X