|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PM2353-KIT Preliminary AAL1gatorTM-32/TEMUXTM AAL1gatorTM-32/TEMUXTM Development Kit OVERVIEW The AAL1gatorTM-32/TEMUXTM Development Kit provides a platform to develop, integrate, and test software for the PM73122 AAL1gatorTM-32 and PM8315 TEMUXTM chipset, which is used in high-density circuit emulation port cards. The kit consists of hardware and software that operate on a Pentiumbased PC running VxWorks. It allows the AAL1gator-32 to be configured and tested in both low speed clock and data mode and SBI mode. The development kit reduces time-tomarket by allowing software engineers to develop application software immediately. Devices on the board are configured and monitored by the Pentium processor via the PCI bus. T1/E1 LINE INTERFACE * Terminates up to four T1 or E1 lines. * Uses mini-bantam type connectors. * Includes intra-building protection circuitry. * Configurable for T1 or E1 hardware. HARDWARE CONFIGURATION FEATURES * Demonstrates PMC-Sierra's Scalable Bandwidth Interconnect (SBITM) bus, which allows seamless connection of the PM8315 TEMUXTM to the PM73122 AAL1gatorTM-32. * Demonstrates a 16-bit UTOPIA Level 2 bus connecting the AAL1gatorTM-32 device to the S/UNI(R)-DUPLEX. * Provides access to one DS-3 interface, four T1/E1 interfaces, and one Low Voltage Differential Signal (LVDS) interface. LVDS INTERFACE * Operates at a line rate of 200 Mbit/s. * Supports 1:1 protection of LVDS link. * IEEE 1394 connectors. SOFTWARE The AAL1gatorTM-32/TEMUXTM Development Kit application software provides an interface to configure, control, and monitor board functions. The kit provides a VxWorks kernel for the initial configuration and testing of the board; however, the VxWorks IDE (Tornado 2) is not provided. Users developing their own software for the AAL1gatorTM-32/TEMUX Development Kit board must have the Tornado 2 IDE (for i86 platform) installed in order to modify and compile the software supplied with the kit. DS-3 LINE INTERFACE * Capable of terminating one DS-3 line. * Rx/Tx access through a PCI bracket via two small SMB-style connectors. * Jumpers to configure LIU line/diagnostic loopback and transmission line length. HARDWARE The kit consists of an AAL1gatorTM32/TEMUXTM Development Kit board that fits into a standard PCI computer. The board contains the PM73122 AAL1gatorTM-32, PM8315 TEMUXTM, PM4354 COMET-QUADTM, and PM7350 S/UNI(R)-DUPLEX devices and the necessary interface circuitry. AAL1GATOR-32/TEMUX DEVELOPMENT KIT BOARD PHOTO PMC-2001240 (P1) PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE (c) Copyright PMC-Sierra, Inc. 2000 Preliminary PM2353-KIT AAL1gatorTM-32/TEMUXTM AAL1gatorTM-32/TEMUXTM Development Kit SOFTWARE FEATURES * Enables software development for all three AAL1gatorTM products: * PM73122 AAL1gatorTM-32 * PM73123 AAL1gatorTM-8 * PM73124 AAL1gatorTM-4 * Software designs can be developed using the kit and ported to other hardware. * Provides a self-test to verify the functionality of the hardware. * Enables run-time configuration of the verbosity of debug messages. * Enables status information to be collected. * Enables reading and writing of any register in the PM73122 AAL1gatorTM-32, PM8315 TEMUXTM, PM4354 COMETQUADTM and PM7350 S/UNI(R)DUPLEX devices. KIT CONTENTS * Installation CD-ROM with the target software binaries, source code, and documentation. * AAL1gator-32/TEMUX Development Kit board. Please note that the following items are not supplied by PMC-Sierra; supplying these items is the user's responsibility: * Personal computer (PC). * Tornado 2 IDE for i86 platform (VxWorks development environment). AAL1GATOR-32/TEMUX DEVELOPMENT KIT BOARD BLOCK DIAGRAM DS-3 Line Interface Clock & Data PM8315 TEMUX SBI UTOPIA Level 2 T1/E1 Line Interface Clock & Data PM4354 COMET-QUAD Framed Clock & Data Bus Switch PM73122 AAL1gator-32 PM7350 S/UNI-DUPLEX LVDS Status & Control PCI Interface & CPLD Local Bus PCI Connector Head Office: PMC-Sierra, Inc. #105 - 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: 604.415.6000 Fax: 604.415.6200 To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn: Document Coordinator All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com PMC-2001240 (P1) (c) Copyright PMC-Sierra, Inc. 2000. All rights reserved. November 2000 AAL1gator, COMET, COMET-QUAD, PMCSierra, SBI and TEMUX are trademarks and S/UNI is a registered trademark of PMC-Sierra, Inc. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE |
Price & Availability of 2001240 |