Part Number Hot Search : 
N4000A 1N5340 PCHMB MAX189 311YH CM3110 1N727A 1212D
Product Description
Full Text Search
 

To Download 1SS199 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SS199
Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
ADE-208-299A (Z) Rev. 1 Features
* Detection efficiency is very good. * Small temperature coefficient. * Small glass package (MHD) enables easy mounting and high reliability.
Ordering Information
Type No. 1SS199 Cathode band Green Mark 3 Package Code MHD
Outline
3
1 Cathode band
2
1. Cathode 2. Anode
1SS199
Absolute Maximum Ratings (Ta = 25C)
Item Reverse voltage Average rectified current Junction temperature Storage temperature Symbol VR IO Tj Tstg Value 30 15 125 -55 to +125 Unit V mA C C
Electrical Characteristics (Ta = 25C)
Item Forward current Reverse current Capacitance Rectifier efficiency ESD-Capability Symbol IF IR C -- Min 3.0 -- -- 70 70 Typ -- -- -- -- -- Max -- 100 3.0 -- -- Unit mA A pF % V Test Condition VF = 1V VR = 10V VR = 1V, f = 1MHz Vin = 2Vrms, f = 40MHz, RL = 5k, CL = 20pF *C = 200pF, Both forward and reverse direction 1 pulse.
Note: Failure criterion; I R 200A at VR = 10V
1SS199
10
-1
10 Forward current I F (A)
-2
10
-3
10
-4
10
-5
0
0.8 1.2 1.6 0.4 Forward voltage VF (V)
2.0
Fig.1 Forward current Vs. Forward voltage
-2
10
Reverse current I R (A)
10
-3
10
-4
10
-5
10
-6
0
5
10 15 25 20 Reverse voltage VR (V)
30
Fig.2 Reverse current Vs. Reverse voltage
1SS199
f = 1MHz
10 Capacitance C (pF)
1.0
10
-1
10-1
1.0 Reverse voltage VR (V)
10
Fig.3 Capacitance Vs. Reverse voltage
100
80 Rectifier efficiency (%)
60
40
20
0 0 0.5 1.0 1.5 2.0 2.5 3.0 Input voltage Vin (Vrms)
Fig.4 Rectifier efficiency Vs. Input voltage
1SS199
Package Dimensions
Unit: mm
26.0 Min
2.4 Max
26.0 Min 2.0 Max
0.4
1
3
2 Cathode band (Green)
1 Cathode 2 Anode
HITACHI Code JEDEC Code EIAJ Code Weight (g)
MHD DO-34 -- 0.084


▲Up To Search▲   

 
Price & Availability of 1SS199

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X