Part Number Hot Search : 
CPDUR12V MSK590 MAT4A TB0468A SAA2003 103K5E ML4903CT BD4545
Product Description
Full Text Search
 

To Download ZVNL120A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ISSUE 2 - MARCH 94 FEATURES * 200 Volt VDS * RDS(on)=10 * Low threshold APPLICATIONS * Telephone handsets
ZVNL120A
D G
S
E-Line TO92 Compatible SYMBOL V DS ID I DM V GS P tot T j:T stg VALUE 200 180 2 20 700 -55 to +150 UNIT V mA A V mW C
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Drain-Source Voltage Continuous Drain Current at T amb=25C Pulsed Drain Current Gate Source Voltage Power Dissipation at T amb=25C Operating and Storage Temperature Range
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Drain-Source Breakdown Voltage Gate-Source Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Current(1) Static Drain-Source On-State Resistance (1) Forward Transconductance (1)(2) Input Capacitance (2) Common Source Output Capacitance (2) Reverse Transfer Capacitance (2) Turn-On Delay Time (2)(3) Rise Time (2)(3) Turn-Off Delay Time (2)(3) Fall Time (2)(3) SYMBOL MIN. MAX. UNIT CONDITIONS. BV DSS V GS(th) I GSS I DSS I D(on) R DS(on) g fs C iss C oss C rss t d(on) tr t d(off) tf 200 85 20 7 8 8 20 12 500 10 10 200 0.5 1.5 100 10 100 V V nA A A mA mS pF pF pF ns ns ns ns V DD 25V, I D=250mA V DS=25 V, V GS=0V, f=1MHz I D=1mA, V GS=0V ID=1mA, V DS= V GS V GS= 20V, V DS=0V V DS=200 V, V GS=0 V DS=160 V, V GS=0V, T=125C(2) V DS=25 V, V GS=5V V GS=5V,I D=250mA V GS=3V, I D=125mA V DS=25V,I D=250mA
(1) Measured under pulsed conditions. Width=300s. Duty cycle 2% (2) Sample test. (3) Switching times measured with 50 source impedance and <5ns rise time on a pulse generator
3-401
ZVNL120A
TYPICAL CHARACTERISTICS
1.6 VGS= 10V 8V 6V 5V 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 40 45 3V 2V 50 4V VGS= 10V 8V 6V 4V 0.6
ID(On) Drain Current (Amps)
1.0
ID(On)Drain Current (Amps)
1.4 1.2
0.8
0.4 3V 0.2 2V 0 0 2 4 6 8 10
VDS - Drain Source Voltage (Volts)
VDS - Drain Source Voltage (Volts)
Output Characteristics
Saturation Characteristics
1.6
ID(On) Drain Current (Amps)
VDS= 40V 20V
500
gfs-Transconductance (mS)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 1 2 3 4 5 6 7 8 9 10
400
VDS=25V
10V
300
200
100
0
1
2
3
4
5
6
7
8
9
10
VGS-Gate Source Voltage (Volts)
VGS-Gate Source Voltage (Volts)
Transfer Characteristics
Transconductance v gate-source voltage
500
100
gfs-Transconductance (mS)
300 200 100 0 0
VDS=25V
C-Capacitance (pF)
400
80 60 Ciss 40 20 Coss Crss
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0
10
20
30
40
50
ID- Drain Current (Amps)
VDS-Drain Source Voltage (Volts)
Transconductance v drain current
Capacitance v drain-source voltage
3-402
ZVNL120A
TYPICAL CHARACTERISTICS
RDS(on)-Drain Source On Resistance ()
16 100 VGS=2V 3V 4V
VGS-Gate Source Voltage (Volts)
14 ID= 700mA 12 10
VDS= 50V 100V 150V
5V 10 10V
8 6 4 2 0 0 0.4 0.8 1.2 1.6 2.0 2.4
1 10 100 1000
Q-Charge (nC)
ID-Drain Current (mA)
Gate charge v gate-source voltage
RDS(ON) -Drain Source Resistance ()
On-resistance v drain current
100
2.4
Normalised RDS(on) and VGS(th)
2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -80 -60 -40 -20 0
VGS=5V ID=250mA
10
ID= 1A 0.5A 0.1A
VGS=VDS ID=1mA Gate Th reshold Voltage VGS(th) 20 40 60 80 100 120 140 160
e rc ou -S ain Dr
e nc ta sis Re
RD
) on S(
VGS=3V ID=125mA
1 1 10 20
VGS-Gate Source Voltage (Volts)
Tj-Junction Temperature (C)
On-resistance vs gate-source voltage
Normalised RDS(on) and VGS(th) vs Temperature
3-403


▲Up To Search▲   

 
Price & Availability of ZVNL120A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X