Part Number Hot Search : 
U63716DC HB170 SSG07P06 SSM3K14 AP9435GP SSM3K14 101M35 MAX6683
Product Description
Full Text Search
 

To Download TVB200SA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tyco/Electronics
Raychem Corporation
308 Constitution Drive Menlo Park, CA 94025 800-227-4856 FAX 800-227-4866
PolySwitch(R) SiBar
Thyristor Surge Protectors
PRODUCT: TVB200SA
DOCUMENT: 24304 PCN: 732781 REV LETTER: B REV DATE: AUGUST 16, 2001 PAGE NO.: 1 OF 2
Specification Status: RELEASED
PHYSICAL DESCRIPTION
A
MIN MAX MIN
B
MAX MIN
C
MAX MIN
D*
MAX MIN
H
MAX MIN
J
MAX MIN
K
MAX
P
REF MIN
S
MAX
mm: 4.06 4.57 3.30 3.81 1.90 2.41 1.96 2.11 .051 in: .160 .180 .130 .150 .075 .095 .077 .083 .002 * D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P Other Physical Characteristics
.152 .006
0.15 .006
0.30 .012
0.76 .030
1.27 .050
0.51 .020
5.21 .205
5.59 .220
Form Factor: Lead Material: Encapsulation Material: Solderability: Solder Heat Withstand: Solvent Resistance: Mechanical Shock:
SMB (Surface Mount DO-214 Package) Tin/lead finish Epoxy, meets UL94 V-0 requirements per MIL-STD-750, Method 2026 per MIL-STD-750, Method 2031 per MIL-STD-750, Method 1022 per MIL-STD-750, Method 2016
Tape and Reel packaging per EIA 481-1
Tyco/Electronics
Raychem Corporation
308 Constitution Drive Menlo Park, CA 94025 800-227-4856 FAX 800-227-4866
PolySwitch(R) SiBar
Thyristor Surge Protectors
PRODUCT: TVB200SA
DOCUMENT: 24304 PCN: 732781 REV LETTER: B REV DATE: AUGUST 16, 2001 PAGE NO.: 2 OF 2
DEVICE RATINGS @ 25 C (Both Polarities) Parameter Off-State Voltage, Maximum at ID = 5 A Non-Repetitive Peak Impulse Current Double exponential waveform (Notes 1 and 2)
10x1000 sec 10/560 sec 10/160 sec
Symbol VDM IPP1 IPP2 IPP3
Value 200 50 70 100
Units V A A A
Critical Rate of Rise of On-State Current Maximum 2x10 sec waveform, VOC=2.5kV, ISC=500A peak DEVICE THERMAL RATINGS Storage Temperature Range Operating Temperature Range Blocking or conducting state Overload Junction Temperature Maximum; Conducting state only
di/dt
150
A/s
TSTG TA TJ
-65 to 150 -40 to 125 +175
C C C
ELECTRICAL CHARACTERISTICS Both polarities (TJ @ 25C unless otherwise noted) Characteristics Symbol Min Breakover Voltage (+25C) ---VBO dV/dt = 100V/sec, ISC=1.0A, VDC = 1000V Breakover Voltage f=60Hz, ISC=1.0Arms, VOC = 1000Vrms, R=1.0 k, t = 0.5 cycle (Note 2) Breakover Voltage Temperature Coefficient Off-State Current (+25C) VBO ----
Typ 260 260
Max 320 320
Units V V
On-State Voltage PW 300 sec, Duty Cycle 2% (Note 2) Breakover Current Holding Current (Note 2) Critical Rate of Rise of Off-State Voltage (Linear waveform, VD = 0.8 X Rated VBO, TJ= +25C) Capacitance (f=1.0 Mhz, 50VDC bias, 1 Vrms) (f=1.0 Mhz, 2VDCbias, 15mVrms)
Note 1. Allow cooling before test second polarity Note 2. Measured under pulse conditions to reduce heating
(VD1= 50V) (VD2= VDM) (IT=1A)
dVBO/dTJ ID1 ID2 VT IBO IH dv/dt C1 C2
---------------175 2000 -------
0.08 ------------230 350 ---20 50
----2.0 5.0 5.0 --------------
%/C A A V mA mA V/s pF pF
VOLTAGE-CURRENT CHARACTERISTIC


▲Up To Search▲   

 
Price & Availability of TVB200SA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X