Part Number Hot Search : 
4017BD 1200P60G AD7124 1C220 CM7555 PT12216 SW535 AN620
Product Description
Full Text Search
 

To Download TLP666J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP666J
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP666J
Office Machine Household Use Equipment Triac Driver Solid State Relay
Unit in mm
The TOSHIBA TLP666J consists of a zero voltage crossing turn-on photo-triac optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic DIP.
* * * * * *
Peak off-state voltage: 600V(min.) Trigger LED current: 10mA(max.) On-state current: 100mA (max.) UL recognized: UL1577, file no. E67349 Isolation voltage: 5000Vrms(min.) Option (D4) type VDE approved: DIN VDE0884/08.87, certificate no. 68383 Maximum operating insulation voltage: 630VPK Highest permissible over voltage: 6000VPK (Note 1) When a VDE0884 approved type is needed, please designate the "Option(D4)" TOSHIBA Weight: 0.44 g 11-9A2
Pin Configurations (top view)
1 6
*
Structural parameter Creepage distance: 7.0mm(min.) Clearance: 7.0mm(min.) Insulation thickness: 0.5mm(min.)
2 ZC
3
4
1 : Anode 2 : Cathode 3 : N.C. 4 : Terminal 1 6 : Terminal 2
1
2002-09-25
TLP666J
Maximum Ratings (Ta = 25C)
Characteristic Forward current Forward current derating (Ta 53C) Peak forward current (100s pulse, 100pps) Reverse voltage Junction temperature Off-state ontput terminal voltage On-state RMS Current Detector Ta = 25C Ta = 70C LED Symbol IF IF / C IFP VR Tj VDRM IT(RMS) IT / C ITP ITSM Tj Tstg Topr Tsol (Note 2) BVS Rating 50 -0.7 1 5 125 600 100 50 -1.1 2 1.2 115 -55~125 -40~100 260 5000 Unit mA mA / C A V C V mA mA / C A A C C C C Vrms
On-state current derating (Ta 25C) Peak on-state current (100s pulse, 120pps) Peak nonrepetitive surge current (PW = 10ms, DC = 10%) Junction temperature
Storage temperature range Operating temperature range Lead soldering temperature (10s) Isolation voltage (AC, 1 min., R.H. 60%)
(Note 2) Pins 1, 2 and 3 shorted together pin 4 and 6 shorted together.
Recommended Operating Conditions
Characteristic Supply voltage Forward current Peak on-stage current Operating temperature Symbol VAC IF ITP Topr Min. 15 -25 Typ. 20 Max. 240 25 1 85 Unit Vac mA A C
2
2002-09-25
TLP666J
Individual Electrical Characteristics (Ta = 25C)
Characteristic Forward voltage LED Reverse current Capacitance Peak off-state currentt Peak on-state voltage Detector Holding current Critical rate of rise of off-state voltage Critical rate of rise of commutating voltage Symbol VF IR CT IDRM VTM IH dv / dt dv / dt(c) IF = 10mA VR = 5V V = 0, f = 1MHz VDRM = 600V ITM = 100mA Vin = 240V, Ta = 85C Vin = 60Vrms, IT = 15mA (Note 3) (Note 3) Test Condition Min. 1.0 200 Typ. 1.15 30 10 1.7 0.6 500 0.2 Max. 1.3 10 1000 3.0 Unit V A pF nA V mA V / s V / s
(Note 3) dv / dt test circuit
Rin VCC 120 Vin
1 2 3
6
RL
5V, VCC 0V dv / dt
4
4k
dv / dtc
Coupled Electrical Characteristics (Ta = 25C)
Characteristic Trigger LED current Inhibited voltage Leakage in inhibited state Capacitance (input to output) Isolation resistance Symbol IFT VIH IIH CS RS VT = 6V IF = rated IFT IF = rated IFT VT = rated VDRM VS = 0, f = 1MHz VS = 500V, R.H. 60% AC, 1 minute Isolation voltage BVS AC, 1 second, in oil DC, 1 minute, in oil Test Condition Min. 1x10
12
Typ. 5 200 0.8 10
14
Max. 10 50 600
Unit mA V A pF Vrms Vdc
5000
10000 10000
3
2002-09-25
TLP666J
I F - Ta
100 200
IT (RMS) - Ta
80
160
Allowable forward current IF (mA)
60
R.M.S on-stage current IT (RMS) (mA)
120
40
80
20
40
0 20
0
20
40
60
80
100
120
0 20
0
20
40
60
80
100
120
Ambient temperature Ta
(C)
Ambient temperature Ta
(C)
IFP - DR
3000 Pulse width 100 s Ta = 25 C 100 50 30 Ta = 25 C
IF - VF
Allowable pulse forward current IFP (mA)
500 300
(mA)
10
1000
Forward current IF
103 102 101 100
5 3
100 50 30
1 0.5 0.3 0.1 0.6
10 3
3
3
3
0.8
1.0
1.2
1.4
1.6
1.8
Duty cycle ratio DR
Forward voltage
VF (V)
VF/Ta - IF
3.2 1000
IFP - VFP IFP (mA) Pulse forward current
500 300 100 50 30
Forward voltage temperature coefficient VF/Ta (mV/C)
2.8
2.4 2.0
1.6 1.2 0.8 0.4 0.1
10 5 3 1 0.6 Pulse width 10 s Repetitive Frequency = 100 Hz Ta = 25 C 1.0 1.4 1.8 2.2 2.6
0.3 0.5
1
3
5
10
30 50
Forward current
IF (mA)
Pulse forward voltage VFP
(V)
4
2002-09-25
TLP666J
Normalized IFT - Ta
3 2 3 VT = 3 V 2
Normalized IH - Ta
IFT
Trigger LED current (arbitrary unit)
Holding current IH (arbitrary unit)
0 20 40 60 80 100
1.2 1
1.2 1
0.5
0.5
0.3
0.3
0.1 40
20
0.1 40
20
0
20
40
60
80
100
Ambient temperature Ta
(C)
Ambient temperature Ta
(C)
Normalized IDRM - Ta
103
Normalized VDRM - Ta
1.4
VDRM
VDRM = Rated
Peak off-state current IDRM (arbitrary unit)
1.2
102
Off-state output terminal voltage (arbitrary unit)
1.0
0.8
10
1
0.6
100
0.4
0
20
40
60
80
100
0.2 40
20
0
20
40
60
80
100
Ambient temperature Ta
(C)
Ambient temperature Ta
(C)
Normalized VIH - Ta
3 2 3 2
Normalized IIH - Ta
Inhibit voltage VIH (arbitrary unit)
0.5
Inhibit current IIH (arbitrary unit)
1.2 1
1.2 1
0.5
0.3
0.3
IF = Rated IFT VT = Rated VDRM
IF = Rated IFT 0.1 40 0.1 40
20
0
20
40
60
80
100
20
0
20
40
60
80
100
Ambient temperature Ta
(C)
Ambient temperature Ta
(C)
5
2002-09-25
TLP666J
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2002-09-25


▲Up To Search▲   

 
Price & Availability of TLP666J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X