Part Number Hot Search : 
GPTR3300 CVA2415 CEU02N6A FX003QC MMSZ5234 2SK3076S BTS5210L BZX84C16
Product Description
Full Text Search
 

To Download TIP31B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIP31, TIP31A ... C NPN
Version 2004-06-29
General Purpose Transistors Si-Epitaxial PlanarTransistors NPN
Collector current - Kollektorstrom Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
1=B 2=C 3=E
3A TO-220AB 2.2 g
Standard packaging in tubes Standard Lieferform in Stangen
Maximum ratings (TA = 25C) TIP31 Collector-Emitter-voltage Collector-Emitter-voltage Emitter-Base-voltage
without cooling - ohne Kuhlung with cooling - mit Kuhlung
Grenzwerte (TA = 25C) TIP31A 60 V 60 V 5V 2 W 1) 40 W 3 A (dc) 5A 1A 150C - 65...+ 150C TIP31B 80 V 80 V TIP31C 100 V 100 V VCE0 VEB0 Ptot 40 V 40 V
B open C open
B shorted VCES
Power dissipation - Verlustleistung TC =25C Ptot IC ICM IB Tj TS
Collector current - Kollektorstrom Peak Collector current Kollektor-Spitzenstrom Base current - Basisstrom Junction temp. - Sperrschichttemp. Storage temp. - Lagerungstemperatur
Characteristics, Tj = 25C Min. Collector saturation volt. - Kollektor-Sattigungsspannung IC = 3 A, IB = 375 mA Base-Emitter voltage - Basis-Emitter-Spannung VCE = 4 V, IC = 3 A VCE = 4 V, IC = 1 A VCE = 4 V, IC = 3 A
1
Kennwerte, Tj = 25C Typ. - - - - Max. 1.2 V 1.8 - 50
VCEsat - VBEon hFE hFE
- - 25 10
DC current gain - Kollektor-Basis-Stromverhaltnis
) Valid, if leads are kept at ambient temperature at a distance of 5 mm from case Gultig, wenn die Anschludrahte in 5 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden
26
General Purpose Transistors
TIP31, TIP31A ... C
Characteristics (Tj = 25C) Min. Collector-Emitter cutoff current - Kollektorreststrom VCE = 30 V VCE = 60 V VCE = rated VCE0 Small signal current gain Kleinsignal-Stromverstarkung Gain-Bandwidth Product - Transitfrequenz VCE = 10 V, IC = 0.5 A, f = 1 MHz Switching times - Schaltzeiten turn-on time turn-off time ICon = 1 A, IBon = - IBoff = 100 mA ton toff - - fT 3 MHz TIP31 TIP31A TIP31B TIP31C ICE0 ICE0 ICE0 ICE0 ICES - - - - -
Kennwerte (Tj = 25C) Typ. - - - - - Max. 300 nA 300 nA 300 nA 300 nA 200 nA
h-Parameters at VCE = 10 V, IC = 0.5 A, f = 1 kHz hfe 20 - -
- 300 ns 1 s
- - - 62 K/W 1) 3 K/W 9 10% lb.in. 1 10% Nm TIP32, TIP32A TIP32B, TIP32C
Thermal resistance - Warmewiderstand junction to ambient air - Sperrschicht zu umgebender Luft junction to case - Sperrschicht zu Gehause Admissible torque for mounting Zulassiges Anzugsdrehmoment Recommended complementary NPN transistors Empfohlene komplementare NPN-Transistoren RthA RthC M4
1
) Valid, if leads are kept at ambient temperature at a distance of 5 mm from case Gultig, wenn die Anschludrahte in 5 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden
27


▲Up To Search▲   

 
Price & Availability of TIP31B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X