Part Number Hot Search : 
6EDL4 AN1518 2SC4166P BD144 OPI2100 IM00TS 1205D BD144
Product Description
Full Text Search
 

To Download SRD00315X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ternary PIN Photodiode with Blocking Filter for 3rd Window
SRD 00314X SRD 00315X
* * * * * * * * * * *
InGaAs/InP - PIN-photodiode Designed for telecommunications applications Sensitive receiver for the 2nd optical window (1300 nm) Suitable for bit rates up to 1.2 Gbit/s Low junction and low package capacitance Fast switching times Low dark current Low noise Hermetically sealed 3-pin metal case Optimally coupled singlemode-fiber pigtail High reverse-current stability from planar structure Ordering Code Q62702-Pxxxx Q62702-P3048 Q62702-Pxxxx Q62702-Pxxxx Connector/Flange Pigtail, DIN singlemode Pigtail with flange, DIN singlemode Pigtail, FC/PC-connector Pigtail with flange, FC/PCconnector
Type SRD 00314A SRD 00315A SRD 00314G SRD 00315G
Component with other connector types on request.
Maximum Ratings Parameter Forward current Reverse voltage Operating and storage temperature Max. radiant power into the opt. port (VR = 5 V) Soldering time (wave / dip soldering), distance between solder point and base plate ( 2 mm, 260 C) Symbol Values 10 20 - 40 ... + 85 1 10 Unit mA V C mW s
IF VR TA Tstg
port
ts
Semiconductor Group
1
02.95
SRD 00314X SRD 00315X
Characteristics All optical data refer to a coupled 10/125 m SM fiber at ambient temperature of 25 C, unless otherwise defined. Parameter Spectral sensitivity = 1310 nm, VR = 2V Change in spectral sensitivity in operating temperature range Rise and fall time (10% - 90%) RL = 50 , VR = 2 V, = 1310 nm, port = 100 W Total capacitance VR = 2 V, port = 0, f = 1 MHz Dark current VR = 2 V, TA = 85 C, port = 0 Optical attenuation for 3rd window Cross talk Backreflection of optical power into optical port Symbol Values 0.80 ( 0.70) 0.2 0.3 ( 0.5) 1 ( 1.5) 1 (< 50) - 50 - 30 Unit A/W %/K ns pF nA dB dB
S S tr; tf C2 ID CRT R
Semiconductor Group
2
SRD 00314X SRD 00315X
Capacitance C = f(VR) port = 0, f = 1 MHz
Relative Spectral Sensitivity VR = 5 V
10
1 0.9 0.8
Capacitance in pF
0.7 Rel. Sensitivity 0.6 0.5 0.4 0.3 0.2 0.1
1
0.1 0.1 1 10 100 Reverse Bias in V
0 800
1200
1600
2000
Wavelength in nm
Dark Current IR = f(VR) IF = f(VF)
Dark Current IR = f(TA) port = 0, VR = 5 V
10
100
10 Dark Current in nA Dark Current in nA 1
1
0.1
0.1
0.01
0.01
0.001 0 5 10 15 20 Reverse Bias in V
0.001 -50 0 50 100 Ambient Temperature in C
Semiconductor Group
3
SRD 00314X SRD 00315X
Package Outlines (Dimensions in mm)
SRD 00314X
SRD 00315X
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of SRD00315X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X