|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS The SN54 / 74LS168 and SN54 / 74LS169 are fully synchronous 4-stage up/down counters featuring a preset capability for programmable operation, carry lookahead for easy cascading and a U/ D input to control the direction of counting. The SN54 / 74LS168 counts in a BCD decade (8, 4, 2, 1) sequence, while the SN54 / 74LS169 operates in a Modulo 16 binary sequence. All state changes, whether in counting or parallel loading, are initiated by the LOW-to-HIGH transition of the clock. SN54/74LS168 SN54/74LS169 BCD DECADE/ MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS LOW POWER SCHOTTKY * * * * * * * Low Power Dissipation 100 mW Typical High-Speed Count Frequency 30 MHz Typical Fully Synchronous Operation Full Carry Lookahead for Easy Cascading Single Up / Down Control Input Positive Edge-Trigger Operation Input Clamp Diodes Limit High-Speed Termination Effects J SUFFIX CERAMIC CASE 620-09 16 1 CONNECTION DIAGRAM DIP (TOP VIEW) V CC 16 TC 15 Q 0 14 Q 1 13 Q 2 12 Q 3 11 CET 10 PE 9 16 1 N SUFFIX PLASTIC CASE 648-08 NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package. 1 U/D 2 CP 3 P 0 4 P 1 5 P 2 6 P 3 7 CEP 8 GND 16 1 D SUFFIX SOIC CASE 751B-03 ORDERING INFORMATION SN54LSXXXJ SN74LSXXXN SN74LSXXXD Ceramic Plastic SOIC PIN NAMES LOADING (Note a) HIGH LOW 0.25 U.L. 0.5 U.L. 0.25 U.L. 0.25 U.L. 0.25 U.L. 0.25 U.L. 5 (2.5) U.L. 5 (2.5) U.L. CEP CET CP PE U/D P0-P3 Q0-Q3 TC Count Enable Parallel (Active LOW) Input Count Enable Trickle (Active LOW) Input Clock Pulse (Active positive going edge) Input Parallel Enable (Active LOW) Input Up-Down Count Control Input Parallel Data Inputs Flip-Flop Outputs Terminal Count (Active LOW) Output 0.5 U.L. 1.0 U.L. 0.5 U.L. 0.5 U.L. 0.5 U.L. 0.5 U.L. 10 U.L. 10 U.L. LOGIC SYMBOL 9 3 4 5 6 PE 1 7 10 2 U/D CEP CET CP P 0 P 1 P 2 P 3 TC 15 NOTES: a. 1 TTL Unit Load (U.L.) = 40 A HIGH/1.6 mA LOW. b. The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74) b. Temperature Ranges. Q 0 Q 1 Q 2 Q 3 14 13 12 11 V = PIN 16 CC GND = PIN 8 FAST AND LS TTL DATA 5-302 SN54/74LS168 * SN54/74LS169 STATE DIAGRAMS SN54/ 74LS168 UP / DOWN DECADE COUNTER 0 1 2 3 4 0 SN54 / 74LS169 1 2 3 4 15 5 15 5 14 6 Count Up Count Down 14 6 13 7 13 7 12 11 10 9 8 12 11 10 9 8 SN54 / 74LS168 UP: TC = Q0 Q3 (U / D) DOWN: TC = Q0 Q1 Q2 Q3 (U / D) SN54 / 74LS169 UP: TC = Q0 Q1 Q2 Q3 (U / D) DOWN: TC = Q0 Q1 Q2 Q3 (U / D) LOGIC DIAGRAMS SN54 / 74LS168 P 0 PE P 1 P 2 P 3 CEP CET U/D TC CP CP D Q 0 Q 1 Q 2 Q 3 FAST AND LS TTL DATA 5-303 SN54/74LS168 * SN54/74LS169 LOGIC DIAGRAMS (continued) SN54 / 74LS169 P 0 PE P 1 P 2 P 3 CEP CET U/D TC CP CP D Q 0 Q 1 Q 2 Q 3 GUARANTEED OPERATING RANGES Symbol VCC TA IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Parameter 54 74 54 74 54, 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 0.4 4.0 8.0 Unit V C mA mA FAST AND LS TTL DATA 5-304 SN54/74LS168 * SN54/74LS169 DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified) Limits Symbol VIH VIL VIK VOH Parameter Input HIGH Voltage 54 Input LOW Voltage 74 Input Clamp Diode Voltage 54 Output HIGH Voltage 74 54, 74 VOL Output LOW Voltage 74 Input HIGH Current Other Inputs CET Input Other Input CET Input IIL IOS ICC Input LOW Current Other Input CET Input Short Circuit Current (Note 1) Power Supply Current - 20 0.35 0.5 20 40 0.1 0.2 - 0.4 - 0.8 - 100 34 V A 2.7 3.5 0.25 0.4 V V 2.5 - 0.65 3.5 0.8 - 1.5 V V Min 2.0 0.7 V Typ Max Unit V Test Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table IOL = 4.0 mA IOL = 8.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table VCC = MAX, VIN = 2.7 V IIH mA VCC = MAX, VIN = 7.0 V mA mA mA VCC = MAX, VIN = 0.4 V VCC = MAX VCC = MAX Note 1: Not more than one output should be shorted at one time, nor for more than 1 second. FUNCTIONAL DESCRIPTION The SN54/74LS168 and SN54/74LS169 use edgetriggered D-type flip-flops that have no constraints on changing the control or data input signals in either state of the Clock. The only requirement is that the various inputs attain the desired state at least a set-up time before the rising edge of the clock and remain valid for the recommended hold time thereafter. The parallel load operation takes precedence over the other operations, as indicated in the Mode Select Table. When PE is LOW, the data on the P0 - P3 inputs enters the flip-flops on the next rising edge of the Clock. In order for counting to occur, both CEP and CET must be LOW and PE must be HIGH. The U/D input then determines the direction of counting. The Terminal Count (TC) output is normally HIGH and goes LOW, provided that CET is LOW, when a counter reaches zero in the COUNT DOWN mode or reaches 15 (9 for the SN54/74LS168) in the COUNT UP mode. The TC output state is not a function of the Count Enable Parallel (CEP) input level. The TC output of the SN54/74LS168 decade counter can also be LOW in the illegal states 11, 13 and 15, which can occur when power is turned on or via parallel loading. If illegal state occurs, the SN54/74LS168 will return to the legitimate sequence within two counts. Since the TC signal is derived by decoding the flip-flop states, there exists the possibility of decoding spikes on TC. For this reason the use of TC as a clock signal is not recommended. MODE SELECT TABLE PE L H H H H CEP X L L H X CET X L L X H U/D X H L X X Action on Rising Clock Edge Load (Pn Qn) Count Up (increment) Count Down (decrement) No Change (Hold) No Change (Hold) H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial FAST AND LS TTL DATA 5-305 SN54/74LS168 * SN54/74LS169 AC CHARACTERISTICS (TA = 25C, VCC = 5.0 V) Limits Symbol fMAX tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL Parameter Maximum Clock Frequency Propagation Delay, Clock to TC Propagation Delay, Clock to any Q Propagation Delay, CET to TC Propagation Delay, U / D to TC Min 25 Typ 32 23 23 13 15 15 15 17 19 35 35 20 23 20 20 25 29 Max Unit MHz ns ns ns ns VCC = 5.0 V CL = 15 pF Test Conditions AC SETUP REQUIREMENTS (TA = 25C) Limits Symbol tW ts ts ts th Parameter Clock Pulse Width Setup Time, Data or Enable Setup Time PE Setup Time U/D Hold Time Any Input Min 25 20 25 30 0 Typ Max Unit ns ns ns ns ns Test Conditions VCC = 5.0 V FAST AND LS TTL DATA 5-306 SN54/74LS168 * SN54/74LS169 AC WAVEFORMS 1/fmax tW CP 1.3 V 1.3 V 1.3 V CET 1.3 V tPLH 1.3 V 1.3 V tPHL 1.3 V tPHL Q OR TC 1.3 V tPLH 1.3 V TC Figure 1. Clock to Output Delays, Count Frequency, and Clock Pulse Width Figure 2. Count Enable Trickle Input To Terminal Count Output Delays CP ts(H) 1.3 V 1.3 V th(H) = 0 ts(L) th(L) = 0 CP 1.3 V tPLH 1.3 V 1.3 V 1.3 V tPHL 1.3 V P0 * P1 * P2 * P3 1.3 V 1.3 V 1.3 V 1.3 V TC Q0 * Q1 * Q2 * Q3 Figure 3. Clock to Terminal Delays Figure 4. Setup Time (ts) and Hold (th) for Parallel Data Inputs CP ts(L) 1.3 V 1.3 V th(L) = 0 SR OR PE 1.3 V 1.3 V ts(H) th(H) = 0 1.3 V U/D 1.3 V 1.3 V 1.3 V tPLH CP ts(H) 1.3 V 1.3 V 1.3 V TC 1.3 V tPHL 1.3 V th(H) = 0 1.3 V ts(L) th(L) = 0 1.3 V CEP 1.3 V 1.3 V Figure 6. Up-Down Input to Terminal Count Output Delays ts(L) th(L) = 0 ts(H) th(H) = 0 1.3 V CET 1.3 V 1.3 V 1.3 V The shaded areas indicate when the input is permitted to change for predictable output performance. Figure 5. Setup Time and Hold Time for Count Enable and Parallel Enable Inputs, and Up-Down Control Inputs FAST AND LS TTL DATA 5-307 -A- Case 751B-03 D Suffix 16-Pin Plastic SO-16 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. 3. CONTROLLING DIMENSION: MILLIMETER. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. 751B 01 IS OBSOLETE, NEW STANDARD 751B 03. 16 9 -B1 8 P 8 PL 0.25 (0.010) M B M R X 45 G -TD 16 PL 0.25 (0.010) M C SEATING PLANE K T B S M F J A S DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 3.80 1.35 0.35 0.40 10.00 4.00 1.75 0.49 1.25 INCHES MIN MAX 0.386 0.150 0.054 0.014 0.016 0.393 0.157 0.068 0.019 0.049 1.27 BSC 0.19 0.10 0 5.80 0.25 0.25 0.25 7 6.20 0.50 0.050 BSC 0.008 0.004 0 0.229 0.010 0.009 0.009 7 0.244 0.019 Case 648-08 N Suffix 16-Pin Plastic -A16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. 3. CONTROLLING DIMENSION: INCH. DIMENSION L" TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B" DOES NOT INCLUDE MOLD FLASH. 5. 6. ROUNDED CORNERS OPTIONAL. 648 01 THRU 07 OBSOLETE, NEW STANDARD 648 08. B 1 8 F S C -TK SEATING PLANE L H G D 16 PL 0.25 (0.010) M J M T A M DIM A B C D F G H J K L M S MILLIMETERS MIN MAX 18.80 6.35 3.69 0.39 1.02 19.55 6.85 4.44 0.53 1.77 INCHES MIN MAX 0.740 0.250 0.145 0.015 0.040 0.770 0.270 0.175 0.021 0.070 2.54 BSC 1.27 BSC 0.21 2.80 7.50 0 0.51 0.38 3.30 7.74 10 1.01 0.100 BSC 0.050 BSC 0.008 0.110 0.295 0 0.020 0.015 0.130 0.305 10 0.040 -A16 9 Case 620-09 J Suffix 16-Pin Ceramic Dual In-Line NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. -B1 8 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIM F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. C L 5. 620 01 THRU 08 OBSOLETE, NEW STANDARD 620 09. -TSEATING PLANE K E F D 16 PL 0.25 (0.010) M N G T A S M J 16 PL 0.25 (0.010) M T B S DIM A B C D E F G J K L M N MILLIMETERS MIN MAX 19.05 6.10 19.55 7.36 4.19 0.39 0.53 INCHES MIN MAX 0.750 0.240 0.770 0.290 0.165 0.015 0.021 1.27 BSC 1.40 1.77 0.050 BSC 0.055 0.070 2.54 BSC 0.23 0.27 5.08 7.62 BSC 0 0.39 15 0.88 0.100 BSC 0.009 0.011 0.200 0.300 BSC 0 0.015 15 0.035 FAST AND LS TTL DATA 5-308 Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong. FAST AND LS TTL DATA 5-309 |
Price & Availability of SN74LS168D |