Part Number Hot Search : 
AP4800GM CEB20P06 SLD10UAY FSP10 80110 SSF7508A ADV7840 W20NB60
Product Description
Full Text Search
 

To Download SI9986 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI9986
Vishay Siliconix
SI9986
Buffered H-Bridge
FEATURES
* * * * * * 1.0-A H-Bridge 200-kHz Switching Rate Shoot-Through Limited TTL Compatible Inputs 3.8- to 13.2-V Operating Range Surface Mount Packaging
APPLICATIONS
* * * * * * * VCM Driver Brushed Motor Driver Stepper Motor Driver Power Converter Optical Disk Drives Power Supplies High Performance Servo
DESCRIPTION
The SI9986 is an integrated, buffered H-bridge with TTL compatible inputs and the capability of delivering a continuous 1.0 A @ VDD = 12 V (room temperature) at switching rates up to 200 kHz. Internal logic prevents the upper and lower outputs of either half-bridge from being turned on simultaneously. Unique input codes allow both outputs to be forced low (for braking) or forced to a high impedance level. The SI9986 is available in an 8-Pin SOIC package, specified to operate over a voltage range of 3.8 V to 13.2 V and a the commercial temperature range of 0 to 70C (C suffix) and the industrial temperature range of -40 to 85C (D suffix).
FUNCTIONAL BLOCK DIAGRAM, PIN CONFIGURATION AND TRUTH TABLE
TRUTH TABLE
INA
1 0 0 1
INB
0 1 0 1
OUTA
1 0 0 HiZ
OUTB
0 1 0 HiZ
ORDERING INFORMATION
Part Number
SI9986CY-T1 SI9986DY-T1 SI9986CY SI9986DY
Temperature Range
0 to 70C -40 to 85C 0 to 70C -40 to 85C
Package
Tape and Reel
Bulk (tubes)
FaxBack 408-970-5600, request 70007 www.siliconix.com
S-50826--Rev. D, 22-Mar-99 1
SI9986
Vishay Siliconix
ABSOLUTE MAXIMUM RATINGSa
Voltage on any pin with respect to ground . . . . . -0.3 V to VDD + 0.3 V Voltage on pins 5, 8 with respect to GND . . . . . . . . -1 V to VDD + 1 V Voltage on pins 1, 4 . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to GND + 1 V Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5 A Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 150C Maximum Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . 150C Maximum VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 V Power Dissipationb . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 W JA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100C/W Operating Temperature Range SI9986CY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0 to 70C SI9986DY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to 85C Notes a. Device mounted with all leads soldered or welded to PC board. b. Derate 10 mW/C above 25C.
RECOMMENDED OPERATING RANGE
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.8 V to 13.2 V Maximum Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . 125C
SPECIFICATIONS
Limits Test Conditions Unless Specified Parameter Input
Input Voltage High Input Voltage Low Input Current with Input Voltage High Input Current with Input Voltage Low VINH VINL IINH IINL VIN = 2 V VIN = 0 V -1 2 1 1 A V C Suffix, 0 to 70C D Suffix, -40 to 85C
Symbol
VDD = 3.8 to 13.2 V SA @ GND, SB @ GND
Mina
Typb
Maxa
Unit
Output
Output Voltage High VOUTH IOUT = -500 mA VDD = 10.8 V VDD = 4.5 V VDD = 10.8 V VDD = 4.5 V -10 10.5 4.1 3.4 10.7 4.3 3.7 0.2 0.2 0.1 0 0 VDD + 0.7 -0.7 10 0.3 0.4 0.4 A V
IOUT = -300 mA, VDD = 3.8 V Output Voltage Low VOUTL IOLL IOLH VCLH VCLL IOUT = 500 mA
IOUT = 300 mA, VDD = 3.8 V Output Leakage Current Low Output Leakage Current High Output V Clamp High Output V Clamp Low VOUT = 0, VDD = 13.2 V INA = INB 2 V, VOUT = VDD = 13.2 V INA = INB 2 V IOUT = 100 mA IOUT = -100 mA
V
Supply
VDD Supply Current IDD IN = 100 kHz, VDD = 5.5 V INA = INB = 4.5 V, VDD = 5.5 V 2 300 mA A
Dynamic
Propogation Delay Time Notes a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. TPHH TPHL VDD = 5.5 V 300 100 nS
S-50826--Rev. D, 22-Mar-99 2
FaxBack 408-970-5600, request 70007 www.siliconix.com
SI9986
Vishay Siliconix
TYPICAL CHARACTERISTICS (25C UNLESS OTHERWISE NOTED)
FaxBack 408-970-5600, request 70007 www.siliconix.com
S-50826--Rev. D, 22-Mar-99 3
SI9986
Vishay Siliconix
TYPICAL CHARACTERISTICS (25C UNLESS OTHERWISE NOTED)
S-50826--Rev. D, 22-Mar-99 4
FaxBack 408-970-5600, request 70007 www.siliconix.com


▲Up To Search▲   

 
Price & Availability of SI9986

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X