Part Number Hot Search : 
M1951B SBR02 SI4778DY 00222830 V040A 74HCT14D T994F KBL00
Product Description
Full Text Search
 

To Download SF304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF301 - SF304
30A SUPER-FAST RECTIFIER Features
* * * * * Plastic Package - UL Flamability Classification 94V-0 High Current Capability High Surge Capacity High Fast Switching Capability < 35 ns Low Switching Noise and High Reliability
H S
R A B
TO-3P Dim A B Min 3.2 4.5 21.6 18.9 2.4 0.55 15.8 1.7 3.1O 4.2 5.1 0.89 2.9 11.7 5.0 Max 3.5 5.4 22.5 21.7 2.8 0.81 16.2 2.7 3.3O 4.5 5.7 1.5 3.3 12.8 6.0
J
K L G
C
C D E G
Mechanical Data
* * * * * Case: TO-3P Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Mounting Position: Any Polarity: As marked Approx. Weight: 5.6 gram
P N
D
H J K L M N P R S
E M M
Common Cathode (no Suffix) shown Add Suffix `A' for Common Anode & change `+' to `-' in illustration above
Maximum Ratings and Electrical Characteristics
Rating at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current 20%. Characteristic Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (Total Device) @ TC = 120C Peak forward Surge Current 8.3ms half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage per leg at IF = 15A (Note 3) @ TJ = 25C @ TJ = 150C Symbol VRRM VRSM VDC I(AV) IFSM SF301 50 35 50 SF302 100 70 100 30 300 0.975 0.880 10 500 80 35 1.0 -65 to +175 SF303 150 105 150 SF304 200 140 200 Unit V V V A A V mA pF ns C/W C
VF IR CJ Trr RqJC TJ, TSTG
Maximum Instantaneous Reverse Current at @ TJ = 25C Rated DC Blocking Voltage per leg (Note 3) @ TJ = 150C Typical Junction Capacitance (Note 1) Maximum Reverse Recovery Time (Note 2) Typical Thermal Resistance, Junction to Case Storage and Operating Temperature Range
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0 volts. (2) Reverse recovery test conditions: IF = +0.5A, IR = 1.0A, di/dt = 50A/ms. (3) Pulse width = 300 mS, 2% duty cycle.
DS24007 Rev. D-3
1 of 3
SF301-SF301
15
IF, INSTANTANEOUS FWD RECTIFIED CURRENT (A) Per Leg
20
100
IAV, AVERAGE FWD RECTIFIED CURRENT (A)
10
10
1.0
5
0
0
50 75 100 125 150 TEMPERATURE (C) Fig. 1, TC, Forward Current Derating Curve
25
0.1
1.2 1.6 2.0 0 0.4 0.8 VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS) Fig. 2 Typical Forward Characteristics
1000
IFSM, PEAK FWD SURGE CURRENT (A)
400 350 300 250 200 150 100 50 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 4 Peak Forward Surge Current 100
CJ, JUNCTION CAPACITANCE (pF)
100
10
1
10 100 VR, REVERSE VOLTAGE (VOLTS) Fig. 3 Typical Junction Capacitance
DA24007 Rev. D-3
2 of 3
SF301-SF301
10
IR, INSTANTANEOUS REVERSE CURRENT (A)
1.0
0.1
0.01 0 40 80 120 160 VR, REVERSE VOLTAGE (VOLTS) Fig. 5, Typical Reverse Characteristics 200
50W Non Inductive
10W Non Inductive
+0.5A
trr
Device under test + 25Vdc (approx) 1W Non Inductive Oscilloscope (Note 1)
0
Pulse Generator (Note 2)
-0.25A
+
-1.0A
Notes: 1. Rise Time = 7ns max, nce = 1MW 22pF 2. Rise Time = 10ns max Source Impedence = 50W
1cm
SET TIME BASE FOR 5/10 ns/cm
DS24007 Rev. D-3
3 of 3
SF301-SF301


▲Up To Search▲   

 
Price & Availability of SF304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X