Part Number Hot Search : 
NE5537 13611489 T89C5 TS339 IPECRG NV152N06 G3355K AX93167
Product Description
Full Text Search
 

To Download SF0140BA03074S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc. TYPICAL PERFORMANCE
140 MHz Bandpass Filter 32 MHz bandwidth Part Number SF0140BA03074S
Horizontal: 10 MHz/div
Vertical (from top):
Magnitude Phase Deviation
1 5
dB/div deg/div
SPECIFICATION
Parameter 2 Center Frequency (Fc) 1 Minimum Insertion Loss 3 dB Bandwidth 35 dB Bandwidth Passband Ripple (127.2 to 152.8 MHz) Phase Dev'n from Linear (127.2 to 152.8 MHz) Group Delay Variation (127.2 to 152.8 MHz) Absolute Delay Ultimate Rejection (0.5*Fc to 1.5*Fc) Source and Load Impedance Substrate Temperature Coefficient of Frequency Ambient Temperature
Notes:
Min 139.00 32
Typ 140.00 11.8 34 42
Max 141.00 13 44 1.2 14 120
0.83 40 50 LiNbO3 -90 25
Units MHz dB MHz MHz dB p-p deg p-p ns p-p us dB ppm/C C
1. Average of the lower and upper 3 dB band edge frequencies. 2. All dB levels are referenced to the insertion loss.
Rev X4 3-Jan-04
Page 1 of 2
Integrated Circuit Systems * Surface Acoustic Wave Products 324 Clark Street, Worcester, MA 01606, USA * Phone 508-852-5400 * Fax 508-852-8456 www.icst.com
QF12/3
Integrated Circuit Systems, Inc. PACKAGE OUTLINE
140 MHz Bandpass Filter 32 MHz bandwidth Part Number SF0140BA03074S
Units: mm Pin Configuration: Input: 11 Input Return: 12 Output: 5 Output Return: 6 Ground: 1,2,3,4,7,8,9,10
MATCHING CIRCUIT
11
5
12
6
Typical component values: (minimum inductor Q = 40)
Ls1 = TBD nH Lp1 = TBD nH
Ls2 = TBD nH Lp2 = TBD nH
Notes * Maximum 2% tolerance matching components shall be used. * Tuning values shown are for reference only. Optimum values may change depending upon board layout.
ISO 9001 Registered
Rev X4 3-Jan-04
Page 2 of 2
Integrated Circuit Systems * Surface Acoustic Wave Products 324 Clark Street, Worcester, MA 01606, USA * Phone 508-852-5400 * Fax 508-852-8456 www.icst.com
QF12/3


▲Up To Search▲   

 
Price & Availability of SF0140BA03074S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X