Part Number Hot Search : 
OCMS2X6 W48S87 P6KE33A SR390 1N6631 EPA3010 AN1576 BUH1215
Product Description
Full Text Search
 

To Download SF0140BA03073S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 MHz Filter 18 MHz Bandwidth
Part Number
SF0140BA03073S
Micro Networks, 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
TYPICAL PERFORMANCE
Horizontal: 6 MHz/div
Vertical (from top): Magnitude 10,1 dB/div Phase Deviation 10 deg/div Group Delay Variation 100 ns/div
SPECIFICATION
Parameter Center Frequency (Fc) 1 Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 30 dB Bandwidth 40 dB Bandwidth Passband Ripple Phase Deviation from Linear2 Group Delay Variation2 Absolute Delay Substrate Temperature Coefficient of Frequency (Tc)3 Ambient Temperature System Source and Load Impedance
Notes:
Min 139.6 17.25 18
Typ 140 10 18.2 19.2 22.2 34 0.7 5 85 0.82 LiNbO3 -90 25 50
Max 140.4 12 23 48 1 10 120
Units MHz dB MHz MHz MHz MHz dB deg ns s ppm/C C
1. Average of lower & upper 3 dB frequencies. 2. Evaluated over 80% of the 3 dB bandwidth. 3. Typical change of filter frequency response with temperature is f/fref = (T-Tref)*Tc ppm.
Rev X3 17-Nov-03
Page 1 of 2
140 MHz Filter 18 MHz Bandwidth
Part Number
SF0140BA03073S
Micro Networks, 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
PACKAGE OUTLINE
Units:
mm
Pin Configuration: Input: 11 Input Return: 12 Output: 5 Output Return: 6 Ground: 1,2,3,4,7,8,9,10
MATCHING CIRCUIT
11 5
12
6
Component values in 50 : (Minimum Q = 40)
Ls1 = 120 nH Cp1 = 22 pF
Ls2 = 120 nH Cp2 = 10 pF
Notes * Optimum component values may change depending on board layout. The values shown here are intended as a guide only. ISO 9001 Registered Micro Networks
324 Clark Street Worcester, MA 01606. tel: 508-852-5400 fax: 508-852-8456
www.micronetworks.com
Rev X3 17-Nov-03
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SF0140BA03073S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X