Part Number Hot Search : 
102M2 1682M P823M 1SMA5938 02C1C 7FLITE U2508 24C02VM
Product Description
Full Text Search
 

To Download SD4011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD4011
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
.GOLD .I .COMMON .OVERLAY .CLASS .METAL/ .P
METALLIZATION N TERNAL INPUT MATCHING EMITTER GEOMETRY A OPERATION C ERAMIC PACKAGE OUT = 4 W MIN. WITH 8 dB GAIN
.280 4L STUD (M122) epoxy sealed ORDER CODE SD4011 BRANDING SUTV040
PIN CONNECTION
DESCRIPTION The SD4011 is a gold metallized NPN silicon bipolar device optimized for Class A operation in TV Band IV/V. Suitable for a variety of other UHF linear applications, SD4011 is supplied in an industry-standard .280 stud package. ABSOLUTE MAXIMUM RATINGS (T case = 25 C)
Symbol Parameter Value Unit 1. Collector 2. Emitter 3. Base 4. Emitter
VCBO VCES VEBO IC PDISS TJ T STG
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Device Current Power Dissipation Junction Temperature Storage Temperature
65 65 3.5 1.59 31.8 +200 - 65 to +150
V V V A W C C
THERMAL DATA RTH(j-c) Junction-Case Thermal Resistance 5.5 C/W
1/5
November 1992
SD4011
ELECTRICAL SPECIFICATIONS (T case = 25 C) STATIC
Symbol Test Conditions Value Min. Typ. Max. Unit
BVCBO BVEBO BVCES BVCEO I CBO hFE DYNAMIC
Symbol
IC = 5mA IE = 5mA IC = 10mA IC = 5mA VCB = 40V VC = 5V
IE = 0mA IC = 0mA VBE = 0V IB = 0mA IE = 0mA IC = 800mA
65 3.5 65 20 -- 20
-- -- -- -- -- --
-- -- -- -- 1.0 200
V V V V mA --
Test Conditions
Value Min. Typ. Max.
Unit
POUT GP IMD3 COB
Note: P IN
f = 860 MHz f = 860 MHz f = 860 MHz f = 1 MHz =
0.63
VCE = 25 V VCE = 25 V VCE = 25 V VCE = 25 V
IC = 850 mA IC = 850 mA IC = 850 mA
4 8.0 -60 --
-- -- -- 13
-- -- -- 20
W dB dBc pF
TYPICAL PERFORMANCE
INTERMODULATION DISTORTION vs POWER OUTPUT
INTERMODULATION DISTORTION (3 TONES) vs POWER OUTPUT
F = 860 MHz VCE = 25 V IC = 850 mA
F = 860 MHz VCE = 25 V IC = 850 mA
2/5
SD4011
IMPEDANCE DATA
TYPICAL INPUT IMPEDANCE ZIN FREQ. 470 MHz TYPICAL COLLECTOR LOAD IMPEDANCE ZCL 600 MHz 700 MHz 860 MHz ZIN () 2.26 + j 1.67 1.93 + j 1.96 1.40 + j 2.38 1.19 + j 3.45 ZCL () 11.30 + j 5.23 10.65 + j 2.91 8.41 + j 6.07 5.63 + j 4.17
Normalized to 50 ohms
3/5
SD4011
TEST CIRCUIT
C1 C2, C6, C8, C15 C3, C7 ,C9 C11, C16 C4, C10 C5, C14 C12, C17, C18 C13, C25 C19 C20 C21, C24
: 22F - 63V - Sprague : 4.7nF Chip LCC : 100nF Chip LCC : 4.7F - 40V - Sprague : 4.7F - 63V - Sprague : : : : : 470pF Chip LCC 47pF ATC 100B 47pF ATC 100A 0.5 - 4.5pF Adjustable Airtronic 0.8 - 5pF Adjustable Johanson
C22 C23 D1 L1 L2 R1 R2 R3 R4,R6 R5,R7 R8 T1
: : : : : : : : : : : :
10pF ATC 100A 15pF ATC 100B 1N 4001 or 1N 914 6 Turns - Wire Dia. 5/10 on 2.5mm Internal Dia. 10 to 12 Turns on R6 - Wire Dia. 5/10 2.2 - 3W - Sfernice 100 - 1/2W 510 - 1/2W 100 - 1/2W 56 - 1W 3.3k Adjustable BDX 54 B
Z1 Z2 Z3 Z'3 Z4 Z5 Z6 Z7 Z8 Z9 Z10 Z11 Z12 Z13
: : : : : : : : : : : : : :
50 transmission line - length 18mm 50 transmission line - length 22mm 16,4 transmission line - length 12mm 10,5 transmission line - length 3.5mm 20 transmission line - length 13mm 50 transmission line - length 2.5mm 20 transmission line - length 23mm 4 transmission line - length 8% g at 860MHz 55 transmission line - length 7.5% g at 860MHz 7.5 transmission line - length 8% g at 860MHz 100 transmission line - length 8% g at 860MHz 20 transmission line - length 8% g at 860MHz 50 transmission line - length 5mm 50 transmission line - length 12mm
4/5
SD4011
PACKAGE MECHANICAL DATA Ref.: Dwg. No. 12-0122
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
5/5


▲Up To Search▲   

 
Price & Availability of SD4011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X