Part Number Hot Search : 
3216S SD103B LT6200 ALVCH163 MCR8NG CY7C4285 R2040 SD103B
Product Description
Full Text Search
 

To Download SD1100CLSERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2073 rev. D 04/00
SD1100C..L SERIES
STANDARD RECOVERY DIODES Hockey Puk Version
Features
Wide current range High voltage ratings up to 3200V High surge current capabilities Diffused junction Hockey Puk version Case style DO-200AB (B-PUK)
1170A
Typical Applications
Converters Power supplies Machine tool controls High power drives Medium traction applications
case style DO-200AB (B-PUK)
Major Ratings and Characteristics
SD1100C..L Parameters
IF(AV) @ Ths IF(RMS) @ Ths IFSM @ 50Hz @ 60Hz It
2
04 to 20
1170 55 2080 25 13000 13600 846 772 400to 2000 - 40 to 180
25 to 32
910 55 1660 25 10500 11000 551 503 2500 to 3200 - 40 to 150
Units
A C A C A A KA2s KA2s V C
@ 50Hz @ 60Hz
VRRM range TJ
www.irf.com
1
SD1100C..L Series
Bulletin I2073 rev. D 04/00
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
04 08 12 SD1100C..L 16 20 25 30 32
V RRM , maximum repetitive peak reverse voltage V
400 800 1200 1600 2000 2500 3000 3200
VRSM , maximum nonrepetitive peak rev. voltage V
500 900 1300 1700 2100 2600 3100 3300
I RRM max.
@ TJ = TJ max.
mA
15
Forward Conduction
Parameter
IF(AV) Max. average forward current @ Heatsink temperature IF(RMS) Max. RMS forward current IFSM Max. peak, one-cycle forward, non-repetitive surge current
SD1100C..L Units 04 to 20 25 to 32
1170(600) 910(420) 55(85) 2080 13000 13600 10930 11450 55(85) 1660 10500 11000 8830 9250 551 503 390 356 5510 0.84 V 0.94 0.88 KA2s KA2 s A A C A
Conditions
180 conduction, half sine wave Double side (single side) cooled @ 25C heatsink temperature double side cooled t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal halfwave, Initial TJ = TJ max.
I2 t
Maximum I2t for fusing
846 772 598 546
I2 t
Maximum I2t for fusing voltage
8460 0.78
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. (I > x IF(AV)),TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold V F(TO)2 High level value of threshold voltage r f1 r f2 VFM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop
0.35
0.40 m
0.26 1.31
0.38 1.44 V
(I > x IF(AV)),TJ = TJ max. Ipk= 1500A, T J = TJ max, tp = 10ms sinusoidal wave
2
www.irf.com
SD1100C..L Series
Bulletin I2073 rev. D 04/00
Thermal and Mechanical Specifications
Parameter
TJ T
stg
SD1100C..L 04 to 20 25 to 32
-40 to 180 -55 to 200 -40 to 150 -55 to 200
Units
C
Conditions
Max. junction operating temperature range Max. storage temperature range
RthJ-hs Max. thermal resistance, junction to heatsink F wt Mounting force, 10% Approximate weight Case style
0.11 K/W 0.05 9800 (1000) 250 DO-200AB (B-PUK) N (Kg) g
DC operation single side cooled DC operation double side cooled
See Outline Table
RthJ-hs Conduction
(The following table shows the increment of thermal resistence RthJ-hs when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction
Single Side Double Side 0.011 0.014 0.018 0.026 0.045 0.011 0.015 0.018 0.026 0.046
Rectangular conduction
Single Side Double Side 0.008 0.014 0.019 0.027 0.046 0.008 0.014 0.019 0.028 0.046
Units
Conditions
K/W
TJ = TJ max.
Ordering Information Table
Device Code
SD 110
1 2
0
3
C
4
32
5
L
6
1 2 3 4 5 6
-
Diode Essential part number 0 = Standard recovery C = Ceramic Puk Voltage code: Code x 100 = VRRM (See Voltage Ratings table) L = Puk Case DO-200AB (B-PUK)
www.irf.com
3
SD1100C..L Series
Bulletin I2073 rev. D 04/00
Outline Table
3.5(0.14) DIA. NOM. x 1.8(0.07) DEEP MIN.
BOTH ENDS
5 8 .5 (2 .3 0) DIA . M AX .
0.8 (0.03) BOTH ENDS
34 (1.34) DIA. MAX. TWO PLACES
26 .9 (1 .0 6 )
25 .4 (1 )
Case Style DO-200AB (B-PUK)
All dimensions in millimeters (inches) Quote between upper and lower pole pieces has to be considered after application of Mounting Force (see Thermal and Mechanical Specification)
53 (2.09) DIA. MAX.
M a x im u m A llo w a b le H e a t sin k T e m p e ra tu re (C )
16 0 14 0 12 0 10 0 80 60 40 0
S D 1 1 0 0 C ..L Se rie s (4 0 0 V t o 2 0 0 0 V ) (S in gle S id e C o o le d ) R thJ-h s (D C ) = 0 .1 1 K / W
M a x im um A llo w a b le H e a t sin k T e m p e ra t u re (C )
18 0
1 80 1 60 1 40 1 20 1 00 80 60 40
SD 1 1 0 0 C ..L Se rie s (4 0 0 V t o 2 0 0 0 V ) (S in g le S id e C o o le d ) R th J- hs (D C ) = 0 .1 1 K / W
C o nduc tio n An g le
C o nd uc tio n Period
3 0
60
9 0
12 0
90 6 0 30 0 2 00 4 00 120 600 180 800 DC 1 0 00 1 20 0
18 0
20
2 00
4 00
600
80 0
A v e ra g e Fo rw a rd C u rre n t (A )
Fig. 1 - Current Ratings Characteristics
A v e ra g e F o rw a rd C u rr e n t (A )
Fig. 2 - Current Ratings Characteristics
4
www.irf.com
SD1100C..L Series
Bulletin I2073 rev. D 04/00
M a xim u m A llo w a b le H e a tsin k T e m p e ra tu r e (C ) Maximum Allowable Hea tsink Tem perature (C) 180 160 140 120
C o nd uctio n A ng le
SD1100C..L Series (400V to 2000V ) (Double Side Cooled ) R th J- hs (DC) = 0.05 K/W
1 80 1 60 1 40 1 20 1 00 80 60 40 20 0
S D 1 1 0 0 C ..L Se rie s (4 0 0 V t o 2 0 0 0 V ) (D o ub le Sid e C o o le d) R thJ-h s (D C ) = 0 .0 5 K /W
100 80 60 40 20 0 200 400 600 800 1000 1200 1400 Average Forward Current ( A)
Fig. 3 - Current Ratings Characteristics
C o ndu ct io n Pe rio d
30 60 90 120 180 DC 50 0 1 0 00 1 50 0 2 00 0 2 5 00
30
60
90
120 180
A v e ra g e Fo rw a rd C u rr e n t (A )
Fig. 4 - Current Ratings Characteristics
Maxim um Allowable Heatsink Tem perat ure ( C)
Maxim um Allowable Heatsin k Tem perature (C)
150 140 130 120 110 100 90 80 70 60 50 40 0
SD1100C..L Series (2500V to 3200V ) (Single Side Cooled ) R th J-hs (DC) = 0.11 K/W
Co n duc tio n An g le
30
60 90 120 180
150 140 130 120 110 100 90 80 70 60 50 40 30 20 0
SD1100C..L Series (2500V to 3200V ) (Single Side Cooled) R thJ-hs (DC) = 0.11 K/W
C o nd uc tio n Perio d
90 30 200 60 400 120 180 DC 800 1000
100
200
300
400
500
600
700
600
Average Forward Curren t (A)
Fig. 5 - Current Ratings Characteristics
Avera ge Forward Current (A)
Fig. 6 - Current Ratings Characteristics
Maximum Allow able Heatsin k Tem perature (C)
SD 1100C..L Series (2500V to 3200V) (Double Side Cooled) R t hJ-hs (DC) = 0.05 K/W
Maximum Allowable Heatsink Temperature (C)
150 140 130 120 110 100 90 80 70 60 50 40 30 20 0
C o ndu ctio n A ng le
30
60
90
120
180
150 140 130 120 110 100 90 80 70 60 50 40 30 20 0
SD1100C..L Series (2500V to 3200V) (D ouble Sid e Cooled) R thJ- hs (DC) = 0.05 K/W
C o nd uctio n P erio d
30 60 90 120 180 DC 400 800 1200 1600 2000
200
400
600
800
1000
1200
Average Forward Curren t (A)
Fig. 7 - Current Ratings Characteristics
Average Forward Current (A)
Fig. 8 - Current Ratings Characteristics
www.irf.com
5
SD1100C..L Series
Bulletin I2073 rev. D 04/00
M a x im u m A v e ra ge F o r w ar d P o w e r Lo ss (W ) M a x im u m A v e ra g e Fo rw a rd P o w e r Lo ss (W ) 25 0 0 1 80 1 20 90 60 30 3 5 00 3 0 00 2 5 00 2 0 00 1 5 00
Co nd uc tio n Pe rio d
20 0 0
15 0 0
R M S Lim it
DC 1 80 1 20 90 60 30
R M S Lim it
10 0 0
Co n duc tio n Ang le
1 0 00 5 00 0 0 50 0 1 00 0 1 50 0 20 0 0 2 5 00 A v e ra g e Fo rw a rd C ur re n t (A )
Fig. 10 - Forward Power Loss Characteristics
500
SD 1 1 0 0 C ..L S e rie s (4 0 0 V t o 2 0 0 0 V ) T J = 1 8 0 C 0 2 00 4 00 600 8 00 10 0 0 1 2 0 0 1 40 0
SD 1 1 0 0 C ..L Se rie s (4 0 0 V t o 2 0 0 0 V ) TJ = 180 C
0 A v e ra g e Fo rw a r d C u rre n t ( A )
Fig. 9 - Forward Power Loss Characteristics
M axim um Average Forw ard Power Loss (W )
M a x im u m A v e ra g e F o rw a rd P o w e r Lo ss (W )
2000 1800 1600 1400 1200 1000 800
Co n duc tio n An gle
2 5 00 DC 18 0 12 0 9 0 6 0 3 0
180 120 90 60 30
2 0 00
RMS Lim it
R M S Lim it
1 5 00
1 0 00
C o nduc tio n Pe rio d
600 400 200 0 0 200 400 600 800 1000 1200 Average Forward Curren t (A)
Fig. 11 - Forward Power Loss Characteristics
SD1100C..L Series (2500V to 3200V) T J = 150C
50 0
SD 1 1 0 0 C ..L S e rie s (2 5 0 0 V to 3 2 0 0 V ) T J = 1 5 0 C 0 40 0 8 00 1 20 0 16 0 0 2 00 0
0 A v e ra g e Fo rw a rd C urr e n t (A )
Fig. 12 - Forward Power Loss Characteristics
P e a k H a lf S in e W a v e F o rw a r d C u rre n t (A )
1 1 00 0 1 0 00 0 90 0 0 80 0 0 70 0 0 60 0 0 50 0 0 40 0 0 30 0 0 1
A t A n y R a t e d Lo a d C o n d it io n A n d W it h R a t e d V RR M A p p lie d Fo llo w in g S urg e . In itia l TJ = 1 8 0 C @ 6 0 H z 0 .0 0 8 3 s @ 5 0 H z 0 .0 1 0 0 s
Peak Half Sine W ave Forward Curren t (A)
1 2 00 0
14000 13000 12000 11000 10000 9000 8000 7000 6000 5000 4000
Maxim um Non Repetitive Surge Current V ersus Pulse Train Duration . Initial T J = 180 C No V oltag e Reapplied Rated V RRM Reapplied
SD 1 1 0 0 C ..L Se rie s (4 0 0 V t o 2 0 0 0 V ) 10 10 0
SD1100C..L Series (400V to 2000V) 0.1 Pulse Train Duration (s) 1
3000 0.01
N um b er O f E qua l A m plitud e H alf C yc le Cu rren t Pulse s (N )
Fig. 13 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
Fig. 14 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
6
www.irf.com
SD1100C..L Series
Bulletin I2073 rev. D 04/00
Peak Half Sin e W ave Forward Current (A) At Any Rated L oad Cond ition An d W ith Rated V RRM Applied Followin g Surge. In itial TJ = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s Peak Half Sin e W ave Forward Current (A) 10000 9000 8000 7000 6000 5000 4000 3000 1 10 100
Num be r O f Eq ual Am plitu de Half Cy c le C urre nt P ulse s (N )
11000 10000 9000 8000 7000 6000 5000 4000
Maxim um Non Repetitive Surge Current Versus Pulse Train Duration. Initial T J = 150 C No Voltage Reapplied Rated V RR M Reapplied
SD1100C..L Series (2500V to 3200V )
SD 1100C..L Series (2500V to 3200V) 0.1 Pulse Train Duration (s) 1
3000 0.01
Fig. 15 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
Fig. 16 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
10000 In stan tan eous Forward Curren t (A) T J = 25C T J = 180C In stantaneous Forw ard Current (A)
10000 T J = 25C T J = 150C
1000
1000
SD1100C..L Series (400V to 2000V) 100 0.5 1 1.5 2 2. 5 3 3.5 4
SD1100C..L Series (2500V to 3200V) 100 0.5 1 1.5 2 2. 5 3 3.5 4 4.5 5
Instantan eous Forward V oltage (V )
Fig. 17 - Forward Voltage Drop Characteristics
1 St e a d y St at e V a lue R thJ-hs = 0 .1 1 K /W ( Sing le Sid e C o o le d ) 0 .1 R thJ-hs = 0 .0 5 K /W ( D o u ble Sid e C o o le d ) ( D C O p e ra t io n )
In stantan eous Forward Voltage (V)
Fig. 18 - Forward Voltage Drop Characteristics
T ra n sie n t T h e rm a l Im p e d an c e Z thJ-hs ( K / W )
0 .0 1 S D 1 1 0 0 C ..L S e rie s
0 .0 0 1 0 .0 0 1
0 .0 1
0 .1 Sq u a re W a v e Pu lse D u rat io n ( s)
1
10
Fig. 19 - Thermal Impedance ZthJC Characteristics
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of SD1100CLSERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X