Part Number Hot Search : 
R2500 M2N7000 K6A65D KT3153A9 LA4282 ALC42 0471003 C15006
Product Description
Full Text Search
 

To Download RURG3060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RURG3060
Data Sheet January 2000 File Number 3212.2
30A, 600V Ultrafast Diode
The RURG3060 is an ultrafast diode with soft recovery characteristics (trr < 55ns). It has low forward voltage drop and is silicon nitride passivated ion-implanted epitaxial planar construction. This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and ultrafast recovery with soft recovery characteristic minimizes ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors. Formerly developmental type TA09903.
Features
* Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <55ns * Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC * Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .600V * Avalanche Energy Rated * Planar Construction
Applications
* Switching Power Supplies * Power Switching Circuits * General Purpose
Ordering Information
PART NUMBER RURG3060 PACKAGE TO-247 BRAND RURG3060
Packaging
JEDEC STYLE 2 LEAD TO-247
ANODE
NOTE: When ordering, use the entire part number.
Symbol
K
CATHODE (BOTTOM SIDE METAL)
CATHODE
A
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified RURG3060 UNITS V V V A A A W mJ
oC
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV) (TC = 130oC) Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM (Square Wave, 20kHz) Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM (Halfwave, 1 Phase, 60Hz) Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Avalanche Energy (See Figures 7 and 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
600 600 600 30 70 325 125 20 -65 to 175
1
1-888-INTERSIL or 321-724-7143 | Copyright
(c) Intersil Corporation 2000
RURG3060
Electrical Specifications
SYMBOL VF IF = 30A IF = 30A, TC = 150oC IR VR = 600V VR = 600V, TC = 150oC trr IF = 1A, dIF/dt = 100A/s IF = 30A, dIF/dt = 100A/s ta tb RJC DEFINITIONS VF = Instantaneous forward voltage (pw = 300s, D = 2%). IR = Instantaneous reverse current. trr = Reverse recovery time (See Figure 6), summation of ta + tb. ta = Time to reach peak reverse current (See Figure 6). tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 6). RJC = Thermal resistance junction to case. pw = Pulse width. D = Duty cycle. IF = 30A, dIF/dt = 100A/s IF = 30A, dIF/dt = 100A/s TC = 25oC, Unless Otherwise Specified TEST CONDITION TYP 30 20 MAX 1.5 1.3 250 1 55 60 1.2 UNITS V V A mA ns ns ns ns
oC/W
Typical Performance Curves
200 100 IF, FORWARD CURRENT (A) 1000 175oC IR, REVERSE CURRENT (A) 100
175oC
10
100oC
10 100oC
25oC
1
0.1 25oC
1 0 0.5 1 1.5 2 2.5 VF, FORWARD VOLTAGE (V)
0.01
0
100
200
300
400
500
600
VR , REVERSE VOLTAGE (V)
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
2
RURG3060 Typical Performance Curves
60 50 t, RECOVERY TIMES (ns) 40 30 20 10 0 1 10 IF, FORWARD CURRENT (A) 30
(Continued)
IF(AV) , AVERAGE FORWARD CURRENT (A) 30 25 DC SQ. WAVE 20 15 10 5 0 100
trr
ta tb
120
140
160
180
TC , CASE TEMPERATURE (oC)
FIGURE 3. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 4. CURRENT DERATING CURVE
Test Circuits and Waveforms
VGE AMPLITUDE AND RG CONTROL dIF/dt t1 AND t2 CONTROL IF L
DUT RG VGE t1 t2
CURRENT SENSE + VDD 0
IF
dIF dt ta
trr tb
IGBT
-
0.25 IRM IRM
FIGURE 5. trr TEST CIRCUIT
I = 1A L = 40mH R < 0.1 EAVL = 1/2LI2 [VR(AVL) /(VR(AVL) - VDD)] Q1 = IGBT (BVCES > DUT VR(AVL)) L CURRENT SENSE Q1 VDD DUT R + VDD IV
FIGURE 6. trr WAVEFORMS AND DEFINITIONS
VAVL
IL
IL
t0 t1 t2 t
FIGURE 7. AVALANCHE ENERGY TEST CIRCUIT
FIGURE 8. AVALANCHE CURRENT AND VOLTAGE WAVEFORMS
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com 3


▲Up To Search▲   

 
Price & Availability of RURG3060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X