|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RGP10A-RGP10M Discrete POWER & Signal Technologies RGP10A - RGP10M Features * * * * * 1.0 ampere operation at TA = 55C with no thermal runaway. High temperature metallurgically bonded construction. Glass passivated cavity-free junction. Typical IR less than 1A. Fast switching for high efficiency. 1.0 min (25.4) Dimensions in inches (mm) 0.205 (5.21) 0.160 (4.06) DO-41 COLOR BAND DENOTES CATHODE 0.107 (2.72) 0.080 (2.03) 0.034 (0.86) 0.028 (0.71) 1.0 Ampere Glass Passivated Fast Recovery Rectifiers Absolute Maximum Ratings* Symbol IO if(surge) PD RJA Tstg TJ TA = 25C unless otherwise noted Parameter Average Rectified Current .375 " lead length @ TL = 55C Peak Forward Surge Current 8.3 ms single half-sine-wave Superimposed on rated load (JEDEC method) Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient Storage Temperature Range Operating Junction Temperature Value 1.0 Units A 30 2.5 17 50 -65 to +175 -65 to +175 A W mW/C C/W C C *These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. Electrical Characteristics Parameter 10A Peak Repetitive Reverse Voltage Maximum RMS Voltage DC Reverse Voltage (Rated VR) Maximum Reverse Current @ rated VR TA = 25C TA = 150C Maximum Reverse Recovery Time IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A Maximum Forward Voltage @ 1.0 A Typical Junction Capacitance VR = 4.0 V, f = 1.0 MHz 50 35 50 TA = 25C unless otherwise noted Device 10B 100 70 100 10D 200 140 200 10G 400 280 400 5.0 200 150 1.3 15 250 500 10J 600 420 600 10K 800 560 800 10M 1000 700 1000 Units V V V A A nS V pF (c)1999 Fairchild Semiconductor Corporation RPG10A - RPG10M, Rev. A RGP10A-RGP10M Typical Characteristics Forward Current Derating Curve 1 FORWARD CURRENT (A) PEAK FORWARD SURGE CURRENT (A) 30 25 20 15 10 5 0 Non-Repetitive Surge Current 0.75 0.5 SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" (9.0mm) LEAD LENGTHS 0.25 0 25 50 75 100 125 150 LEAD TEMPERATURE ( C) 175 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100 Forward Characteristics 10 Reverse Characteristics 10 REVERSE CURRENT ( A) TA = 125 C FORWARD CURRENT (A) 1 1 TA = 75 C 0.1 TA = 25 C Pulse Width = 300s 2% Duty Cycle 0.1 TA = 25 C 0.01 0.4 0.6 0.8 1 1.2 1.4 FORWARD VOLTAGE (V) 1.6 0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Junction Capacitance 100 50 CAPACITANCE (pF) 20 10 5 2 1 1 2 5 10 20 REVERSE VOLTAGE (V) 50 100 50 NONINDUCTIVE 50 NONINDUCTIVE +0.5A (-) trr DUT 50V (approx) 50 NONINDUCTIVE Pulse Generator (Note 2) (+) OSCILLOSCOPE (Note 1) 0 -0.25A -1.0A 1.0cm SET TIME BASE FOR 5/ 10 ns/ cm Reverse Recovery Time Characterstic and Test Circuit Diagram RPG10A - RPG10M, Rev. A TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM DISCLAIMER ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. Preliminary First Production No Identification Needed Full Production Obsolete Not In Production This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. |
Price & Availability of RGP10J |