Part Number Hot Search : 
CEB3120 SDA5453 HR9311W1 MP8712 RT1453B6 2SA1411 S12DB HM6818A
Product Description
Full Text Search
 

To Download NC7SZ175P6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NC7SZ175 TinyLogic UHS D-Type Flip-Flop with Asynchronous Clear
May 1998 Revised May 2003
NC7SZ175 TinyLogic UHS D-Type Flip-Flop with Asynchronous Clear
General Description
The NC7SZ175 is a single positive edge-triggered D-type CMOS Flip-Flop with Asynchronous Clear from Fairchild's Ultra High Speed Series of TinyLogic in the space saving SC70 6-lead package. The device is fabricated with advanced CMOS technology to achieve ultra high speed with high output drive while maintaining low static power dissipation over a very broad VCC operating range. The device is specified to operate over the 1.65V to 5.5V VCC range. The inputs and output are high impedance when VCC is 0V. Inputs tolerate voltages up to 7V independent of VCC operating voltage. This single flip-flop will store the state of the D input that meets the setup and hold time requirements on the LOW-to-HIGH Clock (CP) transition. A LOW input to Clear sets the Q output to LOW level. The Clear input is independent of clock.
Features
s Space saving SC70 6-lead package s Ultra small MicroPak leadless package s Ultra High Speed; tPD 2.6 ns Typ into 50 pF at 5V VCC s High Output Drive; 24 mA at 3V VCC s Broad VCC Operating Range; 1.65V to 5.5V s Matches the performance of LCX when operated at 3.3V VCC s Power down high impedance inputs/output s Overvoltage tolerant inputs facilitate 5V to 3V translation s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Order Number NC7SZ175P6X NC7SZ175L6X Package Number MAA06A MAC06A Product Code Top Mark Z75 C4 Package Description Supplied As
6-Lead SC70, EIAJ SC88, 1.25mm Wide 3k Units on Tape and Reel 6-Lead MicroPak, 1.0mm Wide 5k Units on Tape and Reel
TinyLogic is a registered trademark of Fairchild Semiconductor Corporation. MicroPak is a trademark of Fairchild Semiconductor Corporation.
(c) 2003 Fairchild Semiconductor Corporation
DS500158
www.fairchildsemi.com
NC7SZ175
Logic Symbol
IEEE/IEC
Connection Diagrams
Pin Assignments for SC70
Function Table
Inputs CP Output C H H H L Q L H Qn L Pin One Orientation Diagram (Top View)

X
D L H X X
H = HIGH Logic Level L = LOW Logic Level
Qn = No change in data X = Immaterial AAA represents Product Code Top Mark - see ordering code
Pin Descriptions
Pin Names D CP C Q Description Data Input Clock Pulse Input Clear Input Flip-Flop Output
Note: Orientation of Top Mark determines Pin One location. Read the top product code mark left to right, Pin One is the lower left pin (see diagram).
Pad Assignments for MicroPak
(Top Thru View)
www.fairchildsemi.com
2
NC7SZ175
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) DC Input Diode Current (IIK) VIN < 0V DC Output Diode Current (IOK) VOUT < 0V DC Output (IOUT) Source/Sink Current DC VCC/GND Current (ICC/IGND) Storage Temperature Range (TSTG) Junction Temperature under Bias (TJ) Junction Lead Temperature (TL) (Soldering, 10 seconds) Power Dissipation (PD) @+85C 260C 180 mW
-0.5V to +7.0V -0.5V to +7.0V -0.5V to +7.0V -50 mA -50 mA 50 mA 50 mA -65C to +150C
150C
Recommended Operating Conditions (Note 2)
Power Supply Operating (VCC ) Data Retention Input Voltage (VIN) Output Voltage (VOUT) Input Rise and Fall Time (tr, tf) VCC = 1.8V, 2.5V 0.2V VCC = 3.3V 0.3V VCC = 5.5V 0.5V Operating Temperature (TA) Thermal Resistance (JA) 0 to 20 ns/V 0 to 10 ns/V 0 to 5 ns/V 1.65V to 5.5V 1.5V to 5.5V 0V to 5.5V 0V to VCC
-40C to +85C
350 C/W
Note 1: The "Absolute Maximum Ratings": are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter HIGH Level Control Input Voltage LOW Level Control Input Voltage HIGH Level Control Output Voltage VCC (V) 2.3 to 5.5 1.65 to 1.95 2.3 to 5.5 1.65 1.8 2.3 3.0 4.5 1.65 2.3 3.0 3.0 4.5 VOL LOW Level Control Output Voltage 1.65 1.8 2.3 3.0 4.5 1.65 2.3 3.0 3.0 4.5 IIN IOFF ICC Input Leakage Current Power Off Leakage Current Quiescent Supply Current 0 to 5.5 0.0 1.65 to 5.5 1.55 1.7 2.2 2.9 4.4 1.24 1.9 2.4 2.3 3.8 1.65 1.8 2.3 3.0 4.5 1.52 2.15 2.8 2.68 4.2 0.0 0.0 0.0 0.0 0.0 0.08 0.10 0.15 0.22 0.22 0.1 0.1 0.1 0.1 0.1 0.24 0.3 0.4 0.55 0.55 0.1 1.0 1.0 Min 0.7 VCC 0.25 VCC 0.3 VCC 1.55 1.7 2.2 2.9 4.4 1.29 1.9 2.4 2.3 3.8 0.1 0.1 0.1 0.1 0.1 0.24 0.3 0.4 0.55 0.55 1.0 10 10.0 A A A V VIN = VIL or VIH IOL = 4 mA IOL = 8 mA IOL = 16 mA IOL = 24 mA IOL = 32 mA 0 VIN 5.5V VIN or VOUT = 5.5V VIN = 5.5V, GND IOL = 100 A V VIN = VIH or VIL IOH = -4 mA IOH = -8 mA IOH = -16 mA IOH = -24 mA IOH = -32 mA IOH = -100 A 1.65 to 1.95 0.75 VCC TA = +25C Typ Max TA = -40C to +85C Min 0.75 VCC 0.7 VCC 0.25 VCC 0.3 VCC Max V V Unit Conditions
3
www.fairchildsemi.com
NC7SZ175
AC Electrical Characteristics
Symbol fMAX Parameter Maximum Clock Frequency VCC (V) 1.65 1.8 2.5 0.2 3.3 0.3 5.0 0.5 tPLH tPHL Propagation Delay CP to Q 1.65 1.8 2.5 0.2 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 tPHL Propagation Delay C to Q 1.65 1.8 2.5 0.2 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 tS Setup Time CP to D tH Hold Time, CP to D tW Pulse Width, CP 2.5 0.2 3.3 0.3 5.0 0.5 2.5 0.2 3.3 0.3 5.0 0.5 2.5 0.2 3.3 0.3 5.0 0.5 Pulse Width, C 2.5 0.2 3.3 0.3 5.0 0.5 trec Recovery Time, C to CP 2.5 0.2 3.3 0.3 5.0 0.5 2.5 2.5 2.0 1.5 1.0 2.0 1.5 2.5 2.5 2.0 1.5 1.5 1.5 1.0 9.8 6.5 3.8 2.8 2.2 3.4 2.6 9.8 6.5 3.8 2.8 2.2 3.4 2.7 15.0 10.0 6.5 4.5 3.5 5.5 4.0 13.5 9.0 6.0 4.3 3.2 5.3 4.0 Min TA = +25C Typ Max TA = -40C to +85C Min 100 100 125 150 175 2.5 2.5 2.0 1.4 1.0 1.6 1.4 2.5 2.5 2.0 1.2 1.0 1.5 1.2 2.5 2.0 1.5 1.5 1.5 1.5 3.0 2.8 2.5 3.0 2.8 2.5 1.0 1.0 1.0 ns ns Clock HIGH or LOW CL = 50 pF RL = 500 CL = 50 pF RL = 500 Figures 1, 4 ns CL = 50 pF RL = 500 Figures 1, 4 ns CL = 50 pF RL = 500 Figures 1, 4 ns 16.5 11.0 7.0 5.0 3.8 6.2 4.7 15.0 10.0 6.4 4.6 3.5 5.8 4.5 CL = 50 pF RL = 500 CL = 50 pF RL = 500 Figures 1, 3 Figures 1, 4 ns CL = 15 pF RL = 1 M Figures 1, 3 CL = 50 pF RL = 500 Figures 1, 3 ns CL = 15 pF RL = 1 M Figures 1, 3 MHz CL = 50 pF RL = 500 Figures 1, 4 Max Units Conditions Figure Number
Figures 1, 4
Capacitance (Note 3)
Symbol CIN COUT CPD Parameter Input Capacitance Output Capacitance Power Dissipation Capacitance (Note 4)
Note 3: TA = +25C, f = 1MHz. Note 4: C PD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD ) at no output loading and operating at 50% duty cycle. (See Figure 2) CPD is related to ICCD dynamic operating current by the expression: ICCD = (CPD)(VCC)(fIN) + (ICCstatic).
Typ 3 4 10 12
Max
Units pF pF pF
Conditions VCC = Open, VIN = 0V or VCC VCC = 3.3V, VIN = 0V or VCC VCC = 3.3V VCC = 5.0V
www.fairchildsemi.com
4
NC7SZ175
AC Loading and Waveforms
CL includes load and stray capacitance Input PRR = 1.0 MHz, tw = 500 ns
CP Input = AC Waveform; tr = tf = 1.8 ns; CP Input PRR = 10 MHz; Duty Cycle = 50% D Input PRR = 5MHz; Duty Cycle = 50%
FIGURE 1. AC Test Circuit
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
FIGURE 4. AC Waveforms
5
www.fairchildsemi.com
NC7SZ175
Tape and Reel Specification
TAPE FORMAT for SC70 Package Designator P6X Tape Section Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) Number Cavities 125 (typ) 3000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
Package SC70-6
Tape Size 8 mm
DIM A 0.093 (2.35)
DIM B 0.096 (2.45)
DIM F (3.5 0.10)
DIM Ko (1.35 0.10)
DIM P1 0.157 (4)
DIM W 0.315 0.004 (8 0.1)
0.138 0.004 0.053 0.004
www.fairchildsemi.com
6
NC7SZ175
Tape and Reel Specification
TAPE FORMAT for MicroPak Package Designator L6X Tape Section
(Continued) Number Cavities 125 (typ) 5000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
Leader (Start End) Carrier Trailer (Hub End)
REEL DIMENSIONS inches (millimeters)
Tape Size 8 mm
A 7.0 (177.8)
B 0.059 (1.50)
C 0.512 (13.00)
D 0.795 (20.20)
N 2.165 (55.00)
W1 0.331 + 0.059/-0.000 (8.40 + 1.50/-0.00)
W2 0.567 (14.40)
W3 W1 + 0.078/-0.039 (W1 + 2.00/-1.00)
7
www.fairchildsemi.com
NC7SZ175
Physical Dimensions inches (millimeters) unless otherwise noted
6-Lead SC70, EIAJ SC88, 1.25mm Wide Package Number MAA06A
www.fairchildsemi.com
8
NC7SZ175 TinyLogic UHS D-Type Flip-Flop with Asynchronous Clear
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
6-Lead MicroPak, 1.0mm Wide Package Number MAC06A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 9 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of NC7SZ175P6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X