Part Number Hot Search : 
H7612 BUL310 SBL20 A475K TSV911 SEU61218 DTB123Y ZUY85WA
Product Description
Full Text Search
 

To Download MUR7120T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MURS120T3/D
Surface Mount Ultrafast Power Rectifiers
Ideally suited for high voltage, high frequency rectification, or as free wheeling and protection diodes in surface mount applications where compact size and weight are critical to the system. * * * * Small Compact Surface Mountable Package with J-Bend Leads Rectangular Package for Automated Handling High Temperature Glass Passivated Junction Low Forward Voltage Drop (0.71 to 1.05 Volts Max @ 1.0 A, TJ = 150C)
MURS120T3 MURS160T3
Motorola Preferred Devices
ULTRAFAST RECTIFIERS 1.0 AMPERE 200-600 VOLTS
Mechanical Characteristics: * Case: Epoxy, Molded * Weight: 95 mg (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable * Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds * Shipped in 12 mm Tape and Reel, 2500 units per reel * Polarity: Notch in Plastic Body Indicates Cathode Lead * Marking: U1D, U1J MAXIMUM RATINGS
MURS Rating Ri Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current Non-Repetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Operating Junction Temperature Symbol S bl VRRM VRWM VR IF(AV) IFSM 120T3 200
CASE 403A-03
160T3 600
Unit Ui Volts
1.0 @ TL = 155C 2.0 @ TL = 145C 40
1.0 @ TL = 150C 2.0 @ TL = 125C 35
Amps Amps
TJ
*65 to +175
13
C
THERMAL CHARACTERISTICS
Thermal Resistance, Junction to Lead (TL = 25C) RJL C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (1) (iF = 1.0 A, TJ = 25C) (iF = 1.0 A, TJ = 150C) Maximum Instantaneous Reverse Current (1) (Rated dc Voltage, TJ = 25C) (Rated dc Voltage, TJ = 150C) Maximum Reverse Recovery Time (iF = 1.0 A, di/dt = 50 A/s) (iF = 0.5 A, iR = 1.0 A, IR to 0.25 A) Maximum Forward Recovery Time (iF = 1.0 A, di/dt = 100 A/s, Rec. to 1.0 V) (1) Pulse Test: Pulse Width = 300 s, Duty Cycle vF 0.875 0.71 iR 2.0 50 trr 35 25 tfr 25 75 50 50 ns 5.0 150 ns 1.25 1.05 A Volts
v 2.0%.
Preferred devices are Motorola recommended choices for future use and best overall value. Rev 2
(c)RectifierInc. 1996 Data Motorola, Device
1
MURS120T3 MURS160T3
10 IR, REVERSE CURRENT (m A) 7.0 5.0 80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0.008 0.004 0.002 0 20 40 60 TJ = 175C
3.0 175C i , INSTANTANEOUS FORWARD CURRENT (AMPS) F 2.0 TC = 25C 1.0 0.7 0.5 100C
TJ = 100C
TJ = 25C
80
100
120
140
160
180 200
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current*
0.3 0.2 50 0.1 45 0.07 C, CAPACITANCE (pF) 0.05 40 35 30 25 20 15 10 0.01 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 vF, INSTANTANEOUS VOLTAGE (VOLTS) 5.0 0 0 10 20 30 40 50 60 70 80 90 100 VR, REVERSE VOLTAGE (VOLTS) NOTE: TYPICAL CAPACITANCE AT 0 V = 45 pF * The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if applied VR is sufficiently below rated VR.
0.03 0.02
Figure 1. Typical Forward Voltage
Figure 3. Typical Capacitance
IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 80 90 100 110 120 130 140 150 160 170 180 TC, CASE TEMPERATURE (C) SQUARE WAVE dc RATED VOLTAGE APPLIED RqJC = 13C/W TJ = 175C PF(AV) , AVERAGE POWER DISSIPATION (WATTS) 5.0 TJ = 175C 4.0 (CAPACITANCE LOAD) PK I I 5.0
3.0
AV
+ 20
10
2.0
dc SQUARE WAVE
1.0 0 0 0.5 1.0 1.5
2.0
2.5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 4. Current Derating, Case
Figure 5. Power Dissipation
2
Rectifier Device Data
MURS120T3 MURS160T3
10 IR, REVERSE CURRENT (m A) 7.0 175C 5.0 100C 3.0 TC = 25C i , INSTANTANEOUS FORWARD CURRENT (AMPS) F 2.0 400 200 80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0.008 0.004 0 100 200 TJ = 175C
TJ = 100C
TJ = 25C
1.0 0.7 0.5
300
400
500
600
700
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Typical Reverse Current*
0.3 0.2 25 0.1 0.07 0.05 C, CAPACITANCE (pF) 20 NOTE: TYPICAL CAPACITANCE AT 0 V = 24 pF * The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if applied VR is sufficiently below rated VR.
15
0.03 0.02
10
5.0 0.01 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 0 0 4.0 8.0 12 16 20 24 28 32 36 40 VR, REVERSE VOLTAGE (VOLTS) vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 6. Typical Forward Voltage
Figure 8. Typical Capacitance
IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 20 40 60 80 100 120 140 160 180 200 TC, CASE TEMPERATURE (C) SQUARE WAVE dc RATED VOLTAGE APPLIED RqJC = 13C/W TJ = 175C PF(AV) , AVERAGE POWER DISSIPATION (WATTS) 5.0 (CAPACITANCE LOAD) I PK 20 I 10 5.0 SQUARE WAVE
4.0
AV
+
3.0 TJ = 175C 2.0
dc
1.0 0 0 0.5 1.0 1.5 2.0 2.5 IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 9. Current Derating, Case
Figure 10. Power Dissipation
Rectifier Device Data
3
MURS120T3 MURS160T3
PACKAGE DIMENSIONS
S A
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P.
D
B
C
INCHES DIM MIN MAX A 0.160 0.180 B 0.130 0.150 C 0.075 0.095 D 0.077 0.083 H 0.0020 0.0060 J 0.006 0.012 K 0.030 0.050 P 0.020 REF S 0.205 0.220
MILLIMETERS MIN MAX 4.06 4.57 3.30 3.81 1.90 2.41 1.96 2.11 0.051 0.152 0.15 0.30 0.76 1.27 0.51 REF 5.21 5.59
K
P
J
H
CASE 403A-03 ISSUE B
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
4
Rectifier Device Data MURS120T3/D


▲Up To Search▲   

 
Price & Availability of MUR7120T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X