Part Number Hot Search : 
B15N10 45024 2SB939 SN74LVC PBSS41 M27C400 ST922 15101
Product Description
Full Text Search
 

To Download MSS7341 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 383-1
SMT Power Inductors -MSS7341 Series
The MSS7341 series is ideal for applications requiring high power and high efficiency such as notebook computers, wireless phones, PDAs and other handheld products. It provides excellent current handling capability in a rugged, low cost part. These magnetically shielded power inductors are designed for high-density mounting and are available on tape and reel for auto-insertion. They are offered in 18 inductance values from 3.3 to 100 H including values not available in our other power inductor series. Coilcraft Designer's Kit C185 contains samples of all values shown. To order, contact Coilcraft or purchase online at http://order.coilcraft.com.
L2 Part number1
MSS7341-332NX_ MSS7341-502NX_ MSS7341-622NX_ MSS7341-742NX_ MSS7341-872NX_ MSS7341-103MX_ MSS7341-123MX_ MSS7341-153MX_ MSS7341-183MX_ MSS7341-223MX_ MSS7341-273MX_ MSS7341-333MX_ MSS7341-393MX_ MSS7341-473MX_ MSS7341-563MX_ MSS7341-683MX_ MSS7341-823MX_ MSS7341-104MX_
(H)
3.3 30% 5.0 30% 6.2 30% 7.4 30% 8.7 30% 10.0 20% 12.0 20% 15.0 20% 18.0 20% 22.0 20% 27.0 20% 33.0 20% 39.0 20% 47.0 20% 56.0 20% 68.0 20% 82.0 20% 100.0 20%
Irms (A)5 DCR SRF3 4 20 max typ Isat 40 (Ohms) (MHz) (A) rise rise
0.020 0.024 0.027 0.031 0.034 0.038 0.053 0.057 0.078 0.082 0.109 0.124 0.138 0.155 0.202 0.276 0.324 0.358 58.0 46.0 42.0 40.0 35.0 32.0 26.2 22.5 24.0 21.5 19.0 18.0 17.0 14.2 13.4 12.0 11.0 10.5 3.5 2.9 2.5 2.3 2.2 2.0 1.7 1.6 1.5 1.3 1.2 1.1 1.0 0.95 0.85 0.75 0.70 0.65 3.95 3.40 3.05 2.80 2.80 2.80 2.45 2.05 1.85 1.70 1.50 1.50 1.50 1.50 1.25 1.00 1.00 0.90 5.00 4.70 4.30 4.10 3.90 3.80 3.30 3.00 2.65 2.35 2.10 1.95 1.90 1.85 1.60 1.35 1.25 1.15
1. When ordering, please specify packaging code:
MSS7341-104MXD
Packaging: D = 13 machine-ready reel. EIA-481 embossed plastic tape (1200 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc using a Coilcraft SMD-A fixture in an Agilent/HP 4284A impedance analyzer. 3. SRF measured using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D test fixture. 4. DC current at which the inductance drops 25% (typ) from its value without current. 5. Average current for temperature rise above 25C ambient. 6. Storage and ambient operating temperature range -40C to +85C. 7. Electrical specifications at 25C. See Qualification Standards section for environmental and test data.
Specifications subject to change without notice.
Document 383-1
Revised 09/08/04
Document 383-2
SMT Power Inductors - MSS7341 Series
Typical L vs Frequency
1000
Typical L vs Current
1000
Inductance (H)
33 H
Inductance (H)
100
100 H
100
100 H
33 H
10
10 H
10
10 H
3.3 H
3.3 H
1.0 0.01 0.1 1.0 10.0
1.0 0.01 0.1 1.0 10.0
Frequency (MHz)
Current (A)
Temperature Rise vs Current
50
Dimensions
0.287 max 7,3
Temperature rise (from 25C)
100 H
33 H
40
3.3 H
30
XXX
0.260 typ 6,6 5.0 6.0
10 H
0.287 max 7,3
20 0.161 max 4,1
10
0 0 1.0 2.0 3.0 4.0
0.280 7,1
Current (A rms)
0.083 typ 0.260 typ 2,1 6,6 0.083 2,1
0.280 7,1
Recommended Land Pattern
Tape and reel: 1200/13 reel 16 mm tape width For packaging data see Tape and Reel Specifications section.
Specifications subject to change without notice.
Document 383-2
Revised 09/08/04


▲Up To Search▲   

 
Price & Availability of MSS7341

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X