Part Number Hot Search : 
LSJDXS 4VHC59 AM91L11C R1500 C74HC40 SZ1330A C5032 AX697
Product Description
Full Text Search
 

To Download ML6102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ML6102
ML6102 Series Positive Voltage Detector (Inverted Output) Application
Memory Battery Back-up Circuits Power Failure Detection Power-on Reset Circuit System Battery Life and Charge Voltage Monitor
Features
CMOS Low Power Consumption : Typical 1.0uAat Vin=2.0V Selectable Detect V oltage : 1.1V to 6.0V in 0.1V increments HighlyAccurate : Detect V oltage 1.1V to 1.9V + 3% Detect V oltage 2.0V to 6.0V + 2% Operating V oltage : 0.8V to 10.0V PackageAvailable : SOT23 (150mW), SOT89 (500mW) & TO92 (300mW)
General Description
The ML6102 is a group of high-precision and low-power voltage detectors. The ML6102 consists of a highly-accurate and low-power reference voltage source, a comparator, a hysteresis circuit, and an output driver. Detect voltage is very accurate and stable with N-channel open drain and CMOS, are available. Output Voltage is in inverted sense compared with ML61 series voltage detector.
Block Diagram
(1) CMOS Output (2) N-Channel Open Drain Output
Absolute Maximum Ratings
Parameter Input Voltage Output Current Output Voltage Continuous SOT-23 Total Power SOT-89 Dissipation TO-92 Operating Ambient Temperature Storage Temperature Symbol VIN IOUT VOUT Pd Ratings 10 50 VSS-0.3 ~VIN+0.3 150 500 300 Topr Tstg P1/11 -40 ~ +70 -40 ~ +70
o o
Units V mA V mW
C C
Preliminary, June 2005
ML6102
Electrical Characteristics
Parameter Detect Voltage Hysteresis Range Symbol VDF VHYS Conditions VDF = 1.1V to 1.9V VDF = 2.0V to 7.0V VDF = 1.1V to 2.9V VDF = 3.0V to 7.0V VIN = 1.0V VIN = 2.0V VIN = 3.0V VIN = 4.0V VIN = 5.0V VDF = 1.1~7.0V Nch VDS = 0.5V VIN = 1.0V VIN = 2.0V VIN = 3.0V VIN = 4.0V VIN = 5.0V Pch VDS = 1.0V VIN = 5.0V (CMOS Output) While VIN changes from 0.6V to 10V Min Typ VDF X0.97 VDF X0.98 X0.04 VDF X0.05 X0.015 VDF X0.025 0.8 1.0 1.3 1.6 2.0 0.8 1.0 3.0 5.0 11.0 13.0 -5.0 0.2 ms Max Units X1.03 V X1.02 V X0.06 V X0.035 V 2.0 2.5 uA 3.0 3.5 4.0 10.0 V
Supply Current
ISS
Operating Voltage
VIN
Output Current
IOUT
mA
Transient Delay Time (VDR -> VOUT Inversion)
tDLY
P2/11
Preliminary, June 2005
ML6102
Electrical Characteristics By Detector Threshold
Part Number ML6102X113XX ML6102X123XX ML6102X133XX ML6102X143XX ML6102X153XX ML6102X163XX ML6102X173XX ML6102X183XX ML6102X193XX ML6102X202XX ML6102X212XX ML6102X222XX ML6102X232XX ML6102X242XX ML6102X252XX ML6102X262XX ML6102X272XX ML6102X282XX ML6102X292XX ML6102X302XX ML6102X312XX ML6102X322XX ML6102X332XX ML6102X342XX ML6102X352XX ML6102X362XX ML6102X372XX ML6102X382XX ML6102X392XX ML6102X402XX ML6102X412XX ML6102X422XX ML6102X432XX ML6102X442XX ML6102X452XX ML6102X462XX ML6102X472XX ML6102X482XX ML6102X492XX ML6102X502XX ML6102X512XX ML6102X522XX ML6102X532XX ML6102X542XX ML6102X552XX ML6102X562XX ML6102X572XX ML6102X582XX ML6102X592XX ML6102X602XX Standard Detector Accuracy Detector Threshold VDF (V) MIN. 1.067 1.164 1.261 1.358 1.455 1.552 1.649 1.746 1.843 1.960 2.058 2.156 2.254 2.352 2.450 2.548 2.646 2.744 2.842 2.940 3.038 3.136 3.234 3.332 3.430 3.528 3.626 3.724 3.822 3.920 4.018 4.116 4.214 4.312 4.410 4.508 4.606 4.704 4.802 4.900 4.998 5.096 5.194 5.292 5.390 5.488 5.586 5.684 5.782 5.880 TYP. 1.100 1.200 1.300 1.400 1.500 1.600 1.700 1.800 1.900 2.000 2.100 2.200 2.300 2.400 2.500 2.600 2.700 2.800 2.900 3.000 3.100 3.200 3.300 3.400 3.500 3.600 3.700 3.800 3.900 4.000 4.100 4.200 4.300 4.400 4.500 4.600 4.700 4.800 4.900 5.000 5.100 5.200 5.300 5.400 5.500 5.600 5.700 5.800 5.900 6.000 MAX. 1.133 1.236 1.339 1.442 1.545 1.648 1.751 1.854 1.957 2.040 2.142 2.244 2.346 2.448 2.550 2.652 2.754 2.856 2.958 3.060 3.162 3.264 3.366 3.468 3.570 3.672 3.774 3.876 3.978 4.080 4.182 4.284 4.386 4.488 4.590 4.692 4.794 4.896 4.998 5.100 5.202 5.304 5.406 5.508 5.610 5.712 5.814 5.916 6.018 6.120 Hysteresis Range VHYS (V) MIN. MAX. Condition Supply Current ISS (uA) TYP. MAX.
3%
VIN = 1.0V
0.8
2.0
VDF x 0.04
VDF x 0.06
VIN = 2.0V
1.0
2.5
VIN = 3.0V
1.3
3.0
2%
VDF x 0.015 VDF x 0.035
VIN = 4.0V
1.6
3.5
VIN = 5.0V
2.0
4.0
P3/11
Preliminary, June 2005
ML6102
Part Number ML6102X113XX ML6102X123XX ML6102X133XX ML6102X143XX ML6102X153XX ML6102X163XX ML6102X173XX ML6102X183XX ML6102X193XX ML6102X202XX ML6102X212XX ML6102X222XX ML6102X232XX ML6102X242XX ML6102X252XX ML6102X262XX ML6102X272XX ML6102X282XX ML6102X292XX ML6102X302XX ML6102X312XX ML6102X322XX ML6102X332XX ML6102X342XX ML6102X352XX ML6102X362XX ML6102X372XX ML6102X382XX ML6102X392XX ML6102X402XX ML6102X412XX ML6102X422XX ML6102X432XX ML6102X442XX ML6102X452XX ML6102X462XX ML6102X472XX ML6102X482XX ML6102X492XX ML6102X502XX ML6102X512XX ML6102X522XX ML6102X532XX ML6102X542XX ML6102X552XX ML6102X562XX ML6102X572XX ML6102X582XX ML6102X592XX ML6102X602XX
Operating Voltage VIN (V) MIN. MAX.
Pch Output Current Pch IOUT (mA) Condition TYP.
Nch Output Current Nch IOUT (mA) Condition TYP.
Transient Delay Time tDLY (ms) MAX.
VDS = 0.5V VIN = 1.0V 1.0
VDS = 0.5V VIN = 2.0V 3.0
VDS = 1.0V 0.8V 10V VIN = 5.0V -5.0
VDS = 0.5V VIN = 3.0V 5.0 0.2
VDS = 0.5V VIN = 4.0V 11.0
VDS = 0.5V VIN = 5.0V 13.0
P4/11
Preliminary, June 2005
ML6102
Pin Configuration
SOT-23-3 SOT-89-3 TO-92
Package Pin Number SOT-23-3 SOT-89-3 TO-92 1 1 1 3 2 2 2 3 3
Pin Name VOUT VIN VSS
Function Supply Voltage Output Supply Voltage Input Ground
P5/11
Preliminary, June 2005
ML6102
Functional Description (Refers to CMOS Output)
Input Voltage (VIN ) Detect Release Voltage (VDR ) Detect Voltage (V DF )
Minimum Operating Voltage (VMIN ) Ground Voltage (VSS ) Output Voltage (VOUT )
tOL tOH
tOL t OH Ground Voltage (VSS )
Notes : 1. Output cannot be specified for power supply voltage under VMIN (ie. 0.8V) because operation is not guaranteed for that range. 2. VDF : Detect Voltage for drop in power supply voltage 3. VDR : Detect Release Voltage for rise in power supply voltage 4. VHYS = VDR - VDF 5. tOL : Time lag between the time that the power supply voltage rises to the detect release voltage (VDR) and the time that the output pin (OUT) goes to "L" level. 6. tOH : Time lag between the time that the power supply voltage falls to the detect voltage (VDF) and the time that the output pin (OUT) goes to "H" level. 7. These characteristics for the N-channel open drain output are when a load resistor is connected between the OUT and IN pins.
P6/11
Preliminary, June 2005
ML6102
Ordering Information
Designator
a
Description Output Configuration C = CMOS Output N = N-Channel Output Detect Voltage
eg. 30=3.0V 50=5.0V Detect Voltage Accuracy 2 = +2.0% 3 = +3.0% Package Type M = SOT-23-3 P = SOT-89 T = TO-92
b
c
d
e
Device Orientation R = Embossed Tape (Orientation of Device : Right) L = Embossed Tape (Orientation of Device : Left) B = Bag (TO-92) H = Paper Tape (TO-92)
G = Lead Free Part
G
Marking
SOT-23-3 :
Designator
1
Description Type D = Voltage Detector (CMOS Output) E = Voltage Detector (N-channel Output) Output Voltage eg. 30 = 3.0V Internal Code
2,3 4
SOT-89-3 :
Designator 1 Description Type D = Voltage Detector (CMOS Output) E = Voltage Detector (N-channel Output) Output Voltage eg. 30 = 3.0V Internal Code
2,3 4
TO-92 :
Designator 1 Description Type D = Voltage Detector (CMOS Output) E = Voltage Detector (N-channel Output) Output Voltage eg. 30 = 3.0V Internal code Year Code eg. 05 = Year 2005 Week Code eg. 30 = Week 30
2,3 4 5, 6 7, 8
P7/11
Preliminary, June 2005
ML6102
Packaging Information
(0.8)
SOT-89-3 :
0.15
-0.1 -0.05
4.5 0.1
1.5 0.1
SOT-23-3
-0.1
0.4 -0.05
1.72 0.1
2.45 0.15
0 ~ 0.1 2.8 0.2
1.6
+1.2 -0.0.1
(0.95)
min. 0.2
0.42 0.06
0.42 0.06 0.49 0.06
1.1 mm
4.25 max
0.4 0.04
1.9 0.2 2.9 0.2
1.1 0.1
1.5 0.1
1.5 0.1
1.27
1.27
5.2 max
4.2 max
TO-92 :
Units : mm
5.3 max
Recommended Pattern Layout
SOT-23-3 :
2.4
12.7 min
SOT-89-3 :
0.9
2.2
45 45
1.9
1.0
1.5
0.8
1. 0
1.0
P8/11
1.6
Preliminary, June 2005
3.7
ML6102
Tape and Reel Information
SOT-23 :
SIZE (mm) A B C D G H 178 0.8 2 0.2 13 0.2 21 0.8 8 0.5 60
3,000 pcs / reel
SOT-23 Taping Specifications :
4 0.1 2 0.05 1.5
+ 0.1 -0
3.5 0.05
1.75 0.1
4 0.1
1.1 0.1
Direction of feed
8 0.2
Direction of feed
"R" type [Orientation of Device: Right] Standard Type
"L" type [Orientation of Device: Left] Reverse Type
P9/11
Preliminary, June 2005
ML6102
SOT-89 :
SIZE (mm) A B C D G H 178 0.8 2 0.2 13 0.2 21 0.8 12 0.5 60
1,000 pcs / reel SOT-89 Taping Specifications :
4.0 0.1 2.0 0.05 1.5
+ 0.1 0
5.65 0.05
1.5 0.1
8.0 0.1
Direction of feed
12.0 0.2
Direction of feed
"R" type [Orientation of Device: Right] Standard Type
"L" type [Orientation of Device: Left] Reverse Type
P10/11
Preliminary, June 2005
ML6102 TO-92 Taping Specifications :
P
H1
H
L1
H0
WO
W2 W1 W P2 F PO D
t
SIZE (mm) P PO P2 F W WO W1 W2 H H0 H1 D t L1 12.7 1.0 12.7 0.3 6.35 0.4 2.5+ 0.45
- 0.15
2,000 pcs / box
18.0 1.0 6.0 0.3 9.0 0.5 0.5 MAX 19.0 0.5 16.0 0.5 32.25 MAX 4.0 0.2 0.6 0.2 3.5 MIN
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use.
P11/11
Preliminary, June 2005


▲Up To Search▲   

 
Price & Availability of ML6102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X