|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MJD47 HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR s s s s SGS-THOMSON PREFERRED SALESTYPE HIGH VOLTAGE CAPABILITY SURFACE-MOUNTING TO-252 (DPAK) POWER PACKAGE IN TAPE & REEL (SUFFIX "T4") ELECTRICAL SIMILAR TO TIP47 APPLICATIONS SWITCH MODE POWER SUPPLIES s AUDIO AMPLIFIERS s GENERAL PURPOSE SWITCHING AND AMPLIFIER s 3 1 DPAK TO-252 (Suffix "T4") DESCRIPTION The MJD47 is manufactured using Medium Voltage Epitaxial Planar technology, resulting in a rugged high performance cost-effective transistor. INTERNAL SCHEMATIC DIAGRAM ABSOLUTE MAXIMUM RATINGS Symbol V CBO V CEO V EBO IC I CM IB IB M P tot T stg Tj Parameter Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (IC = 0) Collector Current Collector Peak Current (t p < 5 ms) Base Current Base Peak Current (tp < 5 ms) Total Dissipation at Tc = 25 C Storage Temperature Max. Operating Junction Temperature o Value 350 250 5 1 2 0.6 1.2 15 -65 to 150 150 Unit V V V A A A A W o o C C 1/6 January 1995 MJD47 THERMAL DATA R thj-cas e Rthj- amb Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max Max 8.33 100 o o C/W C/W ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) Symbol I CE S I CEO IE BO Parameter Collector Cut-off Current (V BE = 0) Collector Cut-off Current (I B = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CE = 350 V V CE = 150 V V EB = 5 V I C = 30 mA IC = 1 A IC = 1 A I C = 0.3 A IC = 1 A I C = 200 mA I C = 0.2 A IB = 0.2 A 1 VCE = 10 V VC E = 10 V V CE = 10 V V CE = 10 V f=2MHz VC E = 10 V f=1kHz 30 10 10 25 1.5 150 MHz V 250 Min. Typ. Max. 0.1 0.2 1 Unit mA mA mA V V V CEO(sus) Collector-Emitter Sustaining Voltage V CE (sat) V B E(on) h FE fT hfe Collector-Emitter Saturation Voltage Base-Emitter On Voltage DC Current Gain Transition Frequency Small Signal Current Gain Pulsed: Pulse durati on = 300 s, duty cycle 1.5 % Safe Operating Areas Derating Curves 2/6 MJD47 DC Current Gain DC Current Gain Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector-Base Capacitance 3/6 MJD47 Switching Time Inductive Load Switching Time Inductive Load Switching Time Inductive Load Switching Time Inductive Load 4/6 MJD47 TO-252 (DPAK) MECHANICAL DATA mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 0.6 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 6.4 4.4 9.35 0.8 1 0.023 TYP. MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 6.6 4.6 10.1 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.252 0.173 0.368 0.031 0.039 inch TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 0.260 0.181 0.397 DIM. H A C2 C DETAIL "A" A1 L2 D DETAIL "A" B = = 3 B2 = = L4 1 = G E 2 = A2 0068772-B 5/6 MJD47 Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A 6/6 |
Price & Availability of MJD47 |