Part Number Hot Search : 
PE7123 25LC32 ASI10742 PT8205 SD200 ISL55162 1820A AD8000
Product Description
Full Text Search
 

To Download MID-95R3L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
Description
The MID-95R3L is a TWIN NPN silicon phototransistor mounted in a special red transparent plastic side looking package.
A
6.80 (.270) 4.50 (.180) 5.00 (.200) 4.90 (.193)
MID-95R3L
Package Dimensions
1.50 (.059)
Unit: mm ( inches )
3.05 (.112) 2.49 (.098)
RADIANT SENSITIVE AREA
B
1.00 (.040) 13.00MIN (.511) .50 TYP. (.020) 0.61 .01 (.020)
Features
l
3
Wide range of collector current
1.00MIN. (.040)
1 2 2.54 (.100) 2.54 (.100)
3.00MIN. (.118)
1.27 .01 (.050)
0.61 (.020)
1 2 1 2 3 3
EMITTER (PTR A) COLLECTOR(COM) EMITTER (PTR B)
NOTES : 1. All dimensions are in millimeters.(inches). 2. Tolerance is 0.25mm (.010") unless otherwise noted . 3. Protruded resin under flange is 1.5mm (.059") max. 4. Lead spacing is measured where the leads emerge from the package.
Absolute Maximum Ratings
@ TA=25 C Parameter Power Dissipation Collector-Emitter Voltage Emitter-Collector Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature Maximum Rating 100 30 5 -55J to +100J -55J to +100J 260J for 5 seconds Unit mW V V
o
Unity Opto Technology Co., Ltd.
02/04/2002
MID-95R3L
Optical-Electrical Characteristics
@ TA=25oC Parameter Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Saturation Voltage Rise Time Fall Time Collector Dark Current On State Collector Current Test Conditions Ic=0.1mA Ee=0 Ie=0.1mA Ee=0 Ic=0.5 mA Ee=0.1mW/cm IC=1mA VCE=10V Ee=0 VCE=5V Ee=0.1mW/cm2 IC(ON) 0.4 mA
2
Symbol V(BR)CEO V(BR)ECO VCE(SAT) Tr Tf ICEO
Min. 30
Typ .
Max.
Unit V
5
V
0.1
0.4
V S
VR =5V, RL=1K
10 10 100
nA
Typical Optical-Electrical Characteristic Curves
Iceo-Collector Dark Current -A
1000 100 10 1 0.1 0.01 0.001 0 40 80 120
Ic Normalized Collector Current
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -75 -25 25 75
o
Vce = 5 V Ee = 0.1 mW/cm2
125
TA - Ambient Temperature -oC FIG.1 COLLECTOR DARK CURRENT VS AMBIENT TEMPERATURE Tr Tf - Rise and Fall Time - S
20 16 12 8 4 0 0 2 4 6 8 10
Vcc = 5 V VRL= 1 V F = 100 Hz PW = 1 s
TA - Ambient Temperature - C FIG.2 NORMALIZED COLLECTOR CURRENT VS AMBIENT TEMPERATURE Relative Collector Current (mA)
2.0 1.6 1.2 0.8 0.4 0.0 0 0.1 0.2 0.3 0.4 0.5 0.6
Vce = 5 V
RL - Load Resistance - K FIG.3 RISE AND FALL TIME VS LOAD RESISTANCE
Ee - Irradiance - mW/cm2 FIG.4 RELATIVE COLLECTOR CURRENT VS IRRADIANCE
Unity Opto Technology Co., Ltd.
02/04/2002


▲Up To Search▲   

 
Price & Availability of MID-95R3L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X