Part Number Hot Search : 
MM3Z20B SE095 MBR520 FSDM0565 TQ9203 AK412 EM78P4 6853M
Product Description
Full Text Search
 

To Download MID-95A45 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDE LOOK PACKAGE NPN PHOTODETECTOR
Description
The MID-95A45 is a Two Bits silicon phototransistor mounted in a special dark plastic side looking package and suitable for the IRED (940nm) Type.
A
6.80 (.270) 4.50 (.180) 5.00 (.200) 4.90 (.193) RADIANT SENSITIVE AREA
MID-95A45
Package Dimensions
1.50 (.059)
Unit: mm ( inches )
3.05 (.112) 2.49 (.098)
B
1.00 (.040) 13.00MIN (.511) .50 TYP. (.020) 1.0 (.040) 3 0.94 (.037)
Features
l l l
Wide range of collector current Low cost plastic package High resolution for mouse application
1.00MIN. (.040)
1 2 2.54 (.100) 2.54 (.100)
3.00MIN. (.118)
1 2 1 2 3 3
EMITTER (PTR A) COLLECTOR(COM) EMITTER (PTR B)
NOTES : 1. All dimensions are in millimeters.(inches). 2. Tolerance is 0.25mm (.010") unless otherwise noted . 3. Protruded resin under flange is 1.5mm (.059")max. 4. Lead spacing is measured where the leads emerge from the package.
Absolute Maximum Ratings
@ TA=25 C Parameter Power Dissipation Collector-Emitter Voltage Emitter-Collector Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature Maximum Rating 100 30 5 -55 C to +100 C -55oC to +100oC 260oC for 5 seconds
o o o
Unit mW V V
Unity Opto Technology Co., Ltd.
02/04/2002
MID-95A45
Optical-Electrical Characteristics
@ TA=25oC Parameter Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Saturation Voltage Rise Time Fall Time Collector Dark Current On State Collector Current Test Conditions Ic=100A Ee=0 Ie=100A Ee=0 Ic=0.5 mA Ee=0.1mW/cm2 VR =5V , RL=1K IC=1mA VCE=10V Ee=0 VCE=5V Ee=0.1mW/cm2 IC(ON) 0.16 0.4 mA VCE(SAT) Tr Tf ICEO 0.1 10 10 100 nA 0.4 V S V(BR)ECO 5 V Symbol V(BR)CEO Min. 30 Typ . Max. Unit V
Typical Optical-Electrical Characteristic Curves
1000 100 10 1 0.1 0.01 0.001 0 40 80 120
Ic Normalized Collector Current
Iceo-Collector Dark Current -A
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -75 -25 25 75 125
Vce = 5 V Ee = 0.1 mW/cm2 @= 940 nm
TA - Ambient Temperature -oC FIG.1 COLLECTOR DARK CURRENT VS AMBIENT TEMPERATURE Tr Tf - Rise and Fall Time - mS
20 16 12 8 4 0 0 2 4 6 8 10
TA - Ambient Temperature -oC FIG.2 NORMALIZED COLLECTOR CURRENT VS AMBIENT TEMPERATURE Relative Collector Current (mA)
2.0
Vce = 5 V
Vcc = 5 V VRL= 1 V F = 100 Hz PW = 1 ms
1.6 1.2 0.8 0.4 0.0 0 0.1 0.2 0.3 0.4 0.5 0.6
RL - Load Resistance - K FIG.3 RISE AND FALL TIME VS LOAD RESISTANCE
Ee - Irradiance - mW/cm2 FIG.4 RELATIVE COLLECTOR CURRENT VS IRRADIANCE
Unity Opto Technology Co., Ltd.
02/04/2002


▲Up To Search▲   

 
Price & Availability of MID-95A45

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X