Part Number Hot Search : 
2E334 2SD2011 UPD70 35M189 6TRPB 2SD1563A C8051F3 7C144
Product Description
Full Text Search
 

To Download MID-95A3L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
Description
The MID-95A3L is a TWIN NPN silicon phototransistor mounted in a special dark plastic side looking package and suitable for the IRED (940nm) Type.
A
6.80 (.270) 4.50 (.180) 5.00 (.200) 4.90 (.193) RADIANT SENSITIVE AREA
MID-95A3L
Package Dimensions
1.50 (.059)
Unit: mm ( inches )
3.05 (.112) 2.49 (.098)
B
1.00 (.040) 13.00MIN (.511) .50 TYP. (.020) 0.61 .01 (.020)
Features
l l
3
Wide range of collector current Low cost plastic package
1.00MIN. (.040)
1 2 2.54 (.100) 2.54 (.100)
3.00MIN. (.118)
1.27 .01 (.050)
0.61 (.020)
1 2 1 2 3 3
EMITTER (PTR A) COLLECTOR(COM) EMITTER (PTR B)
NOTES : 1. All dimensions are in millimeters.(inches). 2. Tolerance is 0.25mm (.010") unless otherwise noted . 3. Protruded resin under flange is 1.5mm (.059") max. 4. Specifications are subject to change without notice. 5. Rouqhened surface.
Absolute Maximum Ratings
@ TA=25oC Parameter Power Dissipation Collector-Emitter Voltage Emitter-Collector Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature Maximum Rating 100 30 5 -55 C to +100 C -55 C to +100 C 260oC for 5 seconds
o o o o
Unit mW V V
Unity Opto Technology Co., Ltd.
02/04/2002
MID-95A3L
Optical-Electrical Characteristics
@ TA=25oC Parameter Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Saturation Voltage Rise Time Fall Time Collector Dark Current On State Collector Current Test Conditions Ic=1mA Ee=0 Ie=100A Ee=0 Ic=0.1 mA Ee=0.1mW/cm2 VR =5V, RL=1K IC=1mA VCE=10V Ee=0 VCE=5V Ee=0.1mW/cm2 Symbol V(BR)CEO V(BR)ECO VCE(SAT) Tr Tf ICEO IC(ON) 0.16 0.4 Min. 30 Typ . Max. Unit V
5
V
0.1 10 10
0.4
V S
100
nA
mA
Typical Optical-Electrical Characteristic Curves
Iceo-Collector Dark Current -A Ic Normalized Collector Current
1000 100 10 1 0.1 0.01 0.001 0 40 80 120 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -75 -25 25 75 125
Vce = 5 V Ee = 0.1 mW/cm2 @= 940 nm
TA - Ambient Temperature -oC FIG.1 COLLECTOR DARK CURRENT VS AMBIENT TEMPERATURE Tr Tf - Rise and Fall Time - mS
20 16 12 8 4 0 0 2 4 6 8 10
Vcc = 5 V VRL= 1 V F = 100 Hz PW = 1 s
TA - Ambient Temperature -oC FIG.2 NORMALIZED COLLECTOR CURRENT VS AMBIENT TEMPERATURE Relative Collector Current (mA)
2.0
Vce = 5 V
1.6 1.2 0.8 0.4 0.0 0 0.1 0.2 0.3 0.4 0.5 0.6
RL - Load Resistance - K FIG.3 RISE AND FALL TIME VS LOAD RESISTANCE
Ee - Irradiance - mW/cm2 FIG.4 RELATIVE COLLECTOR CURRENT VS IRRADIANCE
Unity Opto Technology Co., Ltd.
02/04/2002


▲Up To Search▲   

 
Price & Availability of MID-95A3L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X