Part Number Hot Search : 
PE44047 GZF24C NTE4942 MB90423G 0100P AAT115 FP40R12 K2740
Product Description
Full Text Search
 

To Download MHPM7A20A60AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document MHPM7A20A60A by MHPM7A20A60A/D
Hybrid Power Module
Integrated Power Stage for 2.0 hp Motor Drives
(This device is not recommended for new designs) (This device is replaced by MHPM7A20E60DC3)
This module integrates a 3-phase input rectifier bridge, 3-phase output inverter, brake transistor/diode, current sense resistor and temperature sensor in a single convenient package. The output inverter utilizes advanced insulated gate bipolar transistors (IGBT) matched with free-wheeling diodes to give optimal dynamic performance. It has been configured for use as a three-phase motor drive module or for many other power switching applications. The top connector pins have been designed for easy interfacing to the user's control board. * DC Bus Current Sense Resistor Included * Short Circuit Rated 10 s @ 25C, 300V * Temperature Sensor Included * Pin-to-Baseplate Isolation Exceeds 2500 Vac (rms) * Convenient Package Outline Recognized * UL * Access to Positive and Negative DC Bus * Visit our website at http://www.mot-sps.com/tsg/
MHPM7A20A60A
20 AMP, 600 VOLT HYBRID POWER MODULE
PLASTIC PACKAGE CASE 440-02, Style 1
MAXIMUM DEVICE RATINGS (TJ = 25C unless otherwise noted)
Rating INPUT RECTIFIER BRIDGE Peak Repetitive Reverse Voltage (TJ = 25C) Average Output Rectified Current Peak Non-repetitive Surge Current (1/2 cycle)(1) OUTPUT INVERTER IGBT Reverse Voltage Gate-Emitter Voltage Continuous IGBT Collector Current Peak Repetitive IGBT Collector Current - (PW = 1.0 ms)(2) Continuous Free-Wheeling Diode Current Peak Repetitive Free-Wheeling Diode Current - (PW = 1.0 ms)(2) IGBT Power Dissipation per die (TC = 95C) Free-Wheeling Diode Power Dissipation per die (TC = 95C) Junction Temperature Range Short Circuit Duration (VCE = 300V, TJ = 25C) (1) 1 cycle = 50 or 60 Hz (2) 1 ms = 1.0% duty cycle VCES VGES ICmax IC(pk) IFmax IF(pk) PD PD TJ tsc 600 20 20 40 20 40 78 39 - 40 to +125 10 V V A A A A W W C s VRRM IO IFSM 600 20 240 V A A Symbol Value Unit
REV 2 (c) Motorola IGBT Device Motorola, Inc. 1998
Data
1
MHPM7A20A60A
MAXIMUM DEVICE RATINGS (continued) (TJ = 25C unless otherwise noted)
Rating BRAKE CIRCUIT IGBT Reverse Voltage Gate-Emitter Voltage Continuous IGBT Collector Current Peak Repetitive IGBT Collector Current(2) IGBT Power Dissipation (TC = 95C) Peak Repetitive Output Diode Reverse Voltage (TJ = 125C) Continuous Output Diode Current Peak Output Diode Current(2) TOTAL MODULE Isolation Voltage (47-63 Hz, 1.0 Minute Duration) Operating Case Temperature Range Storage Temperature Range Mounting Torque VISO TC Tstg - 2500 - 40 to + 90 - 40 to +125 6.0 Vac C C lb-in VCES VGES ICmax IC(pk) PD VRRM IFmax IF(pk) 600 20 20 40 78 600 20 40 V V A A W V A A Symbol Value Unit
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Characteristic INPUT RECTIFIER BRIDGE Reverse Leakage Current (VRRM = 600 V) Forward Voltage (IF = 20 A) Thermal Resistance (Each Die) OUTPUT INVERTER Gate-Emitter Leakage Current (VCE = 0 V, VGE = 20 V) Collector-Emitter Leakage Current (VCE = 600 V, VGE = 0 V) TJ = 25C TJ = 125C Gate-Emitter Threshold Voltage (VCE = VGE, IC = 1.0 mA) Collector-Emitter Breakdown Voltage (IC = 10 mA, VGE = 0) Collector-Emitter Saturation Voltage (IC = 20 A, VGE = 15 V) Input Capacitance (VGE = 0 V, VCE = 10 V, f = 1.0 MHz) Input Gate Charge (VCE = 300 V, IC = 20 A, VGE = 15 V) Fall Time - Inductive Load (VCE = 300 V, IC = 20 A, VGE = 15 V, RG(off) = 20 ) Turn-On Energy (VCE = 300 V, IC = 20 A, VGE = 15 V, RG(on) = 47 ) Turn-Off Energy (VCE = 300 V, IC = 20 A, VGE = 15 V, RG(off) = 20 ) Free Wheeling Diode Forward Voltage (IF = 20 A, VGE = 0 V) Free Wheeling Diode Reverse Recovery Time (IF = 20 A, V = 300 V, di/dt = 100 A/s) Free Wheeling Diode Stored Charge (IF = 20 A, V = 300 V, di/dt = 100 A/s) Thermal Resistance - IGBT (Each Die) Thermal Resistance - Free-Wheeling Diode (Each Die) (2) 1.0 ms = 1.0% duty cycle IGES ICES - - VGE(th) V(BR)CES VCE(SAT) Cies QT tf Eon Eoff VF trr Qrr RJC RJC 4.0 600 - - - - - - - - - - - 6.0 2000 6.0 - 2.5 4400 145 210 - - 1.3 170 1060 - - 100 8.0 - 3.5 - - 500 2.5 2.5 2.0 200 1600 1.5 2.9 V V V pF nC ns mJ mJ V ns nC C/W C/W - - 20 A A IR VF RJC - - - 5.0 1.1 - 50 1.5 2.9 A V C/W Symbol Min Typ Max Unit
2
Motorola IGBT Device Data
MHPM7A20A60A
ELECTRICAL CHARACTERISTICS (continued) (TJ = 25C unless otherwise noted)
Characteristic BRAKE CIRCUIT Gate-Emitter Leakage Current (VCE = 0 V, VGE = 20 V) Collector-Emitter Leakage Current (VCE = 600 V, VGE = 0 V) TJ = 25C TJ = 125C Gate-Emitter Threshold Voltage (VCE = VGE, IC = 1.0 mA) Collector-Emitter Breakdown Voltage (IC = 10 mA, VGE = 0) Collector-Emitter Saturation Voltage (VGE = 15 V, IC = 20 A) Input Capacitance (VGE = 0 V, VCE = 25 V, f = 1.0 MHz) Input Gate Charge (VCE = 300 V, IC = 20 A, VGE = 15 V) Fall Time - Inductive Load (VCE = 300 V, IC = 20 A, VGE = 15 V, RG(off) = 20 ) Turn-On Energy (VCE = 300 V, IC = 20 A, VGE = 15 V, RG(on) = 47 ) Turn-Off Energy (VCE = 300 V, IC = 20 A, VGE = 15 V, RG(off) = 20 ) Output Diode Forward Voltage (IF = 20 A) Output Diode Reverse Leakage Current Thermal Resistance - IGBT Thermal Resistance - Output Diode SENSE RESISTOR Resistance Resistance Tolerance TEMPERATURE SENSE DIODE Forward Voltage (@ IF = 1.0 mA) Forward Voltage Temperature Coefficient (@ IF = 1.0 mA) VF TCVF - - 0.660 -1.95 - - V mV/C Rsense Rtol - -1.0 5.0 - - +1.0 m % IGES ICES - - VGE(th) V(BR)CES VCE(SAT) Cies QT tf Eon Eoff VF IR RJC RJC 4.0 600 - - - - - - - - - - 6.0 2000 6.0 - 2.5 4400 145 210 - - 1.3 - - - 100 - 8.0 - 3.5 - - 500 2.5 2.5 2.0 50 1.5 2.9 V V V pF nC ns mJ mJ V A C/W C/W - - 20 A A Symbol Min Typ Max Unit
Motorola IGBT Device Data
3
MHPM7A20A60A
Typical Characteristics
40 IF, FORWARD CURRENT (AMPS) IF , FORWARD CURRENT (AMPS) 35 30 25 20 15 TJ = 125C 10 25C 5 0 0 0.2 0.6 1.0 0.4 0.8 1.2 VF, FORWARD VOLTAGE (VOLTS) 1.4 1.6 40 35 30 25 20 15 10 TJ = 125C 5 0 0 0.2 0.4 0.8 1.2 0.6 1.0 VF, FORWARD VOLTAGE (VOLTS) 1.4 1.6 25C
Figure 1. Forward Characteristics -- Input Rectifier
Figure 2. Forward Characteristics -- Free-Wheeling Diode
40 IC , COLLECTOR CURRENT (AMPS) 35 30 25 20 15 10 5 0 0 1 2 TJ = 25C
VGE = 18 V
40 12 V I C, COLLECTOR CURRENT (AMPS) 35 30 25 20 15 9V 10 5 0 0 2 3 4 1 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 5 15 V TJ = 125C VGE = 18 V 12V 15 V
9V
3
4
5
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 3. Forward Characteristics, TJ = 25C
Figure 4. Forward Characteristics, TJ = 125C
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
20 TJ = 25C 16
450 400 350 300 V 300 250 200 150 100 50 0 0 20 40 60 80 100 120 IC = 20 A TJ = 25C 140 VCE = 200 V 300 V VCE = 200 V 400 V 400 V
18 16 14 12 10 8 6 4 2 0 160 VGE, GATE-EMITTER VOLTAGE (VOLTS)
12 40 A 8 20 A
4 0
IC = 10 A 8 10 12 18 14 16 VGE, GATE-EMITTER VOLTAGE (VOLTS) 20
Qg, TOTAL GATE CHARGE (nC)
Figure 5. Collector-Emitter Voltage versus Gate-Emitter Voltage
Figure 6. Collector-Emitter and Gate-Emitter Voltages versus Total Gate Charge
4
Motorola IGBT Device Data
MHPM7A20A60A
Typical Characteristics
1000 1000 toff toff t, TIME (ns) t, TIME (ns) td(off) tf
VCE = 300 V VGE = 15 V RG(off) = 20 TJ = 25C
td(off) tf
VCE = 300 V VGE = 15 V RG(off) = 20 TJ = 125C 100 20 30 40 50 0 10 20 30 40 IC, COLLECTOR CURRENT (AMPS) 50
100 0 10 IC, COLLECTOR CURRENT (AMPS)
Figure 7. Inductive Switching Times versus Collector Current, TJ = 25C
Figure 8. Inductive Switching Times versus Collector Current, TJ = 125C
10000 VCE = 300 V VGE = 15 V IC = 20 A TJ = 25C t, TIME (ns) toff td(off)
10000 VCE = 300 V VGE = 15 V IC = 20 A TJ = 125C t, TIME (ns) toff td(off)
1000
1000
tf
tf
100 10
100 RG(off), GATE RESISTANCE (OHMS)
1000
100 10
100 RG(off), GATE RESISTANCE (OHMS)
1000
Figure 9. Inductive Switching Times versus Gate Resistance, TJ = 25C
Figure 10. Inductive Switching Times versus Gate Resistance, TJ = 125C
250 VCE = 300 V VGE = 15 V RG(on) = 47 t, TIME (ns) TJ =125C 25C
10000
200
VCE = 300 V VGE = 15 V IC = 20 A 25C tr
1000 TJ =125C
t, TIME (ns)
150
100
100 50 tr 10 10
0
0
10
30 20 40 IC, COLLECTOR CURRENT (AMPS)
50
100 RG(on), GATE RESISTANCE (OHMS)
1000
Figure 11. Inductive Switching Times versus Collector Current
Figure 12. Inductive Switching Times versus Gate Resistance
Motorola IGBT Device Data
5
MHPM7A20A60A
Typical Characteristics
10000 E off , TURN-OFF ENERGY LOSSES ( J) 10000 E off , TURN-OFF ENERGY LOSSES ( J) VCE = 300 V VGE = 15 V IC = 20 A TJ =125C
TJ =125C 1000 25C
1000 25C
100 VCE = 300 V VGE = 15 V RG(off) = 20 10 0 10 20 30 40 50
100 10
100 RG(off), GATE RESISTANCE (OHMS)
1000
IC, COLLECTOR CURRENT (AMPS)
Figure 13. Turn-Off Energy Losses versus Collector Current
Figure 14. Turn-Off Energy Losses versus Gate Resistance
PEAK REVERSE RECOVERY CURRENT Irr (A) REVERSE RECOVERY TIME t rr (ns)
1000 TJ = 125C
10000 Cies trr C, CAPACITANCE (pF) 25C
100
1000 Coes 100
10 Irr
TJ = 125C 25C -di/dt = 100 A/s
Cres 50 10 0 10 20 30 40 60 70 80 50 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 90 100
1 0 10 20 30 40 IF, FORWARD CURRENT (AMPS)
Figure 15. Reverse Recovery Characteristics -- Free-Wheeling Diode
Figure 16. Capacitance Variation
50 r(t), EFFECTIVE TRANSIENT THERMAL RESISTANCE (NORMALIZED) I C, COLLECTOR CURRENT (AMPS)
1.0 DIODE
40
0.1
IGBT
30
20 +VGE = 15 V -VGE = 0 V RG(on) = 47 TJ = 25C 0 400 200 600 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 800
0.01
10 0
0.001 1.0
10 t, TIME (ms)
100
1000
Figure 17. Reversed Biased Safe Operating Area (RBSOA)
Figure 18. Thermal Response
6
Motorola IGBT Device Data
MHPM7A20A60A
ton td(on) OUTPUT, Vout INVERTED 10% 90% VCE INPUT, Vin 50% 10% PULSE WIDTH 50% tr 90% td(off) 90% toff tf
IC RG
L
VCE
Figure 19. Inductive Switching Time Test Circuit and Timing Chart
Motorola IGBT Device Data
7
MHPM7A20A60A
8
Q1 P1 1 9 G1 E1 D8 8 10 D10 D12 D7 12 U V W Q2 16 D2 G7 G2 G4 17 D4 G6 Q4 14 D6 Q6 20 19 18 G3 E3 G5 E5 D1 11 13 D3 7 P2 D5 Q3 Q5 B 21 Q7 15 D9 D11 D13 TEMP SENSE N1 25 6 5 N2 -I +I 4 3 +T C Q8 DEVICE INTEGRATION = PIN NUMBER IDENTIFICATION 2 -T C 3-Phase Input Rectifier Bridge Brake IGBT/ Diode 3-Phase Output IGBT/Diode Bridge, with Current and Temperature Sense
24
R
23
S
Figure 20. Integrated Power Stage Schematic
22
T
Motorola IGBT Device Data
MHPM7A20A60A
PACKAGE DIMENSIONS
E
C
K
AB AC AD
AE AF
3 PL
AA
9 PL
A Q N
1
AH G
2 PL 17
2 PL
V
L M S R B DETAIL Z
Y
4 PL
25
18
AG P U
X
4 PL
T
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. LEAD LOCATION DIMENSIONS (ie: M, G. AA...) ARE TO THE CENTER OF THE LEAD.
H
7 PL
J
25 PL DIM A B C D E F G H J K L M N P Q R S T U V X Y AA AB AC AD AE AF AG AH
D F DETAIL Z
MILLIMETERS MIN MAX 97.54 98.55 52.45 53.47 14.60 15.88 0.43 0.84 10.80 12.06 0.94 1.35 1.60 2.21 8.58 9.19 0.30 0.71 18.80 20.57 19.30 20.32 38.99 40.26 9.78 11.05 82.55 83.57 4.01 4.62 26.42 27.43 12.06 12.95 4.32 5.33 86.36 87.38 14.22 15.24 6.55 7.16 2.49 3.10 2.24 2.84 7.32 7.92 4.78 5.38 8.58 9.19 6.05 6.65 4.78 5.38 69.34 70.36 --- 5.08
INCHES MIN MAX 3.840 3.880 2.065 2.105 0.575 0.625 0.017 0.033 0.425 0.475 0.037 0.053 0.063 0.087 0.338 0.362 0.012 0.028 0.74 0.81 0.760 0.800 1.535 1.585 0.385 0.435 3.250 3.290 0.158 0.182 1.040 1.080 0.475 0.515 0.170 0.210 3.400 3.440 0.560 0.600 0.258 0.282 0.098 0.122 0.088 0.112 0.288 0.312 0.188 0.212 0.338 0.362 0.238 0.262 0.188 0.212 2.730 2.770 --- 0.200
CASE 440-02 ISSUE A
Motorola IGBT Device Data
9
MHPM7A20A60A
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://www.mot.com/SPS/ JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
10
MHPM7A20A60A/D Motorola IGBT Device Data


▲Up To Search▲   

 
Price & Availability of MHPM7A20A60AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X