Part Number Hot Search : 
WIT2400 5HDXXX 00N6T ACS10 6043468 YE152 MA3S781D HER303
Product Description
Full Text Search
 

To Download MAZL120D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zener Diodes Composite Elements
MA111
MAZL120D
Silicon planer type
Constant voltage, constant current, waveform cripper and surge absorption circuit s Features
2.9 -0.05
Unit : mm
2.8 -0.3 0.650.15 5
+0.2 +0.25
1.5 -0.05
0.650.15 1
0.95
q Mini q Four
type package (5-pin) anode-common element wiring of MA8120
1.90.1
+0.2
4
0.95
3
2
0.3 -0.05
0.40.2
+0.1 0.16 -0.06
1.1 -0.1
+0.2
0.8
s Absolute Maximum Ratings (Ta= 25C)
Parameter Average forward current Instanious forward current Total power dissipation Junction temperature Storage temperature
Working value in a single piece *2 With a printed-circuit board *1
Symbol IF(AV) IFRM Ptot*2 Tj Tstg
Rating 100 200 *1 *1
Unit mA mA mW C C
5 4 3
1 : Cathode 1 4 : Anode 1, 2 2 : Cathode 2 Anode 3, 4 3 : Cathode 3 5 : Cathode 4 Mini Type Package (5-pin)
200 *1 150 - 55 to + 150
s Internal Connection
1 2
1 s Electrical Characteristics (Ta= 25C)* Parameter Forward voltage Zener voltage Operating resistance Reverse current Temperature coefficient of zener voltage Terminal capacitance Symbol VF VZ RZ IR SZ *3 Ct *2 RZK IF=10mA IZ= 5mA IZ= 0.5mA IZ= 5mA VR= 9V IZ= 5mA VR= 0V, f=1MHz 8.4 25 11.40 Condition min typ 0.9 12.00 max 1.0 12.70 80 30 0.05 Unit V V A mV/C pF
Note 1. Test method : Depend on JIS C7031 testing 2. Rated input/output frequency : 5MHz 3. * 1 : The VZ value is for the temperature of 25C. In other cases, carry out the temperature compensation. * 2 : Guaranteeed at 20ms after power application * 3 : Tj= 25 to 150C
s Marking
12D
0 to 0.1
0.1 to 0.3
+0.1
1.450.1
Zener Diodes Composite Elements
MAZL120D
Ptot - Ta
300 With a printed-circuit board 250
IF - VF
1
IR - VR
10-6
Ptot (mW)
10-1
100C 25C
(A)
10-7 Ta=150C 10-8 100C 10-9 25C 10-10
(A)
Ta=150C -20C 10-2
200
Forward current
Power dissipation
150
10-3
100
50
10-4
0 0 50 100 150 Ta 200 (C) 250 Ambient temperature
10-5 0 0.2 0.4 0.6 0.8 VF 1.0 (V) 1.2 Forward voltage
Reverse current
IR
IF
10-11 0 2 4 6 8 VR 10 (V) 12 Reverse voltage
IZ - VZ
10-1 25C100C Ta=-20C
Ct - VR
25 Ta=25C
104
RZ - IZ
Ta=25C
(pF)
(R) Operating resistance RZ
10-2
150C
20
103
IZ (A)
Terminal capacitance
10-3
Ct
15
Zener current
102
10-4
10
10
10-5
5
10-6 0 5 10 15 20 VZ (V) 25 30 Zener voltage
0 0 2 4 6 8 VR 10 (V) 12 Reverse voltage
1 10-4
10-3 Zener current
10-2 IZ (A)
10-1


▲Up To Search▲   

 
Price & Availability of MAZL120D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X