Part Number Hot Search : 
SAA7135 DM74S04 ISL1539A ELECT 2TZ15 HA12203 BZX84C 030K1F
Product Description
Full Text Search
 

To Download MAX1161 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1190; Rev 0; 3/97
KIT ATION EVALU BLE AVAILA
10-Bit, 40Msps, TTL-Output ADC
____________________________Features
o o o o o o Monolithic 40Msps Converter On-Chip Track/Hold Bipolar, 2V Analog Input 57dB SNR at 3.58MHz Input 5pF Input Capacitance TTL Outputs
_______________General Description
The MAX1161 10-bit, monolithic analog-to-digital converter (ADC) is capable of 40Msps minimum word rates. An on-board track/hold ensures excellent dynamic performance without the need for external components. A 5pF input capacitance minimizes drive requirement problems. Inputs and outputs are TTL compatible. An overrange output is provided to indicate overflow conditions. Output data format is straight binary. Power dissipation is low at only 1W with +5V and -5.2V power-supply voltages. The MAX1161 also accepts wide, 2V input voltages. The MAX1161 is available in 28-pin DIP and SO packages in the commercial temperature range.
MAX1161
________________________Applications
Medical Imaging Professional Video Radar Receivers Instrumentation Digital Communications
______________Ordering Information
PART MAX1161ACPI MAX1161BCPI MAX1161ACWI MAX1161BCWI TEMP. RANGE 0C to +70C 0C to +70C 0C to +70C 0C to +70C PIN-PACKAGE 28 Wide Plastic DIP 28 Wide Plastic DIP 28 SO 28 SO
________________Functional Diagram
ANALOG INPUT 4 COARSE ADC ANALOG PRESCALER
__________________Pin Configuration
TOP VIEW
TOP VIEW DGND D0 D1 D2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 DVCC 27 VEE 26 AGND 25 VCC VFB VSB
DECODING NETWORK
T/H AMPLIFIER BANK
D3 D4 DIGITAL OUTPUT D5 D6 D7 D8 D9 D10 DGND
MAX1161
24 23
22 VRM 21 VIN 20 VST 19 18 17 16 15 VFT VCC AGND VEE CLK
SUCCESSIVE INTERPOLATION STAGE i
10
SUCCESSIVE INTERPOLATION STAGE i + 1
. . . .
SUCCESSIVE INTERPOLATION STAGE N
DVCC
DIP/SO 1
________________________________________________________________ Maxim Integrated Products
For the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
10-Bit, 40Msps, TTL-Output ADC MAX1161
ABSOLUTE MAXIMUM RATINGS
VCC ........................................................................................+6V VEE ..........................................................................................-6V Analog Input.......................................................VFB VIN VFT VFT, VFB ...........................................................................3V, -3V Reference-Ladder Current..................................................12mA CLK Input...............................................................................VCC Digital Outputs.....................................................30mA to -30mA Continuous Power Dissipation (TA = +70C) Plastic DIP ........................................................................1.14W SO .........................................................................................1W Operating Temperature Range...............................0C to +70C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10sec). ............................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCC = +5.0V, VEE = -5.2V, DVCC = +5.0V, VIN = 2.0V, VSB = -2.0V, VST = +2.0V, fCLK = 40MHz, 50% clock duty cycle, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER Resolution DC ACCURACY (full scale, 250kHz sample rate, TA = +25C) Integral Nonlinearity Differential Nonlinearity No Missing Codes ANALOG INPUT Input Voltage Range Input Bias Current Input Bias Current Input Resistance Input Resistance Input Capacitance Input Bandwidth Positive Full-Scale Error Negative Full-Scale Error REFERENCE INPUT Reference-Ladder Resistance Reference-Ladder Tempco TIMING CHARACTERISTICS Maximum Conversion Rate Overvoltage Recovery Time Pipeline Delay (Latency) Output Delay Aperture Delay Time Aperture Jitter Time Acquisition Time 2 TA = +25C TA = +25C TA = +25C TA = +25C VI V VI V V V V 14 1 5 12 40 20 1 18 14 1 5 12 40 20 1 18 MHz ns Clock Cycle ns ns ps-RMS ns VI V 500 800 0.8 500 800 0.8 /C 3dB small signal TA = -55C to +125C VIN = 0V TA = -55C to +125C VI VI VI VI VI VI V V V 100 75 300 300 5 120 2.0 2.0 2.0 30 60 75 100 75 300 300 5 120 2.0 2.0 2.0 30 60 75 V A A k k pF MHz LSB LSB I I 1.0 0.5 Guaranteed 1.5 0.75 Guaranteed LSB LSB CONDITIONS TEST LEVEL MIN 10 MAX1161A TYP MAX MIN 10 MAX1161B TYP MAX UNITS Bits
_______________________________________________________________________________________
10-Bit, 40Msps, TTL-Output ADC
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5.0V, VEE = -5.2V, DVCC = +5.0V, VIN = 2.0V, VSB = -2.0V, VST = +2.0V, fCLK = 40MHz, 50% clock duty cycle, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER DYNAMIC PERFORMANCE Effective Number of Bits (ENOB) fIN = 1MHz fIN = 3.58MHz fIN = 10.0MHz TA = +25C fIN = 1MHz Signal-to-Noise Ratio (without harmonics) (SNR) TA = 0C to +70C, TA = -25C to +85C TA = +25C fIN = 3.58MHz TA = 0C to +70C, TA = -25C to +85C TA = +25C fIN = 10.0MHz TA = 0C to +70C, TA = -25C to +85C TA = +25C fIN = 1MHz TA = 0C to +70C, TA = -25C to +85C TA = +25C fIN = 3.58MHz TA = 0C to +70C, TA = -25C to +85C TA = +25C fIN = 10.0MHz TA = 0C to +70C, TA = -25C to +85C TA = +25C fIN = 1MHz Signal-to-Noise and Distortion Ratio (SINAD) TA = 0C to +70C, TA = -25C to +85C TA = +25C fIN = 3.58MHz TA = 0C to +70C, TA = -25C to +85C TA = +25C fIN = 10.0MHz Spurious-Free Dynamic Range (SFDR) Differential Phase Differential Gain TA = 0C to +70C, TA = -25C to +85C TA = +25C TA = +25C TA = +25C I IV I IV I IV I IV I IV I IV I IV I IV I IV V V V 55 53 55 53 48 45 54 51 54 51 46 45 52 49 52 49 44 43 67 0.2 0.5 46 54 57 55 57 55 50 47 56 53 56 53 48 47 54 8.7 8.7 7.3 52 50 52 50 46 43 52 49 52 49 43 41 49 46 49 46 41 40 67 0.2 0.7 dB Degrees % 43 51 dB 54 52 54 52 48 45 54 51 54 51 45 44 51 dB dB 8.2 8.2 6.9 Bits CONDITIONS TEST LEVEL MAX1161A MIN TYP MAX MAX1161B MIN TYP MAX UNITS
MAX1161
Total Harmonic Distortion (THD)
fIN = 1MHz fIN = 3.58MHz, 4.35MHz fIN = 3.58MHz, 4.35MHz
_______________________________________________________________________________________
3
10-Bit, 40Msps, TTL-Output ADC MAX1161
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5.0V, VEE = -5.2V, DVCC = +5.0V, VIN = 2.0V, VSB = -2.0V, VST = +2.0V, fCLK = 40MHz, 50% clock duty cycle, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER DIGITAL INPUTS Logic 1 Voltage Logic 0 Voltage Maximum Input Current Low Maximum Input Current High Pulse Width Low (CLK) Pulse Width High (CLK) DIGITAL OUTPUTS Logic 1 Voltage Logic 0 Voltage POWER-SUPPLY REQUIREMENTS VCC Voltages DVCC -VEE ICC Currents Power Dissipation Power-Supply Rejection
TEST LEVEL CODES
All electrical characteristics are subject to the following conditions: All parameters having min/max specifications are guaranteed. The Test Level column indicates the specific device testing actually performed during production and Quality Assurance inspection. Any blank section in the data column indicates that the specification is not tested at the specified condition. Unless otherwise noted, all tests are pulsed; therefore, Tj = TC = TA.
CONDITIONS
TEST LEVEL V V
MAX1161A MIN TYP MAX 2.4 4.5 0.8 0 0 10 10 2.4 0.6 4.75 4.75 5.0 118 40 40 1.0 1.0 -4.95 -5.2 5.25 5.25 145 55 57 1.3 300 5 5 20 20
MAX1161B MIN TYP MAX 2.4 4.0 0.8 0 0 10 10 2.4 0.6 4.75 4.75 5.0 118 40 40 1.0 1.0 5.25 5.25 -5.45 145 55 57 1.3 300 5 5 20 20
UNITS
V V A A ns ns V V
TA = +25C TA = +25C
IV IV IV IV IV IV IV IV IV VI VI VI VI V
V
-5.45 -4.95 -5.2
DICC -IEE VCC = 5V 0.25V, VEE = -5.2V 0.25V
mA W LSB
TEST LEVEL TEST PROCEDURE I 100% production tested at the specified temperature. II 100% production tested at TA = +25C, and sample tested at the specified III IV V VI
temperatures. QA sample tested only at the specified temperatures. Parameter is guaranteed (but not tested) by design and characterization data. Parameter is a typical value for information purposes only. 100% production tested at TA = +25C. Parameter is guaranteed over specified temperature range.
______________________________________________________________Pin Description
PIN 1, 13 2 3-10 11 12 14, 28 15 16, 27 NAME DGND D0 D1-D8 D9 D10 DVCC CLK VEE FUNCTION Digital Ground TTL Output (LSB) TTL Outputs TTL Output (MSB) TTL Output Overrange +5V Supply (digital) Clock -5.2V Supply (analog) PIN 17, 26 18, 25 19 20 21 22 23 24 NAME AGND VCC VFT VST VIN VRM VSB VFB FUNCTION Analog Ground +5V Supply (analog) Force for Top of Reference Ladder Sense for Top of Reference Ladder Analog Input Middle of Voltage Reference Ladder Sense for Bottom of Reference Ladder Force for Bottom of Reference Ladder
4
_______________________________________________________________________________________
10-Bit, 40Msps, TTL-Output ADC
__________________________________________Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
TOTAL HARMONIC DISTORTION vs. INPUT FREQUENCY
MAX1161-01
MAX1161
SIGNAL-TO-NOISE vs. INPUT FREQUENCY
MAX1161-02
SIGNAL-TO-NOISE AND DISTORTION vs. INPUT FREQUENCY
fS = 40Msps 70 60 SINAD (dB) 50 40 30 20
MAX1161-03
80 fS = 40Msps 70 60 THD (dB) 50 40 30 20 1 10 INPUT FREQUENCY (MHz)
80 fS = 40Msps 70 60 SNR (dB) 50 40 30 20
80
100
1
10 INPUT FREQUENCY (MHz)
100
1
10 INPUT FREQUENCY (MHz)
100
SNR, THD, SINAD vs. SAMPLE RATE
MAX1161-04
SNR, THD, SINAD vs. TEMPERATURE
MAX1161-06
SPECTRAL RESPONSE
fS = 40Msps fIN = 1MHz -30 AMPLITUDE (dB)
MAX1161-05
80 fIN = 1MHz 70 SNR, THD, SINAD (dB) SNR 60 50 40 30 20 1 10 SAMPLE RATE (Msps)
65
0
60 SNR, THD, SINAD (dB) 55
SNR THD
SINAD
-60
THD
SINAD 50
45
-90 fS = 40Msps fIN = 1MHz -120 -25 0 25 50 75 0 2 4 6 8 10 TEMPERATURE (C) INPUT FREQUENCY (MHz)
40 100
_______________Detailed Description
The MAX1161 requires few external components to achieve the stated operation and performance. Figure 2 shows the typical interface requirements when using the MAX1161 in normal circuit operation. The following section provides a description of the pin functions, and outlines critical performance criteria to consider for achieving optimal device performance.
Power Supplies and Grounding
The MAX1161 requires -5.2V and +5V analog supply voltages. The +5V supply is common to analog VCC and digital DVCC. A ferrite bead in series with each supply line reduces the transient noise injected into the analog
VCC. These beads should be connected as close to the device as possible. The connection between the beads and the MAX1161 should not be shared with any other device. Bypass each power-supply pin as close to the device as possible. Use 0.1F for VEE and VCC, and 0.01F for DVCC (chip capacitors are recommended). The MAX1161 has two grounds: AGND and DGND. These internal grounds are isolated on the device. Use ground planes for optimum device performance. Use DGND for the DVCC return path (typically 40mA) and for the return path for all digital output logic interfaces. Separate AGND and DGND from each other, connecting them together only through a ferrite bead at the device.
5
_______________________________________________________________________________________
10-Bit, 40Msps, TTL-Output ADC MAX1161
N tpwH tpwL N+1 N+2
CLK td
CLK td OUTPUT DATA DATA VALID N DATA VALID N+1
N-2
N-1
OUTPUT DATA
DATA VALID
Figure 1a. Timing Diagram
Figure 1b. Single-Event Clock
Table 1. Timing Parameters
PARAMETER td tpwH tpwL DESCRIPTION CLK to Data Valid Propagation Delay CLK High Pulse Width CLK Low Pulse Width 10 10 MIN TYP 14 MAX 18 300 UNITS ns ns ns
Connect a Schottky or hot carrier diode between AGND and VEE. The use of separate power supplies between VCC and DVCC is not recommended due to potential power-supply-sequencing latchup conditions. For optimum performance, use the recommended circuit shown in Figure 2.
Voltage Reference
The MAX1161 requires the use of two voltage references: VFT and VFB. VFT is the force for the top of the voltage-reference ladder (typically +2.5V); VFB (typically -2.5V) is the force for the bottom of the voltagereference ladder. Both voltages are applied across an 800 internal reference-ladder resistance. The +2.5V voltage source for reference VFT must be current limited to 20mA (max) if a different driving circuit is used in place of the recommended reference circuit shown in Figures 2 and 3. In addition, there are three referenceladder taps (VST, VRM, and VSB). VST is the sense for the top of the reference ladder (+2V), VRM is the midpoint of the ladder (typically 0V), and VSB is the sense for the bottom of the reference ladder (-2V). The voltages at VST and VSB are the device's true full-scale input voltages when VFT and VFB are driven to the recommended voltages (+2.5V and -2.5V, respectively). These points should be used to monitor the device's actual full-scale input range. When not being used, a decoupling capacitor of 0.01F (chip carrier preferred) connected to AGND from each tap is recommended to minimize high-frequency noise injection.
Figure 2 shows an example of a recommended reference-driver circuit. IC1 (MAX6225) is a +2.5V reference with 0.2% accuracy. Potentiometer R1 is 10k and supports a minimum adjustable range of 0.6%. Use an OP07 or equivalent device for IC2. R2 and R3 must be matched to within 0.1% with good TC tracking to maintain 0.3LSB matching between VFT and VFB. If 0.1% matching is not met, then R4 can be used to adjust the VFB voltage to the desired level. Adjust VFT and VFB such that VST and VSB are exactly +2V and -2V, respectively. The analog input range scales proportionally with respect to the reference voltage if a different input range is required. The maximum scaling factor for device operation is 20% of the recommended reference voltages of VFT and VFB. However, because the device is laser trimmed to optimize performance with 2.5V references, its accuracy degrades if operated beyond a 2% range. The following errors are defined: +FS error = top of ladder offset voltage = (+FS - VST + 1LSB) -FS error = bottom of ladder offset voltage = (-FS - VSB - 1LSB) where the +FS (full-scale) input voltage is defined as the output transition between 11 1111 1110 and 11 1111 1111, and the -FS input voltage is defined as the output transition between 00 0000 0000 and 00 0000 0001 (Table 2).
6
_______________________________________________________________________________________
10-Bit, 40Msps, TTL-Output ADC MAX1161
CLK (TTL) VIN (2V) +5V 1F 4
CLK R5 100 2.5V MAX 2 VIN 6 IC1 VOUT 2.5V VIN VFT R ANALOG PRESCALER COARSE ADC
MAX1161
4
MAX6225
GND VTRIM
R1 10k 5 R2 30k
1F
C2 0.01F C1 VST 0.01F
D10 (OVERRANGE) D9 (MSB) D8 D7 D6 D5 D4 D3 D2 D1 D0 (LSB) R SUCCESSIVE INTERPOLATION STAGE N DIGITAL OUTPUTS
C3 0.01F VRM
2R 2R
3 1 R4 10k +5V 0.01F 8 7 6
2 4 0.01F
-5.2V
IC2 OP07
R3 30k C4 0.01F
SUCCESSIVE INTERPOLATION STAGE 1
VSB -2.5V 1F C5 0.01F VFB
2R
DGND C10 0.01F C11 0.01F
AGND
AGND
DVCC
= DGND NOTES: 1) D1 = SCHOTTKY OR HOT CARRIER DIODE 2) FB = FERRITE BEAD, FAIR RITE #2743001111 TO BE MOUNTED AS CLOSELY TO THE DEVICE AS POSSIBLE. THE FERRITE BEAD TO ADC CONNECTION SHOULD NOT BE SHARED WITH ANY OTHER DEVICE. 3) C1-C11 = CHIP CAPACITOR (RECOMMENDED) MOUNTED AS CLOSE TO DEVICE'S PIN AS POSSIBLE. 4) USE OF A SEPARATE SUPPLY FOR VCC AND DVCC IS NOT RECOMMENDED. 5) R5 PROVIDES CURRENT LIMITING TO 45mA.
C6 0.1F C7 0.1F
C8 0.1F C9 0.1F FB FB
DVCC
VCC
VCC
VEE
VEE
= AGND
DGND
DECODING NETWORK
2R
FB
D1 10F -5.2V AGND 10F +5V DGND
Figure 2. Typical Operating Circuit
Analog Input
VIN is the analog input. The full-scale input range will be 80% of the reference voltage, or 2V with VFB = -2.5V and VFT = +2.5V. The analog input's drive requirements are minimal when compared to conventional flash converters. This is due to the MAX1161's extremely low (5pF) input capacitance and very high (300k) input resistance. For example, for an input signal of 2Vp-p with a 10MHz input frequency, the peak output current required for the driving circuit is only 628A.
VCC
VIN
ANALOG PRESCALER
VFT
VEE
Figure 3. Analog Equivalent Input Circuit
_______________________________________________________________________________________ 7
10-Bit, 40Msps, TTL-Output ADC MAX1161
Table 2. Output Data Information
ANALOG INPUT > +2V + 1/2LSB +2V - 1LSB 0.0V -2V + 1LSB < 2V OVERRANGE D10 1 0 0 0 0 OUTPUT CODE D9-D0 1 1 1 111 1111 1 1 1 111 111O OO OOOO OOOO 00 0000 000O 00 0000 0000
Digital Outputs
The format of the output data (D0-D9) is straight binary (Table 2). The outputs are latched on the rising edge of CLK with a propagation delay typically at 14ns. There is a one-clock-cycle latency between CLK and the valid output data (Figure 1a). The digital outputs' rise and fall times are not symmetrical. Typical propagation delay is 14ns for the rise time and 6ns for the fall time (Figure 5). The nonsymmetrical rise and fall times create approximately 8ns of invalid data.
(O indicates the flickering bit between logic 0 and 1.)
Clock Input
The MAX1161 is driven from a single-ended TTL input (CLK). The CLK pulse width (t pwH ) must be kept between 10ns and 300ns to ensure proper operation of the internal track/hold amplifier (Figure 1a). When operating the MAX1161 at sampling rates above 3Msps, it is recommended that the clock input duty cycle be kept at 50% to optimize performance (Figure 4). The analog input signal is latched on the rising edge of CLK. The clock input must be driven from fast TTL logic (VIH 4.5V, tRISE <6ns). In the event the clock is driven from a high current source, use a 100 resistor (R5) in series to limit current to approximately 45mA.
Overrange Output
The overrange output (D10) is an indication that the analog input signal has exceeded the positive full-scale input voltage by 1LSB. When this condition occurs, D10 will switch to logic 1. All other data outputs (D0-D9) will remain at logic 1 as long as D10 remains at logic 1. This feature makes it possible to include the MAX1161 in higher-resolution systems.
Evaluation Board
The MAX1160 EV kit is available to help designers demonstrate the MAX1160 or MAX1161's full performance. This board includes a reference circuit, clockdriver circuit, output data latches, and an on-board reconstruction of the digital data. A separate data sheet describing the operation of this board is also available. Contact the factory for price and availability.
59 57 SIGNAL-TO-NOISE-RATIO (dB) 55
CLK IN 2.4V
N
N+1
6ns
53 51 49 47 45 43 25 30 35 40 45 50 55 60 65 70 75 DUTY CYCLE OF POSITIVE CLOCK PULSE (C)
DATA OUT (EQUIVALENT)
DUTY CYCLE = tpwL tpwH
tpwL tpwH
typ 3.5V DATA 2.4V OUT (ACTUAL) 0.8V 0.5V
tRISE 6ns INVALID DATA tpd1
(N - 2)
(N - 1)
INVALID DATA
N
14ns typ
(N - 2)
INVALID DATA
(N - 1)
INVALID DATA
N
Figure 4. SNR vs. Clock Duty Cycle
Figure 5. Digital Output Characteristics
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 ___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600 (c) 1997 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX1161

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X