Part Number Hot Search : 
F2202 M1MA15 H838799 TMEGA32 RF164 BB85ZB1 SK203 MSG33004
Product Description
Full Text Search
 

To Download MA10704 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Diodes (SBD)
MA2J704 (MA10704)
Silicon epitaxial planar type
Unit : mm
For super-high speed switching circuit
K A
0.625
0.16 - 0.06
I Absolute Maximum Ratings Ta = 25C
Parameter Reverse voltage (DC) Repetitive peak reverse voltage Peak forward current Average forward current Non-repetitive peak forward surge current* Junction temperature Storage temperature Symbol VR VRRM IFM IF(AV) IFSM Tj Tstg Rating 20 20 300 200 1 125 -55 to +125 Unit V V mA mA A C C
0.4 0.1
1.7 0.1 2.5 0.2
0.4 0.1
1 : Anode 2 : Cathode S-Mini Type Package (2-pin)
Marking Symbol: 2S Internal Connection
Note) * : The peak-to-peak value in one cycle of 50 Hz sine-wave (non-repetitive)
2
1
I Electrical Characteristics Ta = 25C
Parameter Reverse current (DC) Symbol IR1 IR2 Forward voltage (DC) Terminal capacitance Reverse recovery time* VF Ct trr VR = 10 V VR = 20 V IF = 200 mA VR = 0 V, f = 1 MHz IF = IR = 100 mA Irr = 0.1 * IR, RL = 100 30 3.0 Conditions Min Typ Max 2 5 0.55 Unit A A V pF ns
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body and the leakage of current from the operating equipment. 2. Rated input/output frequency: 1 000 MHz 3. * : trr measuring circuit Bias Application Unit N-50BU Input Pulse Output Pulse
tr 10% tp t IF trr t Irr = 10 mA IF = 100 mA IR = 100 mA RL = 100
A
VR Pulse Generator (PG-10N) Rs = 50 W.F.Analyzer (SAS-8130) Ri = 50
90% tp = 2 s tr = 0.35 ns = 0.05
Note) The part number in the parenthesis shows conventional part number.
0.7 0.1
* S-mini type 2-pin package * Allowing to rectify under (IF(AV) = 200 mA) condition * Low IR(reverse current) type. (About 1/10 of IR of the ordinary products)
2
+ 0.1
1
1.25 0.1
0.5 0.1
I Features
0.3
449
MA2J704
IF V F
10
Schottky Barrier Diodes (SBD)
IR V R
40
10-2
Ct VR
1
Forward current IF (A)
75C 10-1 Ta = 125C 25C
Reverse current IR (A)
Ta = 125C 10-4 75C 10-5
Terminal capacitance Ct (pF)
10-3
30
20
10-2
10-3
10-6
10
25C
10-4
10-7
0 0.1 0.2 0.3 0.4 0.5 0.6
0
5
10
15
20
25
30
0
0
5
10
15
20
25
30
Forward voltage VF (V)
Reverse voltage VR (V)
Reverse voltage VR (V)
450
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of MA10704

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X