Part Number Hot Search : 
3362R205 SMART P1100EL TFS468G 11AK03 P4KE68 ERB32 MAN6750
Product Description
Full Text Search
 

To Download MA10701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Diodes (SBD)
MA3X701 (MA10701)
Silicon epitaxial planar type
2.8 - 0.3
+ 0.2
Unit : mm
+ 0.25
For high-frequency rectification I Features
* Mini type 3-pin package * Allowing to rectify under (IF(AV) = 700 mA) condition
2.9 - 0.05
+ 0.2
0.65 0.15
1.5 - 0.05
0.65 0.15
0.95
1.9 0.2
1 3 2
0.95
1.45 0 to 0.1
1.1 - 0.1
+ 0.2
I Absolute Maximum Ratings Ta = 25C
Parameter Reverse voltage (DC) Repetitive peak reverse voltage Average forward current Non-repetitive peak forward surge current* Junction temperature Storage temperature Symbol VR VRRM IF(AV) IFSM Tj Tstg Rating 30 30 700 5 125 -55 to +150 Unit V V mA A C C
0.1 to 0.3 0.4 0.2
0.8
1 : Anode 2 : NC JEDEC : TO-236 3 : Cathode EIAJ : SC-59 Mini Type Package (3-pin)
Marking Symbol: M4P Internal Connection
1 3 2
Note) * : The peak-to-peak value in one cycle of 50 Hz sine-wave (non-repetitive)
I Electrical Characteristics Ta = 25C
Parameter Reverse current (DC) Forward voltage (DC) Terminal capacitance Reverse recovery time*2 Thermal resistance (1) Thermal resistance (2)*1 Symbol IR VF Ct trr Rth(j-a)(1) Rth(j-a)(2) VR = 30 V IZ = 700 mA VR = 0 V, f = 1 MHz IF = IR = 100 mA Irr = 10 mA, RL = 100 120 7.5 420 330 Conditions Min Typ Max 80 0.55 Unit A V pF ns C/W C/W
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body and the leakage of current from the operating equipment. 2. Rated input/output frequency: 400 MHz 3. *1 : Obtained by fixing the element to the printed-circuit board (copper foil area 0.8 mm x 20 mm) *2 : trr measuring circuit Bias Application Unit N-50BU Input Pulse Output Pulse
tr 10% tp t IF trr t Irr = 10 mA IF = 100 mA IR = 100 mA RL = 100
A
VR Pulse Generator (PG-10N) Rs = 50 W.F.Analyzer (SAS-8130) Ri = 50
90% tp = 2 s tr = 0.35 ns = 0.05
Note) The part number in the parenthesis shows conventional part number.
0.16 - 0.06
+ 0.1
0.4 - 0.05
+ 0.1
443
MA3X701
IF V F
1
0.8 0.7
Schottky Barrier Diodes (SBD)
VF Ta
104 Ta = 125C 103
IR VR
10-1
Ta = 125C
Forward voltage VF (V)
Forward current IF (A)
10-2
75C 25C - 20C
0.6 0.5 0.4 0.3 0.2 0.1 100 mA 10 mA
Reverse current IR (A)
IF = 700 mA
102
75C
10-3
10 25C 1
10-4
10-5
0
0.1
0.2
0.3
0.4
0.5
0.6
0 -40
10-1
0 40 80 120 160 200
0
5
10
15
20
25
30
Forward voltage VF (V)
Ambient temperature Ta (C)
Reverse voltage VR (V)
IR T a
10 000 VR = 30 V 1 000
Ct VR
300 1 000
IF(surge) tW
Ta = 25C 300 tW 100 30 10 3 1 0.3 0.1 0.1 IF(surge)
Reverse current IR (A)
15 V 6V
Terminal capacitance Ct (pF)
250
200
100
150
10
100
1
50
0.1 -40
0
0 40 80 120 160 200
Forward surge current IF(surge) (A)
0
5
10
15
20
25
30
0.3
1
3
10
30
100
Ambient temperature Ta
(C)
Reverse voltage VR
(V)
Pulse width tW (ms)
444
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of MA10701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X