Part Number Hot Search : 
MIIC5271 002000 CXA3785R TW9903 AV2636 S1500 LM39500 SKIIP
Product Description
Full Text Search
 

To Download L7810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW Calibrated Xenon Light Source
L7810
is a logo mark for an accreditation system based on Japanese Measurement Law. Our Planning & Engineering Division is accredited in accordance with ISO/IEC Guide 25: 1990 in the field of photometry calibration. (Our accreditation number is 0081.) [JCSS: Japan Calibration Service System (The Japanese Goverment accreditation scheme for calibration laboratories and a signatory of APLAC Mutual Recognition Arrangement)]
vLEFT: LAMP HOUSING, RIGHT: POWER SUPPLY
FEATURES
sHigh Stability
Stability is one of the important characteristics of calibrated light sources. Hamamatsu's excellent cathode technology and optimized lamp housing realize high stability and good repeatability.
sHigh Power
A Xenon lamp emits high intense UV, visible and IR light so that a reliable measurement can be possible even in the range of 300 nm to 400 nm, where either a deuterium lamp or a tungsten lamp doesn't deliver enough light.
qLight Intensity Drift (Typ.)
110 100
TLSOB0065EA
qComparison of Spectral Irradiance (Reference data) : 50 cm away from light source
100
TLSOB0063EA
SPECTRAL IRRADIANCE (W*cm-2*nm-1)
RELATIVE INTENSITY (%)
90 80 70 60 50 40 30 20 10 0 10 20 30 40 50 60 70 80 90 100 110
10
CALIBRATED XENON LIGHT SOURCE
1
CONVENTIONAL HALOGEN LAMP
0.1
CONVENTIONAL DEUTERIUM LAMP
0.01
0.001 200
250
300
350
400
450
500
550
600
650
700
750
800
OPERATING TIME (h)
WAVELENGTH (nm)
SPECIFICATIONS
Lamp Input Wattage Spectral Distribution Calibrated RangeA Type of Calibration Calibration Unit Stability Fluctuation (p-p) Drift Window Material (Lamp Housing) Warm-up Time Recommended Calibration PeriodB Guaranteed LifeC Xenon Lamp 150 W 185 nm to 2000 nm 250 nm to 800 nm Spectral Irradiance W.cm-2.nm-1 1.0 % Max. 0.5 %/h Max. Synthetic Silica 10 min 100 hours or 1 year whichever comes first 500 hours Input Voltage (switched manually) Power Consumption Cooling (Lamp Housing, Power Supply) Ambient Temperature Humidity Dimensions Lamp Housing (W x H x D) Power Supply CaseD Lamp Housing Weight Power Supply CaseD 100 Vac/115 Vac/200 Vac/230 Vac (10 %), 50/60 Hz 500 VA Forces Air Cooling (cooling fan is included) 0 C to 40 C 30 % to 90 % 100 mm x 280 mm x 100 mm 144 mm x 176 mm x 280 mm 595 mm x 425 mm x 345 mm Approx. 3.5 kg Approx. 10 kg Approx. 7.8 kg
NOTE: AThe calibrated value is the light power at 50 cm away from front surface of lamp housing. BThis is the recommended calibration period when high reliability is required. Please contact to our sales office for re-calibration fee. CThis is the guaranteed time the unit satisfies requirements as calibrated light source. DThis is an accessory coming with the unit.
DIMENSIONAL OUTLINES (Unit: mm)
LAMP HOUSING
[FRONT VIEW]
COOLING FAN SIDE COVER MOUNTING SCREW 4-M3 HEX SOCKET HEAD BOLT M37 P=1
XENON LAMP POWER SUPPLY
TIME COUNTER
hours SN.
POWER SUPPLY
[SIDE VIEW]
SIDE COVER (REMOVE THIS COVER WHEN REPLACING LAMP)
280
144
60
280
77
0.0
LAMP ON [Adc]
140
POWER
POWER INTER LOCK OVER HEAT OUTPUT 100/115/200/230 50/60 HZ VOL. SEL
5
CONNECTOR *
50 100
5
100
5 [FRONT VIEW] [SIDE VIEW] CONNECTOR * [REAR VIEW] AC INPUT CONNECTOR
[BOTTOM VIEW]
M4
REFERENCE SURFACE OF CALIBRATION
39 78
4-M4 PLASTIC FEET ARE ATTACHED TO THE BOTTOM OF THE UNIT BUT CAN BE REMOVED TO USE THEIR HOLES FOR INSTALLATION OF THE LAMP HOUSING.
78
39
* For cable to connect lamp housing with power supply, length: 2000
TLSOA0066EA
TLSOA0067EA
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office. Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2000 Hamamatsu Photonics K.K
HOMEPAGE URL http://www.hamamatsu.com HAMAMATSU PHOTONICS K.K., Electron Tube Center 314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: france@hamamatsu.com United Kingdom: Hamamatsu Photonics UK Limited: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: 44(20)8-367-3560, Fax: 44(20)8-367-6384 E-mail: info@hamamatsu.co.uk North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it TLSO1039E01
JUN. 2000 SI Printed in Japan(1000)
176
OUTPUT WINDOW ( 28)
M 1A/125V CURRENT SEL
7.5 8.0 8.5


▲Up To Search▲   

 
Price & Availability of L7810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X