Part Number Hot Search : 
DSP56009 G494SD HER204PT AN439 IRF820A IRF820A HD64F2 2N60C
Product Description
Full Text Search
 

To Download KA2S09655- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
KA2S0965/KA2S09655
Fairchild Power Switch(SPS)
Features
* * * * * * * * * Wide operatimg frequency range up to (150kHz) Pulse by pulse over current limiting Over load protection Over voltage protecton (Min. 23V) Internal thermal shutdown function Under voltage lockout Internal high voltage sense FET External sync terminal Latch up Mode
Description
The SPS product family is specially designed for an offline SMPS with minimal external components. The SPS consist of high voltage power SenseFET and current mode PWM Controller IC. control IC features a trimmed oscillator, under voltage lock-out, leading edge blanking, optimized gate turnon/turn-off driver, thermal shut down protection, over voltage protection, temperature compensated precision current sources for loop compensation and fault protection circuit. Compared to discrete MOSFET and controller or RCC switching converter solution, a SPS can reduce total component count, design size, weight and at the same time increase &efficiency, productivity, and system reliability. It has a basic platform well suited for cost-effective Monitor power supply.
TO-3P-5L
1
1. DRAIN 2. GND 3. Vcc 4. FB 5. Sync
Internal Block Diagram
#3 VCC 32V 5V Vref - 5V + 6.4V #4 FB 2A 1mA 2.5R 1R 9V + 7.5V - + 25V - Thermal S/D OVER VOLTAGE S/D - + 0.1V S R Q #2 GND OSC S R L.E.B Q Good logic Internal bias #1 DRAIN SFET
#5 Sync
Power on reset
Rev. .5.0
(c)2000 Fairchild Semiconductor International
KA2S0965/KA2S09655
Absolute Maximum Ratings
Characteristic Drain-source (GND) voltage
(1)
Symbol VDSS VDGR VGS IDM
(3)
Value 650 650 30 36.0 950 9.0 5.8 30 -0.3 to VSD 170 1.33 -25 to +85 -55 to +150
Unit V V V ADC mJ ADC ADC V V W W/C C C
Drain-Gate voltage (RGS=1M) Gate-source (GND) voltage Drain current pulsed
(2)
Single pulsed avalanche energy
EAS ID ID VCC VFB PD
Continuous drain current (TC=25C) Continuous drain current (TC=100C) Supply voltage Analog input voltage range Total power dissipation Operating temperature Storage temperature
Derating TOPR TSTG
Notes: 1.Tj=25C to 150C 2.Repetitive rating: Pulse width limited by maximum junction temperature 3.L=20mH, VDD=50V, RG=27, starting Tj=25 C
2
KA2S0965/KA2S09655
Electrical Characteristics (SFET part)
(Ta = 25C unless otherwise specified) Characteristic Drain-source breakdown voltage Symbol BVDSS Test condition VGS=0V, ID=50A VDS=Max., Rating, VGS=0V VDS=0.8Max., Rating, VGS=0V, TC=125C VGS=10V, ID=4.5A VDS=50V, ID=4.5A VGS=0V, VDS=25V, f=1MHz VDD=0.5BVDSS, ID=9.0A (MOSFET switching time are essentially independent of operating temperature) VGS=10V, ID=9.0A, VDS=0.5BVDSS (MOSFET switching time are essentially independent of operating temperature) Min. 650 - - - 5.0 - - - - - - - - - - Typ. - - - 0.96 - 1750 190 78 20 23 85 30 74 12 35.4 Max. - 50 200 1.2 - - - - 50 55 180 70 95 - - nC nS pF Unit V A A S
Zero gate voltage drain current
IDSS
Static drain-source on resistance (note) Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Turn on delay time Rise time Turn off delay time Fall time Total gate charge (gate-source+gate-drain) Gate-source charge Gate-drain (Miller) charge
(note)
RDS(ON) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
Note: Pulse test: Pulse width < 300S, duty cycle < 2% 1 S = --R
3
KA2S0965/KA2S09655
Electrical Charcteristics (CONTROL part)
(Ta = 25C unless otherwise specified) Characteristic REFERENCE SECTION Output voltage (1) Temperature Stability
(1)(2)
Symbol Vref Vref/T
Test condition
Min.
Typ.
Max.
Unit
Ta=25C -25CTa+85C
4.80 -
5.00 0.3
5.20 0.6
V mV/C
OSCILLATOR SECTION Initial accuracy Frequency change with temperature (2) Sync threshold voltage PWM SECTION Maximum duty cycle FEEDBACK SECTION Feedback source current Shutdown delay current IFB Idelay Ta=25C, Vfb=GND Ta=25C, 5VVfbVSD 0.8 1.4 1 1.8 1.2 2.2 mA A Dmax - 92 95 98 %
(3)
FOSC F/T VSYTH
Ta=25C -25CTa+85C Vfb=5V
18 - 6.0
20 5 6.4
22 10 6.8
kHz % V
OVER CURRENT PROTECTION SECTION Over current protection UVLO SECTION Start threshold voltage Minimum operating voltage TOTAL STANDBY CURRENT SECTION Start current Operating supply current (control part only) VCC zener voltage SHUTDOWN SECTION Shutdown Feedback voltage Thermal shutdown temperature (Tj) SOFT START SECTION Soft start current Soft start voltage ISS VSS Sync & S/S=GND VFB=2V 0.8 4.7 - 5.0 - 5.3 mA V
(1)
IL(max)
KA2S0965 KA2S09655
5.28 4.40
6.00 5.00
6.72 5.60
A
Vth(H) Vth(L)
- After turn on
14 9
15 10
16 11
V V
IST IOPR VZ
VCC=14V Ta=25C ICC=20mA - -
0.1 6 30
0.3 12 32.5
0.55 18 35
mA mA V
VSD TSD
6.9 140
7.5 160
8.1 -
V C
NOTE: 1. These parameters, although guaranteed, are not 100% tested in production 2. These parameters, although guaranteed, are tested in EDS(water test) process 3.The amplitude of the sync. pulse is recommended to be between 2V and 3V for stable sync. function.
4
KA2S0965/KA2S09655
Typical Performance Characteristics
(These characteristic graphs are normalized at Ta = 25C)
Fig.1 Operating Frequency
1.2 1.15 1.1 1.05 Fosc 1 0.95 0.9 0.85 0.8 -25 0 25 50 75 100 125 150 1.2 1.15 1.1 1.05 Ifb IFB 1 0.95 0.9 0.85 0.8 -25
Fig.2 Feedback Source Current
0
25
50
75
100
125 150
Temperature [C]
Temperature [C]
Figure 1. Operating Frequency
Figure 2. Feedback Source Current
Fig.3 Operating Current
1.2 1.15 1.1 1.05 lIop 1 OPR 0.95 0.9 0.85 0.8 -25
1.1 1.05
IL(MAX) 1 Ipeak
Fig.4 Max Inductor Current
0.95 0.9 0.85 0 25 50 75 100 125 150 0.8 -25 0 25 50 75 100 125 150
Temperature [C]
Temperature [C]
Figure 3. Operating Current
Figure 4. Max. Inductor Current
1.5 1.3
Fig.5 Start up Current
1.15 1.1 1.05
Fig.6 Start Threshold Voltage
IST Istart
1.1 0.9 0.7 0.5 -25
Vth(H) 1 Vstart
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Temperature [C]
Figure 5. Start up Current
Figure 6. Start Threshold Voltage
5
KA2S0965/KA2S09655
Typical Performance Characteristics (Continued)
(These characteristic graphs are normalized at Ta = 25C)
Fig.7 Stop Threshold Voltage
1.15 1.1 1.05 1.15 1.1 1.05
Fig.8 Maximum Duty Cycle
Vth(L) Vstop 1
0.95 0.9 0.85 -25 0 25 50 75 100 125 150
Dmax 1
0.95 0.9 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Temperature [C]
Figure 7. Stop Threshold Voltage
Figure 8. Maximum Duty Cycle
Fig.9 Vcc Zener Voltage
1.2 1.15 1.1 1.05 Vz 1 0.95 0.9 0.85 0.8 -25 1.15 1.1 1.05
Fig.10 Shutdown Feedback Voltage
Vsd 1
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Temperature [C]
Figure 9. VCC Zener Voltage
Figure 10. Shutdown Feedback Voltage
Fig.11 Shutdown Delay Current
1.2 1.15 1.1 1.05 Idelay 1 0.95 0.9 0.85 0.8 -25 1.15 1.1 1.05
Fig.12 Over Voltage Protection
Vovp 1
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Temperature [C]
Figure 11. Shutdown Delay Current
Figure 12. Over Voltage Protection
6
KA2S0965/KA2S09655
Typical Performance Characteristics (Continued)
(These characteristic graphs are normalized at Ta = 25C)
Fig.13 Soft Start Voltage
1.15 1.1 1.05 2.5 2 1.5
Fig.14 Drain Source Turn-on Resistance
Vss
1 0.9
0.95 0.85 -25
Rdson 1
0.5 0 25 50 75 100 125 150 0 -25 0 25 50 75 100 125 150
Figure13. Soft Start Voltage
Figure 14. Drain Source Turn-on Resistance
7
KA2S0965/KA2S09655
Package Dimensions
TO-3P-5L
8
KA2S0965/KA2S09655
Package Dimensions (Continued)
TO-3P-5L (Forming)
9
KA2S0965/KA2S09655
Ordering Information
Product Number KA2S0965-TU KA2S0965-YDTU KA2S09655-TU KA2S09655-YDTU
TU : Non Forming Type YDTU : Forming Type
Package TO-3P-5L TO-3P-5L(Forming) TO-3P-5L TO-3P-5L(Forming)
Rating 650V, 9A 650V, 9A
Over current protection 6A 5A
10
KA2S0965/KA2S09655
11
KA2S0965/KA2S09655
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR INTERNATIONAL. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 9/7/00 0.0m 001 Stock#DSxxxxxxxx 2000 Fairchild Semiconductor International
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of KA2S09655-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X