Part Number Hot Search : 
DD200GB BU606 B8050 0150CT TSG601 DTA114 T9G02212 LPB352
Product Description
Full Text Search
 

To Download J305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 J304/305
N-Channel JFETs
Product Summary
Part Number
J304 J305
VGS(off) (V)
-2 to -6 -0.5 to -3
V(BR)GSS Min (V)
-30 -30
gfs Min (mS)
4.5 3
IDSS Min (mA)
5 1
Features
D Excellent High Frequency Gain: J304, Gps 11 dB (typ) @ 400 MHz D Very Low Noise: 3.8 dB (typ) @ 400 MHz D Very Low Distortion D High ac/dc Switch Off-Isolation D High Gain: AV = 60 @ 100 mA
Benefits
D D D D D Wideband High Gain Very High System Sensitivity High Quality of Amplification High-Speed Switching Capability High Low-Level Signal Amplification
Applications
D D D D High-Frequency Amplifier/Mixer Oscillator Sample-and-Hold Very Low Capacitance Switches
Description
The J304/305 n-channel JFETs provide high-performance amplification, especially at high-frequency. These products are available in tape and reel for automated assembly (see Package Information). For similar products in TO-236 (SOT-23) packages, see the 2N/SST5484 series data sheet, or in TO-206AF (TO-72) packages, see the 2N/SST4416 series data sheet.
TO-226AA (TO-92)
S
1
D
2
G
3
Top View
Absolute Maximum Ratings
Gate-Source/Gate-Drain Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . -30 V Forward Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mA Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 150_C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . -55 to 150_C Lead Temperature (1/16" from case for 10 sec.) . . . . . . . . . . . . . . . 300_C Power Dissipationa . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350 mW Notes a. Derate 2.8 mW/_C above 25_C
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70236.
Siliconix P-37404--Rev. C, 04-Jul-94
1
J304/305
Specificationsa
Limits
J304 J305
Parameter Static
Gate-Source Breakdown Voltage Gate-Source Cutoff Voltage Saturation Drain Currentc Gate Reverse Current Gate Operating Currentc
Symbol
Test Conditions
IG = -1 mA , VDS = 0 V VDS = 15 V, ID = 1 nA VDS = 15 V, VGS = 0 V VGS = -20 V, VDS = 0 V TA = 100_C VDG = 10 V, ID = 1 mA VDS = 10 V, VGS = -6 V VGS = 0 V, ID = 1 mA IG = 1 mA , VDS = 0 V
Typb
Min
Max
Min
Max
Unit
V(BR)GSS VGS(off) IDSS IGSS IG ID(off) rDS(on) VGS(F)
-35
-30 -2 5 -6 15 -100
-30 -0.5 1 -3 8 -100 V mA pA nA pA W V
-2 -0.2 -20 2 200 0.7
Drain Cutoff Current Drain-Source On-Resistance Gate-Source Forward Voltage
Dynamic
Common-Source Forward Transconductance Common-Source Output Conductance Common-Source Input Capacitance Common-Source Reverse Transfer Capacitance Common-Source Output Capacitance Equivalent Input Noise Voltage gfs VDS = 15 V, VGS = 0 V, f = 1 kHz V V gos Ciss Crss Coss en VDS = 10 V, VGS = 0 V f = 100 Hz VDS = 15 V, VGS = 0 V f = 1 MHz 2.2 0.7 1 10 nV Hz pF 50 50 mS 4.5 7.5 3 mS
Typical High-Frequency Specificationsa
Limits (Typ)
J304 J305
Parameter High-Frequency
Common-Source Input Conductance Common-Source Input Susceptance Common-Source Output Conductance Common-Source Output Susceptance Common-Source Forward Transconductance Common-Source Power Gain Noise Figure
Symbol
Test Conditions
100 MHz
400 MHz
100 MHz
400 MHz Unit
mS mS mS mS dB
giss biss goss boss gfs Gps NF VDS = 15 V, ID = 5 mA RG = 1 kW VDS = 15 V, VGS = 0 V
80 2 60 0.8 4.4 20 1.7
800 7.5 80 3.6 4.2 11 3.8
80 2 60 0.8 3
Notes a. TA = 25_C unless otherwise noted. b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. c. Pulse test: PW v300 ms, duty cycle v2%.
NH
2
Siliconix P-37404--Rev. C, 04-Jul-94
J304/305
Typical Characteristics
20 I DSS - Saturation Drain Current (mA)
Drain Current and Transconductance vs. Gate-Source Cutoff Voltage
10 rDS(on) - Drain-Source On-Resistance ( W ) g fs - Forward Transconductance (mS)
500
On-Resistance and Output Conductance vs. Gate-Source Cutoff Voltage
rDS @ ID = 1 mA, VGS = 0 V gos @ VDS = 10 V, VGS = 0 V f = 1 kHz
50 g os - Output Conductance ( mS)
16
IDSS
8
400
40
12
gfs
6
300
rDS gos
30
8
4
200
20
4
IDSS @ VDS = 10 V, VGS = 0 V gfs @ VDS = 10 V, VGS = 0 V f = 1 kHz 0 -2 -4 -6 -8 -10
2
100
10
0 VGS(off) - Gate-Source Cutoff Voltage (V)
0
0 0 -2 -4 -6 -8 -10 VGS(off) - Gate-Source Cutoff Voltage (V)
0
Gate Leakage Current
100 nA 10 nA 1 mA I G - Gate Leakage 1 nA 100 pA 5 mA 10 pA 1 pA 0.1 pA 0 4 8 12 16 20 VDG - Drain-Gate Voltage (V) TA = 25_C 1 mA 0.1 mA IGSS @ 25_C TA = 125_C 0.1 mA g fs - Forward Transconductance (mS) 5 mA
10
Common-Source Forward Transconductance vs. Drain Current
VGS(off) = -3 V VDS = 10 V f = 1 kHz
8 TA = -55_C
6 25_C
IGSS @ 125_C
4
125_C 2
0 0.1 1 ID - Drain Current (mA) 10
Output Characteristics
10 VGS(off) = -2 V 8 I D - Drain Current (mA) VGS = 0 V 6 -0.2 V -0.4 V 4 -0.6 V -0.8 V -1.0 V -1.2 V -1.4 V 0 2 4 6 8 10 VDS - Drain-Source Voltage (V) I D - Drain Current (mA) 12 15
Output Characteristics
VGS(off) = -3 V
VGS = 0 V 9 -0.3 V -0.6 V 6 -0.9 V -1.2 V 3 -1.5 V -1.8 V
2
0
0 0 2 4 6 8 10 VDS - Drain-Source Voltage (V)
Siliconix P-37404--Rev. C, 04-Jul-94
3
J304/305
Typical Characteristics (Cont'd)
Transfer Characteristics
10 VGS(off) = -2 V 8 I D - Drain Current (mA) I D - Drain Current (mA) TA = -55_C 6 125_C 25_C VDS = 10 V 8 TA = -55_C 6 25_C 125_C 10 VGS(off) = -3 V VDS = 10 V
Transfer Characteristics
4
4
2
2
0 0 -0.4 -0.8 -1.2 -1.6 -2 VGS - Gate-Source Voltage (V)
0 0 -0.6 -1.2 -1.8 -2.4 -3 VGS - Gate-Source Voltage (V)
Transconductance vs. Gate-Source Voltage
10 VGS(off) = -2 V g fs - Forward Transconductance (mS) 8 TA = -55_C 6 25_C 125_C g fs - Forward Transconductance (mS) VDS = 10 V f = 1 kHz 10
Transconductance vs. Gate-Source Voltgage
VGS(off) = -3 V 8 TA = -55_C 6 25_C VDS = 10 V f = 1 kHz
4
4
125_C
2
2
0 0 -0.4 -0.8 -1.2 -1.6 -2 VGS - Gate-Source Voltage (V)
0 0 -0.6 -1.2 -1.8 -2.4 -3 VGS - Gate-Source Voltage (V)
On-Resistance vs. Drain Current
300 rDS(on) - Drain-Source On-Resistance ( W ) TA = 25_C 240 VGS(off) = -2 V 180 VGS(off) = -3 V A V - Voltage Gain 80 100
Circuit Voltage Gain vs. Drain Current
g fs R L AV + 1 ) R g L os Assume VDD = 15 V, VDS = 5 V 10 V RL + I D
60
120
40
VGS(off) = -2 V
60
20 VGS(off) = -3 V
0 0.1
0 1 ID - Drain Current (mA) 10 0.1 1 ID - Drain Current (mA) 10
4
Siliconix P-37404--Rev. C, 04-Jul-94
J304/305
Typical Characteristics (Cont'd)
5
Common-Source Input Capacitance vs. Gate-Source Voltage
f = 1 MHz C rss - Reverse Feedback Capacitance (pF)
3
Common-Source Reverse Feedback Capacitance vs. Gate-Source Voltage
f = 1 MHz
C iss - Input Capacitance (pF)
4
2.4
3 VDS = 0 V
1.8 VDS = 0 V
2
1.2
1
VDS = 10 V
0.6
VDS = 10 V
0 0 -4 -8 -12 -16 -20 VGS - Gate-Source Voltage (V)
0 0 -4 -8 -12 -16 -20 VGS - Gate-Source Voltage (V)
100
Input Admittance
TA = 25_C VDS = 15 V VGS = 0 V Common Source
100
Forward Admittance
TA = 25_C VDS = 15 V VGS = 0 V Common Source
bis 10 gis
10 (mS) (mS)
gfs
1
1
-bfs
0.1 100
200
500
1000
0.1 100
200
500
1000
f - Frequency (MHz)
f - Frequency (MHz)
Reverse Admittance
10 TA = 25_C VDS = 15 V VGS = 0 V Common Source 1 (mS) (mS) -brs
10
Output Admittance
bos
1 gos
-grs 0.1 0.1 TA = 25_C VDS = 15 V VGS = 0 V Common Source 0.01 100 0.01 200 500 1000 100 200 500 1000 f - Frequency (MHz) f - Frequency (MHz)
Siliconix P-37404--Rev. C, 04-Jul-94
5
J304/305
Typical Characteristics (Cont'd)
20
Equivalent Input Noise Voltage vs. Frequency
VDS = 10 V
20
Output Conductance vs. Drain Current
VGS(off) = -3 V
(nV / Hz)
g os - Output Conductance ( mS)
16
16 TA = -55_C 12 25_C 125_C 4 VDS = 10 V f = 1 kHz 0
12
e n - Noise Voltage
8 ID = 5 mA VGS = 0 V 0 10 100 1k f - Frequency (Hz) 10 k 100 k
8
4
0.1
1 ID - Drain Current (mA)
10
6
Siliconix P-37404--Rev. C, 04-Jul-94


▲Up To Search▲   

 
Price & Availability of J305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X