Part Number Hot Search : 
AAMDA ISP1103 CS9DB102 D361K 74HC15 SMV2565A SMV2565A 50005
Product Description
Full Text Search
 

To Download IRFF430 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRFF430
Data Sheet March 1999 File Number 1894.4
2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET
This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. Formerly developmental type TA17415.
Features
* 2.75A, 500V * rDS(ON) = 1.500 * Single Pulse Avalanche Energy Rated * SOA is Power Dissipation Limited * Nanosecond Switching Speeds * Linear Transfer Characteristics * High Input Impedance * Related Literature - TB334 "Guidelines for Soldering Surface Mount Components to PC Boards"
Ordering Information
PART NUMBER IRFF430 PACKAGE TO-205AF BRAND IRFF430
Symbol
D
NOTE: When ordering, include the entire part number.
G
S
Packaging
JEDEC TO-205AF
DRAIN (CASE)
SOURCE
GATE
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
IRFF430
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified IRFF430 500 500 2.75 11 20 25 0.2 300 -55 to 150 300 260 UNITS V V A A V W W/oC mJ oC
oC oC
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .EAS Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ , TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to TJ = 125oC.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS ID(ON) IGSS rDS(ON) gfs td(ON) tr td(OFF) tf Qg(TOT) Qgs Qgd CISS COSS CRSS LD Measured from the Drain Lead, 5mm (0.2in) from Header to Center of Die Modified MOSFET Symbol Showing the Internal Device Measured from the Source Inductances Lead, 5mm (0.2in) from D Header and Source LD Bonding Pad
G LS S
TEST CONDITIONS VGS = 0V, ID = 250A (Figure 10) VGS = VDS , ID = 250A VDS = Rated BVDSS , VGS = 0V VDS = 0.8 x Rated BVDSS, VGS = 0V, TJ = 125oC VDS > ID(ON) x rDS(ON)MAX , VGS = 10V (Figure 7) VGS = 20V VGS = 10V, ID = 1.5A (Figures 8, 9) VDS 10V, ID = 2.7A (Figure 12) ID 2.75A, RG = 9.1, VDD = 225V, RL = 80, VGS = 10V (Figures 17, 18), MOSFET Switching Times are Essentially Independent of Operating Temperature
MIN 500 2.0 2.75 2.5 -
TYP 1.3 3.0 22 11 11 600 100 30 5.0
MAX 4.0 25 250 100 1.500 30 30 55 30 30 -
UNITS V V A A A nA S ns ns ns ns nC nC nC pF pF pF nH
Drain to Source Breakdown Voltage Gate to Threshold Voltage Zero-Gate Voltage Drain Current
On-State Drain Current (Note 2) Gate to Source Leakage Current Drain to Source On Resistance (Note 2) Forward Transconductance (Note 2) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge (Gate to Source + Gate to Drain) Gate to Source Charge Gate to Drain "Miller" Charge Input Capacitance Output Capacitance Reverse-Transfer Capacitance Internal Drain Inductance
VGS = 10V, ID 2.75A, VDS = 0.8 x Rated BVDSS, IG(REF) = 1.5mA (Figures 14, 19, 20), Gate Charge is Essentially Independent of Operating Temperature
-
VGS = 0V, VDS = 25V, f = 1.0MHz (Figure 11)
-
Internal Source Inductance
LS
-
15
-
nH
Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient
RJC RJA Free Air 0peration
-
-
5.0 175
oC/W oC/W
2
IRFF430
Source to Drain Diode Specifications
PARAMETER Continuous Source to Drain Current Pulse Source to Drain Current (Note 3) SYMBOL ISD ISDM TEST CONDITIONS Modified MOSFET Symbol Showing the Integral Reverse P-N Junction Rectifier
G D
MIN -
TYP -
MAX 2.75 11
UNITS A A
S
Source to Drain Diode Voltage (Note 2) Reverse Recovery Time Reverse Recovered Charge NOTES:
VSD trr QRR
TJ = 25oC, ISD = 2.75A, VGS = 0V (Figure 13) TJ = 150oC, ISD = 2.75A, dISD/dt = 100A/s TJ = 150oC, ISD = 2.75A, dISD/dt = 100A/s
-
800 4.6
1.4 -
V ns C
2. Pulse test: pulse width 300s, duty cycle 2%. 3. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3). 4. VDD = 50V, start TJ = 25oC, L = 69.42mH, RG = 50, peak IAS = 2.75A (Figures 15, 16).
Typical Performance Curves
1.2 POWER DISSIPATION MULTIPLIER 1.0
Unless Otherwise Specified
3.0
ID, DRAIN CURRENT (A) 0 50 100 150
2.4
0.8 0.6 0.4 0.2 0
1.8
1.2
0.6
0 25
50
75
100
125
150
TC, CASE TEMPERATURE (oC)
TC, CASE TEMPERATURE (oC)
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
1.0 ZJC, NORMALIZED TRANSIENT 0.5 THERMAL IMPEDANCE
0.2 0.1 0.1 0.05 0.02 0.01 10-2 10-5 SINGLE PULSE 10-4 10-3 10-2 0.1 t1 t2t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC x RJC + TC 1 10 PDM
t1, RECTANGULAR PULSE DURATION (s)
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
3
IRFF430 Typical Performance Curves
20 10 5 ID , DRAIN CURRENT (A) 10 s 100 s 1 OPERATION IN THIS AREA IS LIMITED BY rDS(ON) 0.1 TC = 25oC TJ = MAX RATED SINGLE PULSE 1 1ms 10ms 100ms DC ID , DRAIN CURRENT (A) 4 3 2 1 0 103 0 100 200 300 VDS, DRAIN TO SOURCE VOLTAGE (V) VGS = 4.5V
Unless Otherwise Specified (Continued)
6 VGS = 5.5V VGS = 10V 80s PULSE TEST VGS = 5V
VGS = 4V
0.01
10 102 VDS , DRAIN TO SOURCE VOLTAGE (V)
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
ID(ON) , ON-STATE DRAIN CURRENT (A)
5 80s PULSE TEST ID , DRAIN CURRENT (A) 4
VGS = 10V VGS = 5.5V VGS = 5V
5 VDS > ID(ON) x rDS(ON)MAX 80s PULSE TEST 4
3 VGS = 4.5V
3 TJ = 125oC TJ = 25oC TJ = -55oC 1
2
2
1
VGS = 4V
0 0 2 4 6 8 VDS , DRAIN TO SOURCE VOLTAGE (V) 10
0 0 1 2 3 4 5 6 7 VGS , GATE TO SOURCE VOLTAGE (V)
FIGURE 6. SATURATION CHARACTERISTICS
4 NORMALIZED DRAIN TO SOURCE ON RESISTANCE VGS = 10V rDS(ON) , DRAIN TO SOURCE VGS = 20V ON RESISTANCE 3 2.2
FIGURE 7. TRANSFER CHARACTERISTICS
VGS = 10V ID = 1.5A
1.8
1.4
2
1.0
0.6
1 0 5 10 15 20 25 ID , DRAIN CURRENT (A)
0.2 -40 0 40 80 120 160 TJ, JUNCTION TEMPERATURE (oC)
NOTE: Heating effect of 2s pulse is minimal. FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE VOLTAGE AND DRAIN CURRENT FIGURE 9. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
4
IRFF430 Typical Performance Curves
1.25 NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE
Unless Otherwise Specified (Continued)
2000 VGS = 0V, f = 1MHz CISS = CGS + CGD
1.15 C, CAPACITANCE (pF)
1600
CRSS = CGD COSS CDS + CGD
1.05
1200 CISS
0.95
800
0.85
400 CRSS
COSS
0.75 -40
0
40
80
120
160
0 1 10 20 30 40 VDS , DRAIN TO SOURCE VOLTAGE (V) 50
TJ , JUNCTION TEMPERATURE (oC)
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
5 ISD, SOURCE TO DRAIN CURRENT (A) 80s PULSE TEST gfs , TRANSCONDUCTANCE (S) 4 TJ = -55oC TJ = 25oC TJ = 125oC
100 80s PULSE TEST
TJ = 25oC TJ = 150oC
3
10
2
TJ = 150oC
1
TJ = 25oC 1 0 1 2 3 VSD , SOURCE TO DRAIN VOLTAGE (V) 4
0 0 1 2 3 ID , DRAIN CURRENT (A) 4 5
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
20 VGS , GATE TO SOURCE VOLTAGE (V) ID = 2.75A VDS = 400V VDS = 250V VDS = 100V
15
10
5
0 0 8 16 24 32 40 Qg(TOT) , TOTAL GATE CHARGE (nC)
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
5
IRFF430 Test Circuits and Waveforms
VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD
+
-
0V
IAS 0.01
0 tAV
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. UNCLAMPED ENERGY WAVEFORMS
tON td(ON) tr RL VDS
+
tOFF td(OFF) tf 90%
90%
RG DUT
-
VDD 0
10% 90%
10%
VGS VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 17. SWITCHING TIME TEST CIRCUIT
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
CURRENT REGULATOR
VDS (ISOLATED SUPPLY) VDD SAME TYPE AS DUT Qg(TOT) Qgd Qgs D VDS VGS
12V BATTERY
0.2F
50k 0.3F
G
DUT 0
IG(REF) 0 IG CURRENT SAMPLING RESISTOR
S VDS ID CURRENT SAMPLING RESISTOR IG(REF) 0
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
6
IRFF430
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
7


▲Up To Search▲   

 
Price & Availability of IRFF430

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X